Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ62P44 Datasheet(PDF) 9 Page - Texas Instruments

Part # AZ62P44
Description  DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AZ62P44 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AZ62P44 Datasheet HTML 5Page - Texas Instruments AZ62P44 Datasheet HTML 6Page - Texas Instruments AZ62P44 Datasheet HTML 7Page - Texas Instruments AZ62P44 Datasheet HTML 8Page - Texas Instruments AZ62P44 Datasheet HTML 9Page - Texas Instruments AZ62P44 Datasheet HTML 10Page - Texas Instruments AZ62P44 Datasheet HTML 11Page - Texas Instruments AZ62P44 Datasheet HTML 12Page - Texas Instruments AZ62P44 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
www.ti.com
ADS62P45, ADS62P44
ADS62P43, ADS62P42
SLAS561A – JULY 2007 – REVISED FEBRUARY 2008
TIMING CHARACTERISTICS – LVDS AND CMOS MODES (continued)
Typical values are specified at 25
°C, AVDD = DRVDD = 3.3 V, maximum rated sampling frequency, sine wave input clock,
1.5 VPP clock amplitude, CL = 5 pF, IO = 3.5 mA, RL = 100 Ω, no internal termination, unless otherwise noted.
Min and max values are specified across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.0 V to 3.6 V,
unless otherwise specified.
ADS62P45
ADS62P44
ADS62P43
ADS62P42
FS = 125 MSPS
FS = 105 MSPS
FS = 80 MSPS
FS = 65 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
50% of CLKOUT rising
Data hold
th
edge to data becoming
2.0
3.5
2.7
4.2
4.2
5.7
5.6
7.1
ns
time(5)
invalid(8)
Clock
Input clock rising edge
tPDI
propagation
zero-cross to 50% of
5.8
7.3
8.8
5.8
7.3
8.8
5.8
7.3
8.8
5.8
7.3
8.8
ns
delay
CLKOUT rising edge
Duty cycle of output
Output clock
clock (CLKOUT)
45%
53%
60%
45%
53%
60%
45%
53%
60%
45%
53%
60%
duty cycle
10
≤ Fs ≤ 125 MSPS
Rise time measured
from 20% to 80% of
Data rise
DRVDD
tr
time
Fall time measured
1.0
1.8
2.5
1.0
1.8
2.5
1.0
1.8
2.5
1.0
1.8
2.5
ns
tf
Data fall
from 80% to 20% of
time
DRVDD
1
≤ Fs ≤ 125 MSPS
Rise time measured
from 20% to 80% of
tCLKRI
Output clock
DRVDD
SE
rise time
Fall time measured
1.0
1.8
2.5
1.0
1.8
2.5
1.0
1.8
2.5
1.0
1.8
2.5
ns
tCLKFA
Output clock
from 80% to 20% of
LL
fall time
DRVDD
1
≤ Fs ≤ 125 MSPS
Timing Characteristics at Lower Sampling Frequencies
Sampling
tPDI CLOCK PROPAGATION DELAY,
frequency,
tsu DATA SETUP TIME, ns
th DATA HOLD TIME, ns
ns
MSPS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
CMOS INTERFACE, DRVDD = 2.5 V TO 3.6 V
40
10.5
12
10.3
11.8
5.8
7.3
8.8
20
23
24.5
23
24.5
LVDS INTERFACE, DRVDD = 3.0 V to 3.6 V
40
8.5
10
1
2.3
3.5
5.5
7.5
20
21
22.5
1
2.3
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS62P45, ADS62P44 ADS62P43, ADS62P42


Similar Part No. - AZ62P44

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ6208B BCDSEMI-AZ6208B Datasheet
193Kb / 10P
   REVERSIBLE MOTOR DRIVER
AZ6208BM BCDSEMI-AZ6208BM Datasheet
193Kb / 10P
   REVERSIBLE MOTOR DRIVER
AZ6208BM-E1 BCDSEMI-AZ6208BM-E1 Datasheet
193Kb / 10P
   REVERSIBLE MOTOR DRIVER
AZ6208BMTR BCDSEMI-AZ6208BMTR Datasheet
193Kb / 10P
   REVERSIBLE MOTOR DRIVER
AZ6208BMTR-E1 BCDSEMI-AZ6208BMTR-E1 Datasheet
193Kb / 10P
   REVERSIBLE MOTOR DRIVER
More results

Similar Description - AZ62P44

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
NXP Semiconductors
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com