Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

383L822M063N042 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 383L822M063N042
Description  105 ?C High-Ripple Snap-In
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

383L822M063N042 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  383L822M063N042 Datasheet HTML 1Page - List of Unclassifed Manufacturers 383L822M063N042 Datasheet HTML 2Page - List of Unclassifed Manufacturers 383L822M063N042 Datasheet HTML 3Page - List of Unclassifed Manufacturers 383L822M063N042 Datasheet HTML 4Page - List of Unclassifed Manufacturers 383L822M063N042 Datasheet HTML 5Page - List of Unclassifed Manufacturers 383L822M063N042 Datasheet HTML 6Page - List of Unclassifed Manufacturers 383L822M063N042 Datasheet HTML 7Page - List of Unclassifed Manufacturers 383L822M063N042 Datasheet HTML 8Page - List of Unclassifed Manufacturers 383L822M063N042 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types 381L, 383L, 381LX & 383LX 105 ºC High-Ripple Snap-In
Top performance in power supplies and motor drives
4 times the life of Type 380L/LX
2, 4 and 5 leads available
Big selection of 42 case sizes
Specifications
Operating Temperature:
Rated Voltage:
Capacitance:
Leakage Current:
Ripple Current Multipliers:
–40 °C to +105 °C up to 315 Vdc, –25 °C 350 Vdc and up
10 to 450 Vdc
33 µF to 150,000 µF ±20%
≤3√CV µA
Ambient Temperature
EIA Ripple Life:
Load Life Test:
Shelf Life:
Vibration:
12,000 h @ 85 °C, Full load as per EIA IS-749
Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
3,000 h @ 105 ºC, Full load
Capacitance ±10%
ESR 125% of limit
DCL 100% of limit
1,000 h @ 105 °C
Capacitance ±20%
DF 200% of limit
DCL 100% of limit
10 to 55 Hz, 0.06” and 10 g max, 2 h in each plane
Frequency
2-pin Types: 381L and 381LX. 4-pin or 5-pin Types: 383L and 383LX
Adding longer-life and more ripple capability to the excellent val-
ue of Type 380L/LX capacitors, the 381L/LX readily handles tough
switching power supply input and output circuits and motor-drive bus
capacitor applications where the high surface area of multiple units in
parallel equals the ripple capability of our Type 520C inverter-grade
capacitor. Type 381LX delivers more capacitance per can size while
Type 381L gives lower ESR for the same capacitance rating. Type
383L gives the choice of 4 or 5 leads for stable, reverseproof mount-
ing. Type 383LX has 5 leads available.
Highlights
45 °C
60 °C
70 °C
85 °C
105°C
381L
2.70
2.60
2.50
2.10
1.00
381LX,
383 LX
2.35
2.20
2.00
1.70
1.00
50 Hz
60 Hz
120 Hz 500 Hz
1 kHz
5 kHz
& up
10-100 Vdc
0.93
0.95
1.00
1.05
1.08
1.15
160-450 Vdc
0.75
0.80
1.00
1.20
1.25
1.40
Complies with the EU Directive
2 0 0 2 / 9 5 / E C r e q u i r e m e n t
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB)
and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - 383L822M063N042

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
383L822M063N042 ETC2-383L822M063N042 Datasheet
660Kb / 11P
   Top performance in power supplies and motor drives
logo
Cornell Dubilier Electr...
383L822M063N042 CDE-383L822M063N042 Datasheet
979Kb / 11P
   Top performance in power supplies and motor drives
383L822M063N042 CDE-383L822M063N042 Datasheet
1Mb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
More results

Similar Description - 383L822M063N042

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LQ ETC-381LQ Datasheet
556Kb / 7P
   105 C Compact, High-Ripple Snap-in
381LR ETC2-381LR Datasheet
214Kb / 3P
   105 째C Ultra-High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYH VISHAY-EYH Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
logo
Cornell Dubilier Electr...
381LR CDE-381LR Datasheet
214Kb / 3P
   Ultra-High-Ripple Snap-in More Ripple Current Capability
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com