Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2016D2YZHR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2016D2YZHR
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2YZHR Datasheet(HTML) 3 Page - Texas Instruments

  TPA2016D2YZHR Datasheet HTML 1Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 2Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 3Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 4Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 5Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 6Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 7Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 8Page - Texas Instruments TPA2016D2YZHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS TABLE
(1)
TPA2016D2
www.ti.com ............................................................................................................................................................. SLOS524B – JUNE 2008 – REVISED JUNE 2008
TERMINAL FUNCTIONS
TERMINAL
I/O/P
DESCRIPTION
NAME
WCSP
INR+
A2
I
Right channel positive audio input
INR–
A1
I
Right channel negative audio input
INL+
A3
I
Left channel positive audio input
INL–
A4
I
Left channel negative audio input
SDZ
C2
I
Shutdown terminal (active low)
SDA
B3
I/O
I2C data interface
SCL
B2
I
I2C clock interface
OUTR+
D1
O
Right channel positive differential output
OUTR–
D2
O
Right channel negative differential output
OUTL+
D4
O
Left channel positive differential output
OUTL–
D3
O
Left channel negative differential output
AVDD
B1
P
Analog supply (must be the same as PVDDR and PVDDL)
AGND
B4
P
Analog ground (all GND pins need to be connected)
PVDDR
C1
P
Right channel power supply (must be the same as AVDD and PVDDL)
PGND
C3
P
Power ground (all GND pins need to be connected)
PVDDL
C4
P
Left channel power supply (must be the same as AVDD and PVDDR)
over operating free-air temperature range (unless otherwise noted).
VALUE / UNIT
VDD
Supply voltage
AVDD, PVDDR, PVDDL
–0.3 V to 6.0 V
SDZ, INR+, INR–, INL+, INL–
–0.3 V to VDD+0.3 V
Input voltage
SDA, SCL
–0.3 V to 6.0 V
See Dissipation Ratings
Continuous total power dissipation
Table
TA
Operating free-air temperature range
–40°C to +85°C
TJ
Operating junction temperature range
–40°C to +150°C
Tstg
Storage temperature range
–65°C to +150°C
ESD
Electro-Static Discharge Tolerance, all pins
Human Body Model (HBM)
2 KV
Charged Device Model (CDM)
500 V
RLOAD Minimum load resistance
6.4
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
TA ≤ +25°C
DERATING FACTOR
TA = +70°C
TA = +85°C
16-ball WCSP
1.25 W
10 mW/°C
0.8 W
0.65 W
(1)
Dissipations ratings are for a 2-side, 2-plane PCB.
Copyright © 2008, Texas Instruments Incorporated
3
Product Folder Link(s): TPA2016D2


Similar Part No. - TPA2016D2YZHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2016D2YZHR TI1-TPA2016D2YZHR Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2YZHR TI1-TPA2016D2YZHR Datasheet
1Mb / 46P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
More results

Similar Description - TPA2016D2YZHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2017D2 TI-TPA2017D2 Datasheet
780Kb / 20P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
TPA2016D2 TI1-TPA2016D2_17 Datasheet
1Mb / 46P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2012 EUTECH-EUA2012 Datasheet
159Kb / 1P
   2.7-W/CH Stereo Filter-less Class-D Audio Power Amplifier
logo
Lyontek Inc.
LY8210 LYONTEK-LY8210 Datasheet
1Mb / 20P
   2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
logo
Fairchild Semiconductor
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
   Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com