Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8809PAP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8809PAP
Description  COMBINATION MOTOR DRIVERS WITH DC-DC CONVERTERS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8809PAP Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8809PAP Datasheet HTML 7Page - Texas Instruments DRV8809PAP Datasheet HTML 8Page - Texas Instruments DRV8809PAP Datasheet HTML 9Page - Texas Instruments DRV8809PAP Datasheet HTML 10Page - Texas Instruments DRV8809PAP Datasheet HTML 11Page - Texas Instruments DRV8809PAP Datasheet HTML 12Page - Texas Instruments DRV8809PAP Datasheet HTML 13Page - Texas Instruments DRV8809PAP Datasheet HTML 14Page - Texas Instruments DRV8809PAP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Serial Interface
DRV8809
DRV8810
www.ti.com ............................................................................................................................................................... SLVS854A – JULY 2008 – REVISED JULY 2008
ELECTRICAL CHARACTERISTICS (continued)
TJ = 0°C to 120°C, VM = 7 V to 40 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Stepper and DC Motor Drivers
tr
Rise time
VM = 27 V
100
300
ns
tf
Fall time
20% to 80%
100
300
ns
Enable or strobe detection to
tPDOFF
50
150
400
ns
sink or source gate off delay
Crossover delay time, to prevent
tCOD
100
600
1000
ns
shoot through
Enable or strobe detection to
tPDON
750
ns
sink or source gate on delay
DC Motor Drivers
TBLNK = (0,0) for Min, (1,1) for Max,
tblank
Blanking time
1.6
5.65
µs
fCHOP = 100 kHz
twPminp
Minimum pulse duration (phase)
1
µs
twPmine
Minimum pulse duration (enable)
1
µs
Serial Interface
f(CLK)
Clock frequency
1
25
MHz
twh(CLK)
Minimum high-level pulse width
10
ns
twl(CLK)
Minimum low-level pulse width
10
ns
tsu
Setup time, data to CLK
10
ns
th
Hold time, CLK
↓ to data
10
ns
tcs
CLK
↓ to STROBE↑
10
ns
tsc
STROBE
↓ to CLK↑
10
ns
tw(STRB)
Minimum strobe pulse duration
20
ns
tss_min
Strobe mask time from nSLEEP
1.5
4
µs
Serial Interface: ID Monitor Function at LOGIC_OUT, Extended Setup Mode
0 data output delay bit 3 to bit 0
From strobe rise to LOGIC_OUT,
tODL
4000
ns
(ext-setup) = (1100)
1 k
Ω to external 3.3 V
1 data output delay bit 3 to bit 0
From strobe rise to LOGIC_OUT,
tODH
4000
ns
(ext-setup) = (1111)
1 k
Ω to external 3.3 V
The device has two serial interface circuit blocks for stepper motor driving control. These two serial interfaces
provide controls to each motor driver independently.
CLKAB
Serial clock for H-bridge A, B
DATAAB
Serial data for H-bridge A, B
STROBEAB
Strobe input for H-bridge A, B
CLKCD
Serial clock for H-bridge C, D
DATACD
Serial data for H-bridge C, D
STROBECD
Strobe signal for H-bridge C, D
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DRV8809 DRV8810


Similar Part No. - DRV8809PAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI1-DRV8800 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800A0RTY TI-DRV8800A0RTY Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800PWP TI-DRV8800PWP Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
More results

Similar Description - DRV8809PAP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TJ100F06M3L TOSHIBA-TJ100F06M3L Datasheet
325Kb / 10P
   DC-DC Converters Motor Drivers
TJ200F04M3L TOSHIBA-TJ200F04M3L Datasheet
329Kb / 11P
   DC-DC Converters Motor Drivers
TJ100F04M3L TOSHIBA-TJ100F04M3L Datasheet
313Kb / 10P
   DC-DC Converters Motor Drivers
logo
KEC(Korea Electronics)
KTC3552T KEC-KTC3552T Datasheet
88Kb / 3P
   DC-DC CONVERTERS RELAY DRIVERS, LAMP DRIVERS, MOTOR DRIVERS, STROBES APPLICATION
logo
Toshiba Semiconductor
TPN1600ANH TOSHIBA-TPN1600ANH Datasheet
235Kb / 9P
   DC-DC Converters Switching Voltage Regulators Motor Drivers
TPN22006NH TOSHIBA-TPN22006NH Datasheet
231Kb / 9P
   Switching Voltage Regulators Motor Drivers DC-DC Converters
TK70J04K3Z TOSHIBA-TK70J04K3Z Datasheet
244Kb / 9P
   Switching Voltage Regulators DC-DC Converters Motor Drivers
TJ30S06M3L TOSHIBA-TJ30S06M3L Datasheet
245Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ50S06M3L TOSHIBA-TJ50S06M3L Datasheet
244Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ40S04M3L TOSHIBA-TJ40S04M3L Datasheet
241Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com