Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2016D2RGPR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPA2016D2RGPR
Description  1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2016D2RGPR Datasheet(HTML) 2 Page - Texas Instruments

  TPA2016D2RGPR Datasheet HTML 1Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 2Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 3Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 4Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 5Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 6Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 7Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 8Page - Texas Instruments TPA2016D2RGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
I
2
C Interface
& Control
INL+
INL-
SDA
OUTL+
OUTL-
SDZ
INR+
INR-
SCL
Class-D
Modulator
Volume
Control
Differential
Input Left
C IN
1uF
Differential
Input Right
C IN
1uF
I
2
C Interface
IC shutdown
Power
Stage
AGC
Reference
Volume
Control
Power
Stage
OUTR+
OUTR-
AGND
PGND
Bias and
References
AVDD
PVDDR
PVDDL
AGC
Class-D
Modulator
DEVICE PINOUT
PGND
OUTL–
OUTR–
OUTR+
INL–
INR+
INL+
INR–
AGND
SDA
SCL
AVDD
PVDDL
SDZ
PVDDR
OUTL+
D 1
D 2
D 3
D 4
C 1
C 2
C 3
C 4
B1
B3
B4
B2
A1
A2
A3
A4
YZH(WCSP)PACKAGE
(TopView)
TPA2016D2
SLOS524B – JUNE 2008 – REVISED JUNE 2008 ............................................................................................................................................................. www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
FUNCTIONAL BLOCK DIAGRAM
2
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2016D2


Similar Part No. - TPA2016D2RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 46P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
TPA2016D2RTJT TI1-TPA2016D2RTJT Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2RTJT TI1-TPA2016D2RTJT Datasheet
1Mb / 46P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
More results

Similar Description - TPA2016D2RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2017D2 TI-TPA2017D2 Datasheet
780Kb / 20P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
TPA2016D2 TI1-TPA2016D2_17 Datasheet
1Mb / 46P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2012 EUTECH-EUA2012 Datasheet
159Kb / 1P
   2.7-W/CH Stereo Filter-less Class-D Audio Power Amplifier
logo
Lyontek Inc.
LY8210 LYONTEK-LY8210 Datasheet
1Mb / 20P
   2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
logo
Fairchild Semiconductor
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
   Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com