Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

125463U020AE1B Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 125463U020AE1B
Description  Type 125 -55 쨘C to 125 쨘C, Ultra-High Temperature, Military Grade
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

125463U020AE1B Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  125463U020AE1B Datasheet HTML 1Page - Cornell Dubilier Electronics 125463U020AE1B Datasheet HTML 2Page - Cornell Dubilier Electronics 125463U020AE1B Datasheet HTML 3Page - Cornell Dubilier Electronics 125463U020AE1B Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type 125 –55 ºC to +125 ºC, Ultra-High Temperature, Military Grade
The Pace-Setter for Long Life and High Temperature
Exceeding the requirements of military aluminum
electrolytic large can capacitors, the Type 125 performs
in the most demanding filter applications delivering
the longest life and the lowest leakage in low-voltage,
aluminum-electrolytic capacitors. It’s the choice for
output capacitors in high temperature and military
power supplies.
Highlights
Now 5000 hour load life
Ripple Current to 50 amps
ESRs to 4m
Ω
>90% capacitance at –40 ºC
Operates at +125 ºC
Specifications
Operating Temperature:
Rated Voltage:
Capacitance:
Capacitance Tolerance:
Leakage Current:
Cold Impedance:
Ripple Current Multipliers:
–55 ºC to +125 ºC
5 to 40 Vdc
2600 µF to 190,000 µF
–10 +75%
≤0.003 CV µA @ +25 ºC; ≤0.009 CV @ +125ºC
–55 ºC Multiple of +25 ºC Z ≤2
Ambient Temperature
+45 ºC +55 ºC +65 ºC +75 ºC +85 ºC 95 ºC
105 ºC
1.80
1.63
1.45
1.25
1.00 0.87
0.71
Frequency
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz 10 kHz & Up
0.85
0.87
1.00
1.10
1.22 1.32
1.33
5,000 h at full load @ 85 ºC per EIA IS-749
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
5,000 h at +125ºC and rated voltage
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
500 h @ 105 VC, capacitance, ESR and DCL,
initial requirements
10 to 55 Hz, 0.06” and 10 g max, 1.5 h each of 2
axis
EIA Ripple Life:
Life Test:
Shelf Life:
Vibration:
Complies with the EU Directive
2 0 0 2 / 9 5 / E C r e q u i r e m e n t
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB)
and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - 125463U020AE1B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
125463U020AE1B ETC2-125463U020AE1B Datasheet
277Kb / 4P
   The Pace-Setter for Long Life and High Temperature
logo
Cornell Dubilier Electr...
125463U020AE1B CDE-125463U020AE1B Datasheet
805Kb / 5P
   The Pace-Setter for Long Life and High Temperature
More results

Similar Description - 125463U020AE1B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
125253U005AK1B CDE-125253U005AK1B Datasheet
178Kb / 5P
   Type 125 ??5 쨘C to 125 쨘C, Ultra-High Temperature, Military Grade
logo
Amphenol Corporation
LTR-90 AMPHENOL-LTR-90 Datasheet
92Kb / 4P
   ??5 쨘C to 140 쨘C Ultra-Cool Dry Block Calibrator
logo
Epson ToYoCom
TG-5510CA EPSONTOYOCOM-TG-5510CA Datasheet
392Kb / 1P
   TCXO HIGH STABILITY 105 쨘C HIGH TEMPERATURE
logo
Murata Manufacturing Co...
GRM188D70G226ME01 MURATA1-GRM188D70G226ME01_V01 Datasheet
177Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
GRM55DR7LV474KW01 MURATA1-GRM55DR7LV474KW01 Datasheet
177Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
GRM022C71A103KE01 MURATA1-GRM022C71A103KE01 Datasheet
176Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
GRM188D70J226ME01 MURATA1-GRM188D70J226ME01_V01 Datasheet
180Kb / 2P
   Operating Temperature Range -55??to 125?
GRM022C71A103ME01 MURATA1-GRM022C71A103ME01_V01 Datasheet
176Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
GRM022C80J103ME01 MURATA1-GRM022C80J103ME01_V01 Datasheet
176Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
GRM43DR7LV224KW01 MURATA1-GRM43DR7LV224KW01 Datasheet
177Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com