Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

380LQ183M016H032 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 380LQ183M016H032
Description  Compact, High-Capacitance Snap-in
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LQ183M016H032 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  380LQ183M016H032 Datasheet HTML 1Page - Cornell Dubilier Electronics 380LQ183M016H032 Datasheet HTML 2Page - Cornell Dubilier Electronics 380LQ183M016H032 Datasheet HTML 3Page - Cornell Dubilier Electronics 380LQ183M016H032 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LQ183M016H032 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LQ183M016H032 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 380LQ 85 ºC Compact, High-Capacitance Snap-in
Specifications
Operating Temperature:
–40 °C to + 85 °C 315 Vdc
–25 °C to + 85 °C 350 Vdc
Rated Voltage:
16 to 450 Vdc
Capacitance:
82 µF to 100,000 µF ± 20%
Leakage Current:
3 CV µA, 4 mA max, 5 minutes
Ripple Current Multipliers:
Ambient Temperature
Frequency
Load LifeTest:
2000 h at full load at 85 °C
Capacitance ± 20%
ESR 200% of limit
DCL 100% of limit
EIA Ripple Life:
2000 h at 85 °C, full load per EIA IS-749
Capacitance –20%
ESR 200% of limit
DCL 100% of limit
Shelf Life:
1000 h at 85 °C
Capacitance ± 20%
ESR 200% of limit
DCL 100% of limit
Vibration:
10 to 55 Hz, 0.06" and 10 g max, 2 h each plane
Type 380LQ is on average 27% smaller and more than
10 mm shorter than Type 380LX. This is achieved with a
new can-closure method that permits installing capacitor
elements into smaller cans. Approaching the capability of
the380LX,thenew380LQenablesyoutoshrinkequipment
size and retain the original performance.
Highlights
• New, more capacitance per case
• Compare to Type 380LX
• New, lower voltages down to 16 V
27% Smaller for Same Capacitance
45 ºC
60 ºC
70 ºC
85 ºC
1.50
1.46
1.30
1.00
Freq. Hz
50 Hz 60 Hz 120 Hz 500 Hz 1 kHz
10 kHz
& Up
16 – 100 WV
0.93
0.95
1.00
1.05 1.08
1.15
160 – 450 WV 0.75 0.80
1.00
1.20 1.25
1.40
Complies with the EU Directive
2002/95/EC requirement
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls
(PBB) and PolyBrominated
Diphenyl Ethers (PBDE).


Similar Part No. - 380LQ183M016H032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LQ183M016H032 ETC2-380LQ183M016H032 Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Cornell Dubilier Electr...
380LQ183M016H032 CDE-380LQ183M016H032 Datasheet
626Kb / 10P
   High Capacitance per Case Size
More results

Similar Description - 380LQ183M016H032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
logo
Cornell Dubilier Electr...
381LQ CDE-381LQ Datasheet
439Kb / 7P
   Compact, High-Ripple Snap-in Smaller for Same Capacitance
380L CDE-380L Datasheet
464Kb / 12P
   High-Capacitance Snap-In
logo
List of Unclassifed Man...
380LX472M016H202 ETC2-380LX472M016H202 Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
381LQ ETC-381LQ Datasheet
556Kb / 7P
   105 C Compact, High-Ripple Snap-in
logo
ALPS ELECTRIC CO.,LTD.
SKHL ALPS-SKHL Datasheet
215Kb / 4P
   6횞3.5mm Compact (Snap-in Type)
SKHR ALPS-SKHR Datasheet
191Kb / 3P
   4.5mm Square Compact (Snap-in Type)
logo
List of Unclassifed Man...
380LX473M016K052 ETC2-380LX473M016K052 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Tyco Electronics
1EAS1 MACOM-1EAS1 Datasheet
292Kb / 2P
   Snap-In Compact RFI Filter IEC Connector Package
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com