Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

125114U7R5AD1B Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 125114U7R5AD1B
Description  Type 125 -55 쨘C to 125 쨘C, Ultra-High Temperature, Military Grade
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

125114U7R5AD1B Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  125114U7R5AD1B Datasheet HTML 1Page - Cornell Dubilier Electronics 125114U7R5AD1B Datasheet HTML 2Page - Cornell Dubilier Electronics 125114U7R5AD1B Datasheet HTML 3Page - Cornell Dubilier Electronics 125114U7R5AD1B Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type 125 –55 ºC to +125 ºC, Ultra-High Temperature, Military Grade
Part Numbering System
125
333
U
7R5
AA
1
B
Type
Capacitance
Tolerance
Voltage
Case Code
Insulation
Terminal
100 = 10 µF
U = –10% +75% 6R3 = 6.3 Vdc See Ratings
0 = None
A = Low Post
101 = 100 µF
063 = 63 Vdc
Table
1 = Polyester B = High Post
100 = 100 Vdc
Typical Performance Curves
Impedance vs. Frequency - 14,000 µF 7.5 Vdc
Frequency (Hz)
Frequency (Hz)
100
10k
100k
1000
1M
10M
100
1000
10K
100K
1M
10M
0.001
0.01
0.1
1.0
10
0.001
0.01
0.1
1.0
10
Impedance vs. Frequency - 5700 µF 40 Vdc
Type 125 Operating Life in Kilohours vs. Ripple Current
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
1
Rated Ripple-Current Multiple
105 ºC
95 ºC
85 ºC
75 ºC
65 ºC
55 ºC
45 ºC
1.1 1.2 1.3 1.4 1.5
10
100
1000


Similar Part No. - 125114U7R5AD1B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
125114U7R5AD1B ETC2-125114U7R5AD1B Datasheet
277Kb / 4P
   The Pace-Setter for Long Life and High Temperature
logo
Cornell Dubilier Electr...
125114U7R5AD1B CDE-125114U7R5AD1B Datasheet
178Kb / 5P
   Type 125 ??5 쨘C to 125 쨘C, Ultra-High Temperature, Military Grade
125114U7R5AD1B CDE-125114U7R5AD1B Datasheet
805Kb / 5P
   The Pace-Setter for Long Life and High Temperature
More results

Similar Description - 125114U7R5AD1B

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
125253U005AK1B CDE-125253U005AK1B Datasheet
178Kb / 5P
   Type 125 ??5 쨘C to 125 쨘C, Ultra-High Temperature, Military Grade
logo
Amphenol Corporation
LTR-90 AMPHENOL-LTR-90 Datasheet
92Kb / 4P
   ??5 쨘C to 140 쨘C Ultra-Cool Dry Block Calibrator
logo
Epson ToYoCom
TG-5510CA EPSONTOYOCOM-TG-5510CA Datasheet
392Kb / 1P
   TCXO HIGH STABILITY 105 쨘C HIGH TEMPERATURE
logo
Murata Manufacturing Co...
GRM188D70G226ME01 MURATA1-GRM188D70G226ME01_V01 Datasheet
177Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
GRM55DR7LV474KW01 MURATA1-GRM55DR7LV474KW01 Datasheet
177Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
GRM022C71A103KE01 MURATA1-GRM022C71A103KE01 Datasheet
176Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
GRM188D70J226ME01 MURATA1-GRM188D70J226ME01_V01 Datasheet
180Kb / 2P
   Operating Temperature Range -55??to 125?
GRM022C71A103ME01 MURATA1-GRM022C71A103ME01_V01 Datasheet
176Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
GRM022C80J103ME01 MURATA1-GRM022C80J103ME01_V01 Datasheet
176Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
GRM43DR7LV224KW01 MURATA1-GRM43DR7LV224KW01 Datasheet
177Kb / 2P
   Operating Temperature Range -55??to 125?
11/23/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com