Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPW510CS Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NSPW510CS
Description  WHITE LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPW510CS Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NSPW510CS Datasheet HTML 6Page - NICHIA CORPORATION NSPW510CS Datasheet HTML 7Page - NICHIA CORPORATION NSPW510CS Datasheet HTML 8Page - NICHIA CORPORATION NSPW510CS Datasheet HTML 9Page - NICHIA CORPORATION NSPW510CS Datasheet HTML 10Page - NICHIA CORPORATION NSPW510CS Datasheet HTML 11Page - NICHIA CORPORATION NSPW510CS Datasheet HTML 12Page - NICHIA CORPORATION NSPW510CS Datasheet HTML 13Page - NICHIA CORPORATION NSPW510CS Datasheet HTML 14Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
-30°C
0°C
25°C
50°C
85°C
Ta=25°C
IFP=20mA
30°
0.5
90°
60°
1.0
10° 20°
30°
40°
50°
60°
70°
80°
90°
350
450
550
750
650
1.2
1.0
0.8
0.4
0.2
0
0.6
1.0
0.5
0
0.29 0.30 0.31 0.32 0.33 0.34
0.35
0.33
0.30
0.34
0.32
0.31
0.29 0.30 0.31 0.32 0.33 0.34
0.35
0.34
0.33
0.31
0.30
0.32
Ambient Temperature vs.
Chromaticity Coordinate
Directivity
Spectrum
Forward Current vs.
Chromaticity Coordinate
Radiation Angle
x
Wavelength
λ (nm)
x
1mA
20mA
50mA
100mA
5mA
Ta=25°C
IFP=20mA
Ta=25°C
IF=20mA
Model
NSPW510CS
NICHIA CORPORATION Title
No.
051118547471
CHARACTERISTICS


Similar Part No. - NSPW510CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPW510BS ETC-NSPW510BS Datasheet
434Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
NICHIA CORPORATION
NSPW510DS NICHIA-NSPW510DS Datasheet
197Kb / 15P
   WHITE LED
logo
Marl International Limi...
NSPW510DS MARL-NSPW510DS Datasheet
480Kb / 14P
   WHITE LED
NSPW510DS-D1 MARL-NSPW510DS-D1 Datasheet
517Kb / 14P
   WHITE LED
logo
NICHIA CORPORATION
NSPW510DS-D1 NICHIA-NSPW510DS-D1 Datasheet
217Kb / 16P
   SPECIFICATIONS FOR WHITE LED
More results

Similar Description - NSPW510CS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW500DS NICHIA-NSPW500DS Datasheet
204Kb / 15P
   WHITE LED
NSPW500GS-K1 NICHIA-NSPW500GS-K1 Datasheet
185Kb / 15P
   WHITE LED
logo
Lucky Light Electronic
LL-804WC2C-W2-3SD LUCKY-LIGHT-LL-804WC2C-W2-3SD Datasheet
232Kb / 8P
   White LED
logo
Marl International Limi...
NSPW315DS MARL-NSPW315DS Datasheet
206Kb / 15P
   WHITE LED
NSPW500DS MARL-NSPW500DS Datasheet
420Kb / 15P
   WHITE LED
NSPW515DS MARL-NSPW515DS Datasheet
195Kb / 15P
   WHITE LED
logo
List of Unclassifed Man...
NFSW036T ETC-NFSW036T Datasheet
822Kb / 14P
   WHITE LED
logo
Lucky Light Electronic
LL-484WC1F-W0-1J LUCKY-LIGHT-LL-484WC1F-W0-1J_15 Datasheet
205Kb / 7P
   White LED
logo
NICHIA CORPORATION
NC2W170CT NICHIA-NC2W170CT Datasheet
296Kb / 19P
   WHITE LED
NESW146AT NICHIA-NESW146AT Datasheet
286Kb / 18P
   WHITE LED
NFSW757DT-V1M3 NICHIA-NFSW757DT-V1M3 Datasheet
272Kb / 18P
   WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com