Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

066223U6R3HS2 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 066223U6R3HS2
Description  Type 066/066R 85 째C & 105 째C, Standard, Axial Leaded, Aluminum
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

066223U6R3HS2 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  066223U6R3HS2 Datasheet HTML 1Page - Cornell Dubilier Electronics 066223U6R3HS2 Datasheet HTML 2Page - Cornell Dubilier Electronics 066223U6R3HS2 Datasheet HTML 3Page - Cornell Dubilier Electronics 066223U6R3HS2 Datasheet HTML 4Page - Cornell Dubilier Electronics 066223U6R3HS2 Datasheet HTML 5Page - Cornell Dubilier Electronics 066223U6R3HS2 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Type 066/066R 85 °C & 105 °C, Standard, Axial Leaded, Aluminum
85 °C & 105 °C, Standard
Ideal for general purpose use where long life at rated
temperature and operating voltage are important.
Type 066 is equipped with a molded top and uses
an o-ring to ensure a long life seal and an expected
life of more than ten years in most applications.
Type 066X has extra capacitance. Type 066R has
lower ESR and higher ripple capability.
Highlights
Long life, more than ten years in most applications
Molded top
Low DCL
High Ripple
General purpose
Specifications
Operating Temperature:
40 °C to +85 °C (Type 066R
40 °C to +105 °C)
Rated Voltage:
6.3 to 450 Vdc
Capacitance:
8.2 F to 68,000 F
Capacitance Tolerance:
10 + 75%
Leakage Current:
0.005 CV A @ +25 °C,
0.04 CV A @ 85 °C
Ripple Current Multipliers:
Ambient Temperature
Frequency
50 Hz
60 Hz
120 Hz
360 Hz 1 kHz
5 kHz
10 kHz+
0-60 F
0.85
1.00
1.10
1.15
1.15
1.15
1.15
61-200 F
0.83
1.00
1.15
1.20
1.20
1.20
1.20
201-450 F
0.80
1.00
1.15
1.30
1.30
1.30
1.30
Type
45 °C
55 °C
65 °C
75 °C
85 °C
95 °C
105 °C
066
2.24
2.00
1.73
1.41
1.00
0.0
0.0
066R
1.68
1.54
1.38
1.21
1.00
0.74
0.30
Load Life:
1,000 h @ +85 °C
Capacitance
10%
ESR 150% of limit
DCL 100% of limit
Shelf Life:
100 h at 85 °C, capacitance, ESR and DCL, initial requirements
Vibration:
10 to 55 Hz; 0.06” and 10 g max, 2 h. in each plane
Outline Drawings
1.5” min
(38mm min)
L
d
D
d = 20 AWG for D < 0.75”, 18 AWG for D
0.75”
1.5” min
(38mm min)
CDM Cornell Dubilier • 140 Technology Place. • Liberty, SC• 29657 • Phone: (864)843-2277 • Fax: (864) 843-3800 • www.cde.com


Similar Part No. - 066223U6R3HS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
066223U6R3HS2 ETC2-066223U6R3HS2 Datasheet
75Kb / 6P
   Standard, Axial Leaded, Aluminum
More results

Similar Description - 066223U6R3HS2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
   Type 057 105 째C Military Grade, Axial Leaded, Aluminum
logo
Vishay Siliconix
TVATOM VISHAY-TVATOM Datasheet
78Kb / 5P
   Aluminum Capacitors 85 째C, Miniature, Axial Lead
logo
Cornell Dubilier Electr...
4CMC333M016AK8 CDE-4CMC333M016AK8 Datasheet
484Kb / 7P
   Type 4CMC 85 째C, High-Cap, Radial Leaded, Aluminum Electrolytic
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com