Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPRR70ASS Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NSPRR70ASS
Description  RED LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPRR70ASS Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NSPRR70ASS Datasheet HTML 3Page - NICHIA CORPORATION NSPRR70ASS Datasheet HTML 4Page - NICHIA CORPORATION NSPRR70ASS Datasheet HTML 5Page - NICHIA CORPORATION NSPRR70ASS Datasheet HTML 6Page - NICHIA CORPORATION NSPRR70ASS Datasheet HTML 7Page - NICHIA CORPORATION NSPRR70ASS Datasheet HTML 8Page - NICHIA CORPORATION NSPRR70ASS Datasheet HTML 9Page - NICHIA CORPORATION NSPRR70ASS Datasheet HTML 10Page - NICHIA CORPORATION NSPRR70ASS Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
-6-
Nichia
STSE-CR6083A
<Cat.No.060710>
(6) Safety Guideline for Human Eyes
· In 1993, the International Electric Committee (IEC) issued a standard concerning laser product safety
(IEC 825-1). Since then, this standard has been applied for diffused light sources (LEDs) as well
as lasers.
In 1998 IEC 60825-1 Edition 1.1 evaluated the magnitude of the light source.
In 2001 IEC 60825-1 Amendment 2 converted the laser class into 7 classes for end products.
Components are excluded from this system.
Products which contain visible LEDs are now classified
as class 1. Products containing UV LEDs are class 1M. Products containing LEDs can be classified
as class 2 in cases where viewing angles are narrow, optical manipulation intensifies the light, and/or the
energy emitted is high.
For these systems it is recommended to avoid long term exposure.
It is also recommended to follow the IEC regulations regarding safety and labeling of products.
(7) Others
· NSPRR70AS complies with RoHS Directive.
· Care must be taken to ensure that the reverse voltage will not exceed the absolute maximum rating
when using the LEDs with matrix drive.
· Flashing lights have been known to cause discomfort in people; you can prevent this by taking
precautions during use.
Also, people should be cautious when using equipment that has had LEDs
incorporated into it.
· The LEDs described in this brochure are intended to be used for ordinary electronic equipment (such
as office equipment, communications equipment, measurement instruments and household appliances).
Consult Nichia’s sales staff in advance for information on the applications in which exceptional quality
and reliability are required, particularly when the failure or malfunction of the LEDs may directly
jeopardize life or health (such as for airplanes, aerospace, submersible repeaters, nuclear reactor
control systems, automobiles, traffic control equipment, life support systems and safety devices).
· User shall not reverse engineer by disassembling or analysis of the LEDs without having prior written
consent from Nichia.
When defective LEDs are found, the User shall inform Nichia directly before
disassembling or analysis.
· The formal specifications must be exchanged and signed by both parties before large volume purchase begins.
· The appearance and specifications of the product may be modified for improvement without notice.


Similar Part No. - NSPRR70ASS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPR310S-E NICHIA-NSPR310S-E Datasheet
240Kb / 15P
   SPECIFICATIONS FOR RED LED
NSPR336AS NICHIA-NSPR336AS Datasheet
241Kb / 15P
   SPECIFICATIONS FOR RED LED
NSPR336BS NICHIA-NSPR336BS Datasheet
275Kb / 16P
   rohs compliant
NSPR336CS NICHIA-NSPR336CS Datasheet
272Kb / 16P
   rohs compliant
NSPR346KS NICHIA-NSPR346KS Datasheet
249Kb / 15P
   RoHS Compliant
More results

Similar Description - NSPRR70ASS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NCSR219BT-V1 NICHIA-NCSR219BT-V1 Datasheet
272Kb / 18P
   RED LED
logo
KODENSHI_AUK CORP.
KP3528R63A1I-UM KODENSHI-KP3528R63A1I-UM Datasheet
124Kb / 5P
   Red LED
logo
NICHIA CORPORATION
NSPR800AS NICHIA-NSPR800AS Datasheet
272Kb / 15P
   RED LED
logo
Marl International Limi...
NSPR510CS MARL-NSPR510CS Datasheet
200Kb / 15P
   RED LED
logo
Roithner LaserTechnik G...
SMC680 ROITHNER-SMC680 Datasheet
575Kb / 3P
   red led
logo
NICHIA CORPORATION
NCSR119BT-V1 NICHIA-NCSR119BT-V1 Datasheet
271Kb / 18P
   RED LED
NSPR346MS NICHIA-NSPR346MS Datasheet
428Kb / 17P
   RED LED
NSPR510AS NICHIA-NSPR510AS Datasheet
189Kb / 15P
   RED LED
logo
Lucky Light Electronic
LL-304HD2J-H1 LUCKY-LIGHT-LL-304HD2J-H1_15 Datasheet
137Kb / 7P
   Red LED
logo
NICHIA CORPORATION
NCSRE17AT NICHIA-NCSRE17AT Datasheet
305Kb / 19P
   RED LED
NE2R757GT-P6 NICHIA-NE2R757GT-P6 Datasheet
297Kb / 19P
   RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com