Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD17NF03L Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD17NF03L
Description  N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET??POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD17NF03L Datasheet(HTML) 4 Page - STMicroelectronics

  STD17NF03L Datasheet HTML 1Page - STMicroelectronics STD17NF03L Datasheet HTML 2Page - STMicroelectronics STD17NF03L Datasheet HTML 3Page - STMicroelectronics STD17NF03L Datasheet HTML 4Page - STMicroelectronics STD17NF03L Datasheet HTML 5Page - STMicroelectronics STD17NF03L Datasheet HTML 6Page - STMicroelectronics STD17NF03L Datasheet HTML 7Page - STMicroelectronics STD17NF03L Datasheet HTML 8Page - STMicroelectronics STD17NF03L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
STD17NF03L
4/9
Output Characteristics
Static Drain-source On Resistance
Transfer Characteristics
Transconductance
Gate Charge vs Gate-source Voltage
Capacitance Variations


Similar Part No. - STD17NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
413Kb / 14P
   N-CHANNEL 30V - 0.038 - 17A - DPAK/IPAK STripFETII MOSFET
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
312Kb / 14P
   N-channel 30V - 0.038ohm - 17A - DPAK/IPAK STripFET TM II Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STD17NF03L DOINGTER-STD17NF03L Datasheet
988Kb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STD17NF03L VBSEMI-STD17NF03L Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STD17NF03L-1 STMICROELECTRONICS-STD17NF03L-1 Datasheet
413Kb / 14P
   N-CHANNEL 30V - 0.038 - 17A - DPAK/IPAK STripFETII MOSFET
More results

Similar Description - STD17NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD17NF03L STMICROELECTRONICS-STD17NF03L_07 Datasheet
312Kb / 14P
   N-channel 30V - 0.038ohm - 17A - DPAK/IPAK STripFET TM II Power MOSFET
STD17NE03L STMICROELECTRONICS-STD17NE03L Datasheet
92Kb / 9P
   N - CHANNEL 30V - 0.034ohm - 17A - DPAK/IPAK STripFET POWER MOSFET
STD17NF03L-1 STMICROELECTRONICS-STD17NF03L-1 Datasheet
413Kb / 14P
   N-CHANNEL 30V - 0.038 - 17A - DPAK/IPAK STripFETII MOSFET
STD18NF03L STMICROELECTRONICS-STD18NF03L Datasheet
301Kb / 13P
   N-channel 30V - 0.038廓 - 17A - DPAK STripFET??II Power MOSFET
STD1703L STMICROELECTRONICS-STD1703L Datasheet
981Kb / 10P
   N-CHANNEL 30V - 0.038Ω - 17A - DPAK STripFET™ II MOSFET
April 2004
STD100N03L-1 STMICROELECTRONICS-STD100N03L-1 Datasheet
240Kb / 14P
   N-CHANNEL 30V - 0.0045??- 80A - DPAK - IPAK Planar STripFET??MOSFET
STD90N03L STMICROELECTRONICS-STD90N03L Datasheet
314Kb / 16P
   N-channel 30V - 0.005廓 - 80A - DPAK/IPAK STripFET??III Power MOSFET
STD35NF3LL STMICROELECTRONICS-STD35NF3LL Datasheet
468Kb / 10P
   N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET??II POWER MOSFET
STD30NF03L STMICROELECTRONICS-STD30NF03L_07 Datasheet
330Kb / 14P
   N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
   N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com