Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPR510AS Datasheet(PDF) 9 Page - NICHIA CORPORATION

Part # NSPR510AS
Description  RED LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPR510AS Datasheet(HTML) 9 Page - NICHIA CORPORATION

Back Button NSPR510AS Datasheet HTML 5Page - NICHIA CORPORATION NSPR510AS Datasheet HTML 6Page - NICHIA CORPORATION NSPR510AS Datasheet HTML 7Page - NICHIA CORPORATION NSPR510AS Datasheet HTML 8Page - NICHIA CORPORATION NSPR510AS Datasheet HTML 9Page - NICHIA CORPORATION NSPR510AS Datasheet HTML 10Page - NICHIA CORPORATION NSPR510AS Datasheet HTML 11Page - NICHIA CORPORATION NSPR510AS Datasheet HTML 12Page - NICHIA CORPORATION NSPR510AS Datasheet HTML 13Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Forward Current IFP (mA)
! Ambient Temperature vs.
Allowable Forward Current
Ambient Temperature Ta (°C)
! Ambient Temperature vs.
Relative Luminosity
Ambient Temperature Ta (°C)
! Ambient Temperature vs.
Forward Voltage
Ambient Temperature Ta (°C)
Duty Ratio (%)
! Forward Current vs.
Relative Luminosity
Forward Voltage VF (V)
! Forward Voltage vs.
Forward Current
! Duty Ratio vs.
Allowable Forward Current
1
5
10
20
100
50
60
80
100
40
020
300
100
50
20
10
30
200
60
40
30
0
10
50
20
Ta=25°C
Ta=25°C
Ta=25°C
IFP=20mA
IFP=5mA
IFP=20mA
IFP=60mA
200
100
50
20
10
5
1
1.7 1.9
2.3 2.5 2.7
3.1
2.1
2.9
0
204060
100 120
80
5.0
3.0
2.0
1.0
0
4.0
020
60 80 100
40
-40 -20
3.8
3.4
3.0
2.2
1.8
1.4
2.6
2.0
1.0
0.5
0.2
020
60 80 100
40
-40 -20
Model
NSPRxxxx
NICHIA CORPORATION Title
No.
040630429481
CHARACTERISTICS


Similar Part No. - NSPR510AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPR510AS ETC1-NSPR510AS Datasheet
190Kb / 15P
   SPECIFICATIONS FOR NICHIA RED LED
More results

Similar Description - NSPR510AS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NCSR219BT-V1 NICHIA-NCSR219BT-V1 Datasheet
272Kb / 18P
   RED LED
logo
KODENSHI_AUK CORP.
KP3528R63A1I-UM KODENSHI-KP3528R63A1I-UM Datasheet
124Kb / 5P
   Red LED
logo
NICHIA CORPORATION
NSPR800AS NICHIA-NSPR800AS Datasheet
272Kb / 15P
   RED LED
logo
Marl International Limi...
NSPR510CS MARL-NSPR510CS Datasheet
200Kb / 15P
   RED LED
logo
Roithner LaserTechnik G...
SMC680 ROITHNER-SMC680 Datasheet
575Kb / 3P
   red led
logo
NICHIA CORPORATION
NCSR119BT-V1 NICHIA-NCSR119BT-V1 Datasheet
271Kb / 18P
   RED LED
NSPR346MS NICHIA-NSPR346MS Datasheet
428Kb / 17P
   RED LED
logo
Lucky Light Electronic
LL-304HD2J-H1 LUCKY-LIGHT-LL-304HD2J-H1_15 Datasheet
137Kb / 7P
   Red LED
logo
NICHIA CORPORATION
NCSRE17AT NICHIA-NCSRE17AT Datasheet
305Kb / 19P
   RED LED
NE2R757GT-P6 NICHIA-NE2R757GT-P6 Datasheet
297Kb / 19P
   RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com