Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

361R820M250FQ2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 361R820M250FQ2
Description  105 ?C, Miniature, Industrial Grade, Radial Leaded
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

361R820M250FQ2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  361R820M250FQ2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 361R820M250FQ2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 361R820M250FQ2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 361R820M250FQ2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 361R820M250FQ2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Type 361R 105 °C, Miniature, Industrial Grade, Radial Leaded
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Case Dimensions
Part Numbering System
361R
Type
E
Epoxy End Seal
2
Insulation
LV
Case Code
6R3
Voltage
M
Tolerance
183
Capacitance
(blank) = no epoxy
E = Epoxy
0 = None
2 = PVC
6R3 = 6.3 Vdc
063 = 63 Vdc
M = ±20%
U = –10 + 75%
100 = 10 µF
101 = 100 µF
183 = 18000 µF
361R
or 366R
Nominal
Insulated
Insulated
S
T
Lead Diam.
Weight
Case
D x L
D x L
Epoxy Seal
± 0.6
± 0.5
mm
AWG
g
Code
(mm)
(mm)
(mm)
(mm)
(mm)
EG
12.5 x 20.0
13.0 x 21.5
13.0 x 23.0
5.0
2.5
0.81
20
3.8
EK
12.5 x 25.0
13.0 x 26.5
13.0 x 29.0
5.0
2.5
0.81
20
4.5
EM
12.5 x 26.5
13.0 x 28.0
13.0 x 29.5
5.0
2.5
0.81
20
4.7
EN
12.5 x 33.5
13.0 x 34.2
13.0 x 36.0
5.0
2.5
0.81
20
5.8
ER
12.5 x 42.5
13.0 x 43.7
13.0 x 45.5
5.0
2.5
0.81
20
7.3
FK
16.0 x 25.0
16.5 x 26.2
16.5 x 27.9
7.5
3.75
0.81
20
7.2
FF
16.0 x 32.0
16.5 x 33.5
16.5 x 36.0
7.5
3.75
0.81
20
9.4
FN
16.0 x 33.5
16.5 x 34.2
16.5 x 36.0
7.5
3.75
0.81
20
9.5
FQ
16.0 x 36.0
16.5 x 37.5
16.5 x 40.0
7.5
3.75
0.81
20
10.6
FV
16.0 x 40.0
16.5 x 41.7
16.5 x 42.4
7.5
3.75
0.81
20
11.9
LQ
18.0 x 36.0
18.5 x 37.5
18.5 x 40.0
7.5
3.75
0.81
20
13.4
LV
18.0 x 40.0
18.5 x 42.0
18.5 x 43.0
7.5
3.75
0.81
20
14.9
HH
22.0 x 22.0
22.5 x 23.5
22.5 x 26.0
10.0
5.0
0.81
20
11.0
HK
22.0 x 25.0
22.5 x 26.2
22.5 x 27.9
10.0
5.0
0.81
20
13.5
HG
22.0 x 30.0
22.5 x 32.5
22.5 x 34.0
10.0
5.0
0.81
20
15.1
Typical Performance Curves
L incl. Sleeve & Epoxy Seal - Millimeters


Similar Part No. - 361R820M250FQ2

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
361 PENTAIR-361 Datasheet
254Kb / 2P
   COMPACT, LOW-PROFILE SOLUTION FOR A BROAD RANGE OF FILTRATION APPLICATIONS
logo
Aries Electronics, Inc.
361 ARIES-361 Datasheet
653Kb / 2P
   PGA ZIF Test & Burn-in Socket for Any Footprint on Std 8x8 to 21x21 Grid
Rev. 1.10
logo
WECO ELECTRICAL CONNECT...
361 WECO-361 Datasheet
159Kb / 1P
   Flat screw terminals Heavy-duty version with grooved flat terminals, 3-pole
01.20
logo
Winchester Electronics ...
361-060-0040H WINCHESTER-361-060-0040H Datasheet
134Kb / 1P
   BMA STRAIGHT PCB MOUNT PLUG
361-595-0850H WINCHESTER-361-595-0850H Datasheet
58Kb / 1P
   BMA STRAIGHT BULKEHEAD JACK
More results

Similar Description - 361R820M250FQ2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
NLW200-6 CDE-NLW200-6 Datasheet
156Kb / 2P
   105 ?C, Miniature Computer Grade, Axial Leaded
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
517D VISHAY-517D_V01 Datasheet
117Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
01-Jan-2022
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
517D VISHAY-517D Datasheet
103Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 07-Nov-06
logo
List of Unclassifed Man...
WBR100-16A ETC2-WBR100-16A Datasheet
163Kb / 2P
   Industrial Grade, Axial Leaded, Aluminum
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com