Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V54C365164VC Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # V54C365164VC
Description  HIGH PERFORMANCE 166/143/125 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V54C365164VC Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V54C365164VC Datasheet HTML 1Page - Mosel Vitelic, Corp V54C365164VC Datasheet HTML 2Page - Mosel Vitelic, Corp V54C365164VC Datasheet HTML 3Page - Mosel Vitelic, Corp V54C365164VC Datasheet HTML 4Page - Mosel Vitelic, Corp V54C365164VC Datasheet HTML 5Page - Mosel Vitelic, Corp V54C365164VC Datasheet HTML 6Page - Mosel Vitelic, Corp V54C365164VC Datasheet HTML 7Page - Mosel Vitelic, Corp V54C365164VC Datasheet HTML 8Page - Mosel Vitelic, Corp V54C365164VC Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
4
V54C365164VC Rev. 0.8 July 2001
MOSEL VITELIC
V54C365164VC
Signal Pin Description
Pin
Type
Signal
Polarity
Function
CLK
Input
Pulse
Positive
Edge
The system clock input. All of the SDRAM inputs are sampled on the rising edge of the
clock.
CKE
Input
Level
Active High Activates the CLK signal when high and deactivates the CLK signal when low, thereby
initiates either the Power Down mode, Suspend mode, or the Self Refresh mode.
CS
Input
Pulse
Active Low CS enables the command decoder when low and disables the command decoder when
high. When the command decoder is disabled, new commands are ignored but previous
operations continue.
RAS, CAS
WE
Input
Pulse
Active Low When sampled at the positive rising edge of the clock, CAS, RAS, and WE define the
command to be executed by the SDRAM.
A0 - A11
Input
Level
During a Bank Activate command cycle, A0-A11 defines the row address (RA0-RA11)
when sampled at the rising clock edge.
During a Read or Write command cycle, A0-An defines the column address (CA0-CAn)
when sampled at the rising clock edge.CAn depends from the SDRAM organization:
4M x 16 SDRAM CA0–CA7
(Page Length = 256 bits)
In addition to the column address, A10(=AP) is used to invoke autoprecharge operation
at the end of the burst read or write cycle. If A10 is high, autoprecharge is selected and
BA0, BA1 defines the bank to be precharged. If A10 is low, autoprecharge is disabled.
During a Precharge command cycle, A10(=AP) is used in conjunction with BA0 and BA1
to control which bank(s) to precharge. If A10 is high, all four banks will BA0 and BA1 are
used to define which bank to precharge.
BA0,
BA1
Input
Level
Selects which bank is to be active.
DQx
Input
Output
Level
Data Input/Output pins operate in the same manner as on conventional DRAMs.
DQM
LDQM
UDQM
Input
Pulse
Active High The Data Input/Output mask places the DQ buffers in a high impedance state when sam-
pled high. In Read mode, DQM has a latency of two clock cycles and controls the output
buffers like an output enable. In Write mode, DQM has a latency of zero and operates as
a word mask by allowing input data to be written if it is low but blocks the write operation
if DQM is high.
LDQM and UDQM controls the lower and upper bytes in a x16 SDRAMs.
VCC, VSS
Supply
Power and ground for the input buffers and the core logic.
VCCQ
VSSQ
Supply
——
Isolated power supply and ground for the output buffers to provide improved noise
immunity.


Similar Part No. - V54C365164VC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C365164VD MOSEL-V54C365164VD Datasheet
946Kb / 56P
   HIGH PERFORMANCE 225/200/166/143 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
More results

Similar Description - V54C365164VC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C365164VD MOSEL-V54C365164VD Datasheet
946Kb / 56P
   HIGH PERFORMANCE 225/200/166/143 MHz 3.3 VOLT 4M X 16 SYNCHRONOUS DRAM 4 BANKS X 1Mbit X 16
V54C365404VD MOSEL-V54C365404VD Datasheet
799Kb / 54P
   HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 16M X 4 SYNCHRONOUS DRAM 4 BANKS X 4Mbit X 4
V54C365804VD MOSEL-V54C365804VD Datasheet
798Kb / 54P
   HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 8M X 8 SYNCHRONOUS DRAM 4 BANKS X 2Mbit X 8
V54C365804VC MOSEL-V54C365804VC Datasheet
453Kb / 54P
   HIGH PERFORMANCE 143/133/125 MHz 3.3 VOLT 8M X 8 SYNCHRONOUS DRAM 4 BANKS X 2Mbit X 8
logo
A-Data Technology
ADS8616A8A A-DATA-ADS8616A8A Datasheet
550Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
logo
Elite Semiconductor Mem...
M12L2561616A ESMT-M12L2561616A_08 Datasheet
926Kb / 45P
   4M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L4616A AMICC-A43L4616A Datasheet
498Kb / 43P
   4M X 16 Bit X 4 Banks Synchronous DRAM
logo
White Electronic Design...
WED416S16030A WEDC-WED416S16030A Datasheet
900Kb / 26P
   4M x 16 Bits x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L4616 AMICC-A43L4616 Datasheet
1Mb / 10P
   4M X 16 Bit X 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS8616A8A A-DATA-VDS8616A8A Datasheet
538Kb / 8P
   Synchronous DRAM(4M X 16 Bit X 4 Banks)
Rev 1.0 December, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com