Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

380LX562M050J032 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 380LX562M050J032
Description  85 ?C High-Capacitance Snap-In
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

380LX562M050J032 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 380LX562M050J032 Datasheet HTML 2Page - List of Unclassifed Manufacturers 380LX562M050J032 Datasheet HTML 3Page - List of Unclassifed Manufacturers 380LX562M050J032 Datasheet HTML 4Page - List of Unclassifed Manufacturers 380LX562M050J032 Datasheet HTML 5Page - List of Unclassifed Manufacturers 380LX562M050J032 Datasheet HTML 6Page - List of Unclassifed Manufacturers 380LX562M050J032 Datasheet HTML 7Page - List of Unclassifed Manufacturers 380LX562M050J032 Datasheet HTML 8Page - List of Unclassifed Manufacturers 380LX562M050J032 Datasheet HTML 9Page - List of Unclassifed Manufacturers 380LX562M050J032 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
Max. ESR
Ripple Amps
Nom.
Max. ESR
Ripple Amps
Nom.
Cap.
Catalog
Ω@ 25 °C
Max. @ 85 °C
D x L
Cap.
Catalog
Ω@ 25 °C
Max. @ 85 °C
D x L
(µF)
Part Number
120 Hz20 kHz
120 Hz20 kHz
(mm)
(µF)
Part Number
120 Hz20 kHz
120 Hz20 kHz
(mm)
50 Vdc (63 Vdc Surge)
63 Vdc (79 Vdc Surge)
3300
380LX332M050J012
0.100
0.075
2.70
3.10
25 x 25
2200 380LX222M063J012
0.151
0.114
2.50
2.90
25 x 25
3300
380LX332M050K202
0.117
0.090
1.70
2.00
30 x 20
2200 380LX222M063K202
0.170
0.130
1.50
1.70
30 x 20
3900
380LX392M050H022
0.085
0.065
2.80
3.20
22 x 30
2700 380LX272M063H032
0.123
0.093
3.70
4.30
22 x 35
3900
380LX392M050J012
0.085
0.065
2.80
3.20
25 x 25
2700 380LX272M063J022
0.123
0.093
3.70
4.30
25 x 30
4700
380LX472M050H032
0.070
0.055
3.00
3.50
22 x 35
3300 380LX332M063H042
0.110
0.080
4.10
4.70
22 x 40
4700
380LX472M050J022
0.070
0.055
3.00
3.50
25 x 30
3300 380LX332M063J022
0.110
0.080
4.10
4.70
25 x 30
4700
380LX472M050K012
0.070
0.055
3.00
3.50
30 x 25
3300 380LX332M063K012
0.110
0.080
4.10
4.70
30 x 25
4700
380LX472M050A202
0.080
0.060
2.10
2.40
35 x 20
3300 380LX332M063A202
0.125
0.095
1.70
2.00
35 x 20
5600
380LX562M050H042
0.060
0.045
3.40
3.90
22 x 40
3900 380LX392M063H452
0.100
0.075
4.40
5.10
22 x 45
5600
380LX562M050J032
0.060
0.045
3.40
3.90
25 x 35
3900 380LX392M063J032
0.100
0.075
4.40
5.10
25 x 35
5600
380LX562M050K022
0.060
0.045
3.40
3.90
30 x 30
3900 380LX392M063K022
0.100
0.075
4.40
5.10
30 x 30
6800
380LX682M050H052
0.050
0.040
3.90
4.40
22 x 50
4700 380LX472M063H052
0.080
0.060
4.90
5.60
22 x 50
6800
380LX682M050J042
0.050
0.040
3.90
4.40
25 x 40
4700 380LX472M063J042
0.080
0.060
4.90
5.60
25 x 40
6800
380LX682M050K022
0.050
0.040
3.90
4.40
30 x 30
4700 380LX472M063K022
0.080
0.060
4.90
5.60
30 x 30
8200
380LX822M050J452
0.040
0.030
4.40
5.10
25 x 45
4700 380LX472M063A012
0.080
0.060
4.90
5.60
35 x 25
8200
380LX822M050K032
0.040
0.030
4.40
5.10
30 x 35
5600 380LX562M063A022
0.070
0.050
5.40
6.20
35 x 30
10000
380LX103M050J052
0.040
0.030
5.00
5.70
25 x 50
5600 380LX562M063J452
0.070
0.050
5.40
6.20
25 x 45
10000
380LX103M050K042
0.040
0.030
5.00
5.70
30 x 40
5600 380LX562M063K032
0.070
0.050
5.40
6.20
30 x 35
10000
380LX103M050A022
0.040
0.030
5.00
5.70
35 x 30
6800 380LX682M063J052
0.060
0.045
5.80
6.70
25 x 50
12000
380LX123M050K452
0.033
0.025
5.60
6.40
30 x 45
6800 380LX682M063K042
0.060
0.045
5.80
6.70
30 x 40
12000
380LX123M050A032
0.033
0.025
5.60
6.40
35 x 35
6800 380LX682M063A022
0.060
0.045
5.80
6.70
35 x 30
15000
380LX153M050K052
0.027
0.020
6.40
7.40
30 x 50
8200 380LX822M063K452
0.050
0.040
6.00
6.90
30 x 45
15000
380LX153M050A042
0.027
0.020
6.40
7.40
35 x 40
8200 380LX822M063A032
0.050
0.040
6.00
6.90
35 x 35
18000
380L183M050A062
0.018
0.010
7.80
8.70
35 x 63
10000 382L103M063N042
0.028
0.017
6.60
7.20
40 x 40
18000
380LX183M050A452
0.022
0.017
6.90
7.90
35 x 45
10000 380LX103M063A042
0.033
0.025
6.50
7.50
35 x 40
18000
382LX183M050N042
0.023
0.017
6.94
7.98
40 x 40
12000 380L123M063A062
0.019
0.010
7.70
8.60
35 x 63
22000
380L223M050A072
0.015
0.008
8.60
9.50
35 x 70
12000 380LX123M063A052
0.028
0.021
7.20
8.30
35 x 50
22000
380LX223M050A052
0.020
0.016
7.60
8.70
35 x 50
12000 382LX123M063N042
0.035
0.028
7.15
8.22
40 x 40
27000
380L273M050A082
0.013
0.008
9.30
10.10
35 x 80
15000 380L153M063A072
0.016
0.009
8.50
9.40
35 x 70
27000
382L273M050N062
0.018
0.009
9.00
9.60
40 x 63
15000 380LX153M063A062
0.028
0.021
7.70
8.90
35 x 63
27000
380LX273M050A062
0.018
0.015
8.30
9.60
35 x 63
18000 380LX183M063A082
0.023
0.012
9.40
10.80
35 x 80
27000
382LX273M050N052
0.018
0.015
8.10
9.30
40 x 50
18000 382LX183M063N062
0.028
0.022
9.25
10.60
40 x 63
33000
380LX333M050A082
0.015
0.012
9.20
10.60
35 x 80
27000 382LX273M063N082
0.018
0.015
10.00
11.50
40 x 80
33000
382LX333M050N062
0.018
0.014
9.10
10.50
40 x 63
27000 380LX273M063A102
0.015
0.012
10.38
11.94
35 x 105
33000
382LX333M050B052V
0.018
0.014
10.48
12.05
50 x 50
27000 382LX273M063B052V 0.018
0.015
10.86
12.49
50 x 50
47000
382LX473M050B062V
0.013
0.010
11.54
13.27
50 x 63
33000 382LX333M063N102
0.015
0.012
11.76
13.52
40 x 105
47000
380LX473M050A102
0.014
0.011
10.27
11.81
35 x 105
33000 382LX333M063B062V 0.017
0.013
11.57
13.42
50 x 63
56000
382LX563M050N102
0.012
0.009
11.47
13.19
40 x 105
47000 382LX473M063B082V 0.013
0.010
12.78
14.70
50 x 80
56000
382LX563M050B082V
0.012
0.009
12.46
14.33
50 x 80
51000 382LX513M063B092V 0.012
0.010
13.34
15.34
50 x 92
68000
382LX683M050B092V
0.011
0.009
13.17
15.15
50 x 92
56000 382LX563M063B102V 0.012
0.009
13.93
16.02
50 x 105
82000
382LX823M050B102V
0.011
0.008
13.87
15.95
50 x 105
80 Vdc (100 Vdc Surge)
63 Vdc (79 Vdc Surge)
680
380LX681M080H202
0.450
0.330
1.00
1.20
22 x 20
1000
380LX102M063H202
0.380
0.290
1.20
1.40
22 x 20
680
380LX681M080H012
0.390
0.295
1.00
1.20
22 x 25
1000
380LX102M063H012
0.332
0.250
1.20
1.40
22 x 25
1000 380LX102M080H012
0.265
0.200
1.50
1.75
22 x 25
1500
380LX152M063H012
0.221
0.167
1.70
2.00
22 x 25
1000 380LX102M080J202
0.300
0.225
1.20
1.40
25 x 20
1500
380LX152M063J202
0.250
0.190
1.30
1.50
25 x 20
1200 380LX122M080H012
0.220
0.170
1.80
2.10
22 x 25
2200
380LX222M063H022
0.151
0.114
2.50
2.90
22 x 30
1500 380LX152M080H022
0.177
0.134
2.30
2.60
22 x 30


Similar Part No. - 380LX562M050J032

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
380LX562M050J032 CDE-380LX562M050J032 Datasheet
464Kb / 12P
   High-Capacitance Snap-In
logo
List of Unclassifed Man...
380LX562M050J032 ETC2-380LX562M050J032 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Cornell Dubilier Electr...
380LX562M050J032 CDE-380LX562M050J032 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
380LX562M050J032 CDE-380LX562M050J032 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 380LX562M050J032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
380LX473M016K052 ETC2-380LX473M016K052 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
380L CDE-380L Datasheet
464Kb / 12P
   High-Capacitance Snap-In
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com