Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPB513 Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NSPB513
Description  BLUE LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPB513 Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NSPB513 Datasheet HTML 1Page - NICHIA CORPORATION NSPB513 Datasheet HTML 2Page - NICHIA CORPORATION NSPB513 Datasheet HTML 3Page - NICHIA CORPORATION NSPB513 Datasheet HTML 4Page - NICHIA CORPORATION NSPB513 Datasheet HTML 5Page - NICHIA CORPORATION NSPB513 Datasheet HTML 6Page - NICHIA CORPORATION NSPB513 Datasheet HTML 7Page - NICHIA CORPORATION NSPB513 Datasheet HTML 8Page - NICHIA CORPORATION NSPB513 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
-4-
Nichia
STSE-CB3054B
<Cat.No.040607>
7.CAUTIONS
(1) Lead Forming
· When forming leads, the leads should be bent at a point at least 3mm from the base of the epoxy bulb.
Do not use the base of the leadframe as a fulcrum during lead forming.
· Lead forming should be done before soldering.
· Do not apply any bending stress to the base of the lead.
The stress to the base may damage the LED’s
characteristics or it may break the LEDs.
· When mounting the LEDs onto a printed circuit board, the holes on the circuit board should be
exactly aligned with the leads of the LEDs.
If the LEDs are mounted with stress at the leads,
it causes deterioration of the epoxy resin and this will degrade the LEDs.
(2) Storage
· The LEDs should be stored at 30°C or less and 70%RH or less after being shipped from Nichia and
the storage life limits are 3 months.
If the LEDs are stored for 3 months or more, they can be
stored for a year in a sealed container with a nitrogen atmosphere and moisture absorbent material.
· Nichia LED leadframes are comprised of a silver plated copper alloy.
The silver surface
may be affected by environments which contain corrosive gases and so on. Please avoid conditions
which may cause the LED to corrode, tarnish or discolor. This corrosion or discoloration may cause
difficulty during soldering operations. It is recommended that the LEDs be used as soon as possible.
· Please avoid rapid transitions in ambient temperature, especially, in high humidity environments where
condensation can occur.
(3) Static Electricity
· Static electricity or surge voltage damages the LEDs.
It is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
· All devices, equipment and machinery must be properly grounded.
It is recommended that measures
be taken against surge voltage to the equipment that mounts the LEDs.
· When inspecting the final products in which LEDs were assembled, it is recommended to check
whether the assembled LEDs are damaged by static electricity or not.
It is easy to find
static-damaged LEDs by a light-on test or a VF test at a lower current (below 1mA is recommended).
· Damaged LEDs will show some unusual characteristics such as the leak current remarkably
increases, the forward voltage becomes lower, or the LEDs do not light at the low current.
Criteria : (VF > 2.0V
at
IF=0.5mA)


Similar Part No. - NSPB513

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPB513A NICHIA-NSPB513A Datasheet
399Kb / 15P
   BLUE LED
More results

Similar Description - NSPB513

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPB310B NICHIA-NSPB310B Datasheet
227Kb / 15P
   BLUE LED
NSPB500AS NICHIA-NSPB500AS Datasheet
230Kb / 15P
   BLUE LED
NSPB520S NICHIA-NSPB520S Datasheet
295Kb / 15P
   BLUE LED
logo
Lucky Light Electronic
LL-484BC1C-B4-3B LUCKY-LIGHT-LL-484BC1C-B4-3B Datasheet
135Kb / 7P
   Blue LED
logo
Marl International Limi...
NSPB500AS MARL-NSPB500AS Datasheet
489Kb / 14P
   BLUE LED
NSPB300B MARL-NSPB300B Datasheet
474Kb / 14P
   BLUE LED
NSPB510AS MARL-NSPB510AS Datasheet
696Kb / 14P
   BLUE LED
logo
Lucky Light Electronic
LL-544BD2I-B4-3B-T LUCKY-LIGHT-LL-544BD2I-B4-3B-T_15 Datasheet
134Kb / 7P
   Blue LED
LL-304BC4B-B4-2GD LUCKY-LIGHT-LL-304BC4B-B4-2GD_15 Datasheet
134Kb / 7P
   Blue LED
LL-304BC2L-B4-3B LUCKY-LIGHT-LL-304BC2L-B4-3B Datasheet
135Kb / 7P
   Blue LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com