Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

380LX392M050H022 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 380LX392M050H022
Description  85 ?C High-Capacitance Snap-In
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

380LX392M050H022 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  380LX392M050H022 Datasheet HTML 1Page - List of Unclassifed Manufacturers 380LX392M050H022 Datasheet HTML 2Page - List of Unclassifed Manufacturers 380LX392M050H022 Datasheet HTML 3Page - List of Unclassifed Manufacturers 380LX392M050H022 Datasheet HTML 4Page - List of Unclassifed Manufacturers 380LX392M050H022 Datasheet HTML 5Page - List of Unclassifed Manufacturers 380LX392M050H022 Datasheet HTML 6Page - List of Unclassifed Manufacturers 380LX392M050H022 Datasheet HTML 7Page - List of Unclassifed Manufacturers 380LX392M050H022 Datasheet HTML 8Page - List of Unclassifed Manufacturers 380LX392M050H022 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
EIA Ripple Life: 3,000 h @ full load at +85 °C per EIA IS-749
Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life:
1,000 h @ 85 °C
∆Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Vibration:
10 to 55 Hz, 0.06” and 10 g max, 2 h in each plane
2-pin Types: 380L and 380LX. 4-pin or 5-pin Types: 382L and 382LX
The excellent value of Type 380L/LX capacitors finds application
in switching power supply input and output circuits and even
motor drives where the high surface area of multiple units in
parallel approaches the ripple capability of our Type 520C
computer-grade capacitor. Type 380LX delivers more capacitance
per can size while Type 380L available in the largest case sizes
gives lower ESR for the same capacitance. Types 382L and
382LX give the choice of 4 or 5 leads for stable, reverse proof
mounting.
Highlights
• Latest available ratings, worldwide
• Top performance in power supplies and motor drives
• Big selection of 46 case sizes
• 2, 4 and 5 leads available
Specifications
Operating Temperature:
–40 °C to 85 °C up to 300 V, –25 °C to 85 °C ≥315 V
Rated Voltage:
16 Vdc to 500 Vdc
Capacitance:
33 µF to 270,000 µF ±20%
Leakage Current: ≤3√CV µA at 5 min.
Ripple Current Multipliers:
Ambient Temperature
Frequency
45 °C
60 °C
70 °C
85 °C
1.5
1.4
1.3
1.0
Load Life Test:
3,000 h @ full load at +85 °C
∆Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
50 Hz
60 Hz
120 Hz 500 Hz 2 kHz 10 kHz & up
16-100 Vdc
0.93
0.95
1.00
1.05
1.08
1.15
160-450 Vdc
0.75
0.80
1.00
1.20
1.25
1.40
Complies with the EU
Directive
2002/95/EC
requirementrestrictingthe
use of Lead (Pb), Mercury
(Hg), Cadmium (Cd),
Hexavalent
chromium
(Cr(VI)), PolyBrominated
Biphenyls (PBB) and
PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - 380LX392M050H022

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
380LX392M050H022 CDE-380LX392M050H022 Datasheet
464Kb / 12P
   High-Capacitance Snap-In
logo
List of Unclassifed Man...
380LX392M050H022 ETC2-380LX392M050H022 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
More results

Similar Description - 380LX392M050H022

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
380LX473M016K052 ETC2-380LX473M016K052 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
380L CDE-380L Datasheet
464Kb / 12P
   High-Capacitance Snap-In
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com