Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28070PW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28070PW
Description  Interleaving Continuous Conduction Mode PFC Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28070PW Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC28070PW Datasheet HTML 6Page - Texas Instruments UCC28070PW Datasheet HTML 7Page - Texas Instruments UCC28070PW Datasheet HTML 8Page - Texas Instruments UCC28070PW Datasheet HTML 9Page - Texas Instruments UCC28070PW Datasheet HTML 10Page - Texas Instruments UCC28070PW Datasheet HTML 11Page - Texas Instruments UCC28070PW Datasheet HTML 12Page - Texas Instruments UCC28070PW Datasheet HTML 13Page - Texas Instruments UCC28070PW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
www.ti.com
IVINAC vs Temperature
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-50
0
50
100
150
Tem perature (C)
VINAC = 0.2V
VINAC = 1.0V
VINAC = 2.0V
VINAC = 2.5V
VINAC = 2.85V
Norm alized Change in Sw itching Frequency over Tem perature
-0.010
-0.008
-0.005
-0.003
0.000
0.003
0.005
0.008
0.010
-60
-40
-20
0
20
40
60
80
100
120
140
Tem perature (C)
RT = 24.9kohm
RT = 75.0kohm
RT = 249kohm
RT = 750kohm
Voltage Am plifier Transconductance over Tem perature
50
55
60
65
70
75
80
-60
-40
-20
0
20
40
60
80
100
120
140
Tem perature (C)
Voltage Amplifier Transfer Function
-140.00
-120.00
-100.00
-80.00
-60.00
-40.00
-20.00
0.00
20.00
40.00
2.5
2.6
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
VSESNE (V)
UCC28070
SLUS794A – NOVEMBER 2007 – REVISED MARCH 2008
TYPICAL CHARACTERISTICS (continued)
Figure 7.
Figure 8.
Figure 9.
Figure 10.
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): UCC28070


Similar Part No. - UCC28070PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070PW TI-UCC28070PW Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
UCC28070PW TI-UCC28070PW Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070PWG4 TI-UCC28070PWG4 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070PWR TI-UCC28070PWR Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
UCC28070PWR TI-UCC28070PWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
More results

Similar Description - UCC28070PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104-114 RENESAS-R2A20104-114 Datasheet
354Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com