Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV401 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401
Description  SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV401 Datasheet HTML 2Page - Texas Instruments DRV401 Datasheet HTML 3Page - Texas Instruments DRV401 Datasheet HTML 4Page - Texas Instruments DRV401 Datasheet HTML 5Page - Texas Instruments DRV401 Datasheet HTML 6Page - Texas Instruments DRV401 Datasheet HTML 7Page - Texas Instruments DRV401 Datasheet HTML 8Page - Texas Instruments DRV401 Datasheet HTML 9Page - Texas Instruments DRV401 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
PIN CONFIGURATIONS
Top View
DWP
PWM
PWM
ERROR
DEMAG
GAIN
REFOUT
REF
IN
V
OUT
IA
IN2
IAIN1
IS1
GND1
IS2
V
DD1
OVER- RANGE
CCdiag
V
DD2
I
COMP1
I
COMP2
GND2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
1 2
11
Wide- Body SO- 20
Exposed
Thermal Pad
on Underside,
Connect
to GND1
DRV401-EP
SBVS104 – JANUARY 2008............................................................................................................................................................................................... www.ti.com
PIN ASSIGNMENTS
TERMINAL
DESCRIPTION
NAME
NO.
ERROR
1
Error flag: open-drain output, see the Error Conditions section.
DMAG
2
Control input, see the Demagnetization section.
GAIN
3
Control input for open-loop gain: low = normal, high = –8 dB.
REFOUT
4
Output for internal 2.5 V reference voltage.
REFIN
5
Input for zero reference to differential amplifier.
VOUT
6
Output for differential amplifier.
IAIN2
7
Noninverting input of differential amplifier.
IAIN1
8
Inverting input of differential amplifier.
GND2
9
Ground connection. Connect to GND1.
ICOMP2
10
Output 2 of compensation coil driver.
ICOMP1
11
Output 1 of compensation coil driver.
VDD2
12
Supply voltage. Connect to VDD1.
CCdiag
13
Control input for wire-break detection: high = enable.
OVER-RANGE
14
Open-drain output for over-range indication: low = over-range.
VDD1
15
Supply voltage.
IS2
16
Probe connection 2.
GND1
17
Ground connection.
IS1
18
Probe connection 1.
PWM
19
PWM output from probe circuit (inverted).
PWM
20
PWM output from probe circuit.
Exposed Thermal Pad
Connect to GND1.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DRV401-EP


Similar Part No. - DRV401

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV401 TI1-DRV401 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
DRV401-EP TI1-DRV401-EP Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
More results

Similar Description - DRV401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411AIPWP TI1-DRV411AIPWP Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV401-Q1 TI1-DRV401-Q1 Datasheet
812Kb / 39P
[Old version datasheet]   DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com