Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV401 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401
Description  SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401 Datasheet(HTML) 5 Page - Texas Instruments

  DRV401 Datasheet HTML 1Page - Texas Instruments DRV401 Datasheet HTML 2Page - Texas Instruments DRV401 Datasheet HTML 3Page - Texas Instruments DRV401 Datasheet HTML 4Page - Texas Instruments DRV401 Datasheet HTML 5Page - Texas Instruments DRV401 Datasheet HTML 6Page - Texas Instruments DRV401 Datasheet HTML 7Page - Texas Instruments DRV401 Datasheet HTML 8Page - Texas Instruments DRV401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
DRV401-EP
www.ti.com............................................................................................................................................................................................... SBVS104 – JANUARY 2008
ELECTRICAL CHARACTERISTICS (continued)
Boldface limits apply over the specified temperature range: TJ = –55°C to +125°C.
At TA = +25°C and VDD1 = VDD2 = +5 V with external 100 kHz filter BW, and zero output current ICOMP, unless otherwise noted.
DRV401
PARAMETER
CONDITIONS
UNITS
MIN
TYP
MAX
Drift(5)
No load
2.491
2.509
V
PSRR(5)
±15
±200
µV/V
Load to GND/VDD,
Load regulation(5)
0.15
mV/mA
dl = 0 mA to 5 mA
ISC
Short-circuit current
REFOUT connected to VDD
+20
mA
REFOUT connected to GND
–18
mA
DEMAGNETIZATION
Duration
See Timing Diagram
106
130(7)
ms
DIGITAL I/O
LOGIC INPUTS (DEMAG, GAIN, and
CMOS Type Levels
CCdiag Pins)
Pull-up high current (CCdiag)
3.5 < VIN < VDD
160
µA
Pull-up low current (CCdiag)
0 < VIN < 1.5
5
µA
Logic input leakage current
0 < VIN < VDD
0.01
5
µA
Logic level, input: L/H
2.1/2.8
V
Hysteresis
0.7
V
OUTPUTS (ERROR AND OVER-RANGE
Pins)
Logic level, output: L
4 mA sink
0.3
V
Logic level, output: H
No Internal Pull-Up
OUTPUTS (PWM and PWM Pins)
Push-pull type
Logic level L
4 mA sink
0.2
V
Logic level H
4 mA source
(VDD) – 0.4
V
POWER SUPPLY
VDD
Specified voltage range
4.5
5
5.5
V
VRST
Power-on reset threshold
1.8
V
ICOMP = 0 mA,
IQ
Quiescent current [I(VDD1) + I(VDD2)]
6.8
mA
Sensor not connected
Brownout voltage level(9)
5
V
Brownout indication delay
135
µs
TEMPERATURE RANGE
TJ
Specified range
–40
+125
°C
TJ
Operating range
–50
+150
°C
SO PowerPAD
θ
JA
Package thermal resistance
27
°C/W
surface-mount(10)
(9)
See Typical Characteristics curves.
(10) See Applications Information section for information on power dissipation, layout considerations, and proper PCB soldering and
heat-sinking technique.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DRV401-EP


Similar Part No. - DRV401

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV401 TI1-DRV401 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
DRV401-EP TI1-DRV401-EP Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
More results

Similar Description - DRV401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411AIPWP TI1-DRV411AIPWP Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV401-Q1 TI1-DRV401-Q1 Datasheet
812Kb / 39P
[Old version datasheet]   DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com