Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

381LX222M035J202 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 381LX222M035J202
Description  105 ?C High-Ripple Snap-In
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

381LX222M035J202 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  381LX222M035J202 Datasheet HTML 1Page - List of Unclassifed Manufacturers 381LX222M035J202 Datasheet HTML 2Page - List of Unclassifed Manufacturers 381LX222M035J202 Datasheet HTML 3Page - List of Unclassifed Manufacturers 381LX222M035J202 Datasheet HTML 4Page - List of Unclassifed Manufacturers 381LX222M035J202 Datasheet HTML 5Page - List of Unclassifed Manufacturers 381LX222M035J202 Datasheet HTML 6Page - List of Unclassifed Manufacturers 381LX222M035J202 Datasheet HTML 7Page - List of Unclassifed Manufacturers 381LX222M035J202 Datasheet HTML 8Page - List of Unclassifed Manufacturers 381LX222M035J202 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types 381L, 383L, 381LX & 383LX 105 ºC High-Ripple Snap-In
Type
Capacitance
Tolerance Rated Voltage Case Code Insulation
5-pin Option
383LX
472
M
200
N08
2
V
Part Numbering System
100 = 10 µF
101 = 100 µF
492 = 4900 µF
433= 43,000 µF
M = ±20%
Vdc
2 PVC
381L (2 pins)
381LX (2 pins)
383L (4 or 5 pins)
383LX (4 or 5 pins)
(383L/LX, 40 or
50 mm dia)
blank = 4 pins
V = 5 pins
Insulated Case Dimensions
Case
Code
DIAMETER
“D”
mm inches
LENGTH
“L”
mm inches
Typical
Weight
(grams)
Case
Code
DIAMETER
“D”
mm inches
LENGTH
“L”
mm inches
Typical
Weight
(grams)
H20
22
0.87
20
0.79
14
A20
35
1.38
20
0.79
35
H01
22
0.87
25
0.98
16
A01
35
1.38
25
0.98
42
H02
22
0.87
30
1.18
19
A02
35
1.38
30
1.18
48
H03
22
0.87
35
1.38
22
A03
35
1.38
35
1.38
54
H04
22
0.87
40
1.57
24
A04
35
1.38
40
1.57
62
H45
22
0.87
45
1.77
28
A45
35
1.38
45
1.77
67
H05
22
0.87
50
1.97
31
A05
35
1.38
50
1.97
74
J20
25
0.98
20
0.79
16
A06
35
1.38
63
2.48
88
J01
25
0.98
25
0.98
20
A07
35
1.38
70
2.76
98
J02
25
0.98
30
1.18
24
A08
35
1.38
80
3.15
112
J03
25
0.98
35
1.38
27
A10
35
1.38
105 4.13
144
J04
25
0.98
40
1.57
31
N04
40
1.57
40
1.57
82
J045
25
0.98
45
1.77
35
N05
40
1.57
50
1.97
105
J05
25
0.98
50
1.97
38
N06
40
1.57
63
2.48
130
K20
30
1.18
20
0.79
25
N08
40
1.57
80
3.15
185
K01
30
1.18
25
0.98
30
N10
40
1.57
105 4.13
265
K02
30
1.18
30
1.18
35
B05
50
1.97
50
1.97
136
K03
30
1.18
35
1.38
40
B06
50
1.97
63
2.48
168
K04
30
1.18
40
1.57
44
B08
50
1.97
80
3.15
239
K45
30
1.18
45
1.77
48
B09
50
1.97
92
3.62
241
K05
30
1.18
50
1.97
53
B10
50
1.97
105 4.13
325
Typical Performance Curves


Similar Part No. - 381LX222M035J202

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LX222M035J202 CDE-381LX222M035J202 Datasheet
409Kb / 10P
   High-Ripple Snap-In
More results

Similar Description - 381LX222M035J202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LQ ETC-381LQ Datasheet
556Kb / 7P
   105 C Compact, High-Ripple Snap-in
381LR ETC2-381LR Datasheet
214Kb / 3P
   105 째C Ultra-High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381L CDE-381L Datasheet
409Kb / 10P
   High-Ripple Snap-In
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYH VISHAY-EYH Datasheet
116Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
logo
Cornell Dubilier Electr...
381LR CDE-381LR Datasheet
214Kb / 3P
   Ultra-High-Ripple Snap-in More Ripple Current Capability
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com