Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0101DRLT Datasheet(PDF) 3 Page - Texas Instruments

Part # TXS0101DRLT
Description  1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0101DRLT Datasheet(HTML) 3 Page - Texas Instruments

  TXS0101DRLT Datasheet HTML 1Page - Texas Instruments TXS0101DRLT Datasheet HTML 2Page - Texas Instruments TXS0101DRLT Datasheet HTML 3Page - Texas Instruments TXS0101DRLT Datasheet HTML 4Page - Texas Instruments TXS0101DRLT Datasheet HTML 5Page - Texas Instruments TXS0101DRLT Datasheet HTML 6Page - Texas Instruments TXS0101DRLT Datasheet HTML 7Page - Texas Instruments TXS0101DRLT Datasheet HTML 8Page - Texas Instruments TXS0101DRLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
THERMAL IMPEDANCE RATINGS
TXS0101
www.ti.com ...................................................................................................................................................... SCES638A – OCTOBER 2007 – REVISED MAY 2008
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCCA
Supply voltage range
–0.5
4.6
V
VCCB
Supply voltage range
–0.5
6.5
V
A port
–0.5
4.6
VI
Input voltage range(2)
V
B port, OE
–0.5
6.5
A port
–0.5
4.6
Voltage range applied to any output
VO
V
in the high-impedance or power-off state(2)
B port
–0.5
6.5
A port
–0.5
VCCA + 0.5
VO
Voltage range applied to any output in the high or low state(2)(3)
V
B port
–0.5
VCCB + 0.5
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCCA, VCCB, or GND
±100
mA
DBV package
165
DCK package
259
θ
JA
Package thermal impedance(4)
°C/W
DRL package
142
YZP package
123
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCCA and VCCB are provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
UNIT
DBV package
165
DCK package
259
θ
JA
Package thermal impedance(1)
°C/W
DRL package
142
YEP/YZP package
123
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TXS0101


Similar Part No. - TXS0101DRLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0101DRLT TI-TXS0101DRLT Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0101DRLT TI-TXS0101DRLT Datasheet
840Kb / 21P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results

Similar Description - TXS0101DRLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0101 TI-TXS0101_10 Datasheet
840Kb / 21P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
NVT2001 PHILIPS-NVT2001 Datasheet
217Kb / 23P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002_15 Datasheet
280Kb / 12P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
UM2001P UNIONSEMI-UM2001P Datasheet
245Kb / 10P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
logo
Texas Instruments
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com