Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27510DRZT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27510DRZT
Description  System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27510DRZT Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ27510DRZT Datasheet HTML 4Page - Texas Instruments BQ27510DRZT Datasheet HTML 5Page - Texas Instruments BQ27510DRZT Datasheet HTML 6Page - Texas Instruments BQ27510DRZT Datasheet HTML 7Page - Texas Instruments BQ27510DRZT Datasheet HTML 8Page - Texas Instruments BQ27510DRZT Datasheet HTML 9Page - Texas Instruments BQ27510DRZT Datasheet HTML 10Page - Texas Instruments BQ27510DRZT Datasheet HTML 11Page - Texas Instruments BQ27510DRZT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
DATA COMMANDS
Standard Data Commands
bq27510
SLUS816A – MARCH 2008 – REVISED JUNE 2008.......................................................................................................................................................... www.ti.com
The bq27510 uses a series of 2-byte standard commands to enable system reading and writing of battery
information. Each standard command has an associated command-code pair, as indicated in Table 1. Because
each command consists of two bytes of data, two consecutive I2C transmissions must be executed both to
initiate the command function, and to read or write the corresponding two bytes of data. Additional options for
transferring data, such as spooling, are described in Section, I2C INTERFACE. Standard commands are
accessible in NORMAL operation. Read/Write permissions depend on the active access mode, SEALED or
UNSEALED (for details on the SEALED and UNSEALED states, refer to Section Access Modes.)
Table 1. Standard Commands
NAME
COMMAND CODE
UNITS
SEALED
UNSEALED
ACCESS
ACCESS
Control( )
CNTL
0x00 / 0x01
N/A
R/W
R/W
AtRate( )
AR
0x02 / 0x03
mA
R/W
R/W
AtRateTimeToEmpty( )
ARTTE
0x04 / 0x05
Minutes
R
R/W
Temperature( )
TEMP
0x06 / 0x07
0.1K
R
R/W
Voltage( )
VOLT
0x08 / 0x09
mV
R
R/W
Flags( )
FLAGS
0x0a / 0x0b
N/A
R
R/W
NominalAvailableCapacity( )
NAC
0x0c / 0x0d
mAh
R
R/W
FullAvailableCapacity( )
FAC
0x0e / 0x0f
mAh
R
R/W
RemainingCapacity( )
RM
0x10 / 0x11
mAh
R
R/W
FullChargeCapacity( )
FCC
0x12 / 0x13
mAh
R
R/W
AverageCurrent( )
AI
0x14 / 0x15
mA
R
R/W
TimeToEmpty( )
TTE
0x16 / 0x17
Minutes
R
R/W
TimeToFull( )
TTF
0x18 / 0x19
Minutes
R
R/W
StandbyCurrent( )
SI
0x1a / 0x1b
mA
R
R/W
StandbyTimeToEmpty( )
STTE
0x1c / 0x1d
Minutes
R
R/W
MaxLoadCurrent( )
MLI
0x1e / 0x1f
mA
R
R/W
MaxLoadTimeToEmpty( )
MLTTE
0x20 / 0x21
Minutes
R
R/W
AvailableEnergy( )
AE
0x22 / 0x23
mWhr
R
R/W
AveragePower( )
AP
0x24 / 0x25
mW
R
R/W
TTEatConstantPower( )
TTECP
0x26 / 0x27
Minutes
R
R/W
Reserved
RSVD
0x28 / 0x29
N/A
R
R/W
CycleCount( )
CC
0x2a / 0x2b
Counts
R
R/W
StateOfCharge( )
SOC
0x2c / 0x2d
%
R
R/W
Control(): 0x00/0x01
Issuing a Control( ) command requires a subsequent 2-byte subcommand. These additional bytes specify the
particular control function desired. The Control( ) command allows the system to control specific features of the
bq27510 during normal operation and additional features when the bq27510 is in different access modes, as
described in Table 2.
Table 2. Control( ) Subcommands
CNTL FUNCTION
CNTL DATA
SEALED
DESCRIPTION
ACCESS
CONTROL_STATUS
0x0000
Yes
Reports the status of DF Checksum, Hibernate, IT, etc.
DEVICE_TYPE
0x0001
Yes
Reports the device type (bq27510)
FW_VERSION
0x0002
Yes
Reports the firmware version on the device type
HW_VERSION
0x0003
Yes
Reports the hardware version of the device type
DF_CHECKSUM
0x0004
No
Enables a data flash checksum to be generated and reports on a read
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): bq27510


Similar Part No. - BQ27510DRZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27510DRZT TI-BQ27510DRZT Datasheet
799Kb / 37P
[Old version datasheet]   System-Side Impedance-Track Fuel Gauge With Direct Battery Connection
BQ27510DRZT TI-BQ27510DRZT Datasheet
905Kb / 38P
[Old version datasheet]   System-Side Impedance TrackTM Fuel Gauge With Direct Battery Connection
BQ27510DRZT TI1-BQ27510DRZT Datasheet
1Mb / 39P
[Old version datasheet]   Direct Battery Connection
bq27510DRZT-G1 TI-bq27510DRZT-G1 Datasheet
952Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510DRZT-G1 TI1-BQ27510DRZT-G1 Datasheet
1Mb / 40P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
More results

Similar Description - BQ27510DRZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27410-G1 TI1-BQ27410-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27510-G2 TI1-BQ27510-G2 Datasheet
844Kb / 38P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI1-BQ27510-G1_17 Datasheet
1Mb / 40P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510 Datasheet
799Kb / 37P
[Old version datasheet]   System-Side Impedance-Track Fuel Gauge With Direct Battery Connection
BQ27510-G1 TI-BQ27510-G1 Datasheet
952Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
BQ27510-G3 TI-BQ27510-G3 Datasheet
973Kb / 20P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Direct Battery Connection
BQ27510 TI-BQ27510_1 Datasheet
905Kb / 38P
[Old version datasheet]   System-Side Impedance TrackTM Fuel Gauge With Direct Battery Connection
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com