Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7230IPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7230IPWR
Description  LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7230IPWR Datasheet(HTML) 5 Page - Texas Instruments

  ADS7230IPWR Datasheet HTML 1Page - Texas Instruments ADS7230IPWR Datasheet HTML 2Page - Texas Instruments ADS7230IPWR Datasheet HTML 3Page - Texas Instruments ADS7230IPWR Datasheet HTML 4Page - Texas Instruments ADS7230IPWR Datasheet HTML 5Page - Texas Instruments ADS7230IPWR Datasheet HTML 6Page - Texas Instruments ADS7230IPWR Datasheet HTML 7Page - Texas Instruments ADS7230IPWR Datasheet HTML 8Page - Texas Instruments ADS7230IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
ELECTRICAL CHARACTERISTICS: VREF = 2.5V
ADS7229
ADS7230
www.ti.com........................................................................................................................................................................................................ SBAS437 – MAY 2008
At TA = –40°C to +85°C, +VA = 2.7V to 3.6V, +VBD = 1.65V to 1.5x(+VA), VREF = 2.5V, fSAMPLE = 1MHz for 3V ≤ +VA ≤ 3.6V,
and fSAMPLE = 900kHz for 3V < +VA ≤ 2.7V using external clock, unless otherwise noted.
ADS7229, ADS7230
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
FSR
Full-scale input voltage (1)
+IN – (–IN) or (+INx – COM)
0
VREF
V
+IN, +IN0, +IN1
AGND – 0.2
+VA + 0.2
Absolute input voltage
V
–IN or COM
AGND – 0.2
AGND + 0.2
Input capacitance
45
pF
No ongoing conversion,
Input leakage current
50
nA
dc Input
At dc
108
Input channel isolation, ADS7230 only
dB
VI = ±1.25VPP at 50kHz
101
SYSTEM PERFORMANCE
Resolution
12
Bits
No missing codes
12
Bits
INL
Integral linearity
–0.5
±0.15
0.5
LSB(2)
DNL
Differential linearity
–0.5
±0.12
0.5
LSB(2)
EO
Offset error(3)
–0.8
±0.07
0.8
mV
Offset error drift
FSR = 2.5V
±0.1
ppm/
°C
EG
Gain error
–0.1
±0.008
0.1
%FSR
Gain error drift
±0.3
ppm/
°C
At dc
70
CMRR
Common-mode rejection ratio
dB
VI = 0.4VPP at 1MHz
50
Noise
33
µV
RMS
PSRR
Power-supply rejection ratio
At FFFFh output code(3)
78
dB
SAMPLING DYNAMICS
tCONV
Conversion time
18
CCLK
tSAMPLE1
Manual trigger
3
Acquisition time
CCLK
tSAMPLE2
Auto trigger
3
2.7V
≤ +VA < 3.0V
0.9
Throughput rate
MHz
3.0V
≤ +VA ≤ 3.64V
1
Aperture delay
5
ns
Aperture jitter
10
ps
Step response
100
ns
Overvoltage recovery
100
ns
(1)
Ideal input span; does not include gain or offset error.
(2)
LSB means least significant bit.
(3)
Measured relative to an ideal full-scale input [(+IN) – (–IN)] of 2.5V when +VA = 3V.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS7229 ADS7230


Similar Part No. - ADS7230IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7230IPWR TI1-ADS7230IPWR Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7230IPWRG4 TI1-ADS7230IPWRG4 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Similar Description - ADS7230IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7229 TI1-ADS7229_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI-ADS7279 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI-ADS8329 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_16 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com