Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7863IRGET Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7863IRGET
Description  Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7863IRGET Datasheet(HTML) 5 Page - Texas Instruments

  ADS7863IRGET Datasheet HTML 1Page - Texas Instruments ADS7863IRGET Datasheet HTML 2Page - Texas Instruments ADS7863IRGET Datasheet HTML 3Page - Texas Instruments ADS7863IRGET Datasheet HTML 4Page - Texas Instruments ADS7863IRGET Datasheet HTML 5Page - Texas Instruments ADS7863IRGET Datasheet HTML 6Page - Texas Instruments ADS7863IRGET Datasheet HTML 7Page - Texas Instruments ADS7863IRGET Datasheet HTML 8Page - Texas Instruments ADS7863IRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
www.ti.com
ADS7863
SBAS383B – JUNE 2007 – REVISED MARCH 2008
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +125°C, entire power-supply range, VREF = 2.5V (internal), fCLK = 32MHz, and tDATA = 2MSPS, unless
otherwise noted.
ADS7863
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
INTERNAL VOLTAGE REFERENCE, continued
PSRR
Power-supply rejection ratio
73
dB
IREFOUT
Reference output dc current
–2
+2
mA
IREFSC
Reference output short-circuit current(3)
50
mA
tREFON
Reference output settling time
0.5
ms
VOLTAGE REFERENCE INPUT
VREF
Reference input voltage range
0.5
2.525
V
IREF
Reference input current
50
µA
CREF
Reference input capacitance
10
pF
DIGITAL INPUTS(4)
Logic family
CMOS with Schmitt-Trigger
VIH
High-level input voltage
0.7
× BV
DD
BVDD + 0.3
V
VIL
Low-level input voltage
–0.3
0.3
× BV
DD
V
IIN
Input current
VIN = BVDD to BGND
–50
+50
nA
CIN
Input capacitance
5
pF
DIGITAL OUTPUTS(4)
Logic family
CMOS
VOH
High-level output voltage
BVDD = 4.5V, IOH = –100µA
BVDD – 0.2
V
VOL
Low-level output voltage
BVDD = 4.5V, IOH = 100µA
0.2
V
IOZ
High-impedance-state output current
–50
+50
nA
COUT
Output capacitance
5
pF
CLOAD
Load capacitance
30
pF
POWER SUPPLY
AVDD
Analog supply voltage
AVDD to AGND
2.7
5.0
5.5
V
BVDD
Buffer I/O supply voltage
BVDD to BGND
2.7
3.0
5.5
V
AVDD = 2.7V
4.5
6
AVDD = 5.0V
6.5
8
AVDD = 2.7V, NAP power-down
1.1
1.5
AIDD
Analog supply current
mA
AVDD = 5.0V, NAP power-down
1.4
2.0
AVDD = 2.7V, deep power-down
0.001
AVDD = 5.0V, deep power-down
0.001
BVDD = 2.7V, CLOAD = 10pF
0.5
1.3
BIDD
Buffer I/O supply current
mA
BVDD = 3.3V, CLOAD = 10pF
0.9
1.6
AVDD = 2.7V, BVDD = 2.7V
13.5
19.7
PDISS
Power dissipation
mW
AVDD = 5.0V, BVDD = 3.3V
35.5
45.3
(3)
Reference output current is not limited internally.
(4)
Ensured by design, not production tested.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS7863


Similar Part No. - ADS7863IRGET

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7863IRGET BURR-BROWN-ADS7863IRGET Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7863IRGET TI1-ADS7863IRGET Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
ADS7863IRGET TI1-ADS7863IRGET Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863IRGETG4 TI1-ADS7863IRGETG4 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
ADS7863IRGETG4 TI1-ADS7863IRGETG4 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7863IRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7863 TI1-ADS7863_14 Datasheet
1Mb / 44P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 TI1-ADS7863 Datasheet
1Mb / 43P
[Old version datasheet]   Dual, 2MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous Sampling
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7863A TI1-ADS7863A Datasheet
1Mb / 42P
[Old version datasheet]   Dual, 2-MSPS, 12-Bit, 2 2 or 3 3 Channel, Simultaneous-Sampling, Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com