Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3A44159RSVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A44159RSVR
Description  0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3A44159RSVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS3A44159RSVR Datasheet HTML 3Page - Texas Instruments TS3A44159RSVR Datasheet HTML 4Page - Texas Instruments TS3A44159RSVR Datasheet HTML 5Page - Texas Instruments TS3A44159RSVR Datasheet HTML 6Page - Texas Instruments TS3A44159RSVR Datasheet HTML 7Page - Texas Instruments TS3A44159RSVR Datasheet HTML 8Page - Texas Instruments TS3A44159RSVR Datasheet HTML 9Page - Texas Instruments TS3A44159RSVR Datasheet HTML 10Page - Texas Instruments TS3A44159RSVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TS3A44159
www.ti.com ......................................................................................................................................................... SCDS225A – MARCH 2007 – REVISED JUNE 2008
ELECTRICAL CHARACTERISTICS FOR 3.3-V SUPPLY (continued)
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25°C
3 V
20
38
VCOM = V+,
Turn-on time
tON
CL = 35 pF
ns
3 V to
RL = 50 Ω,
Full
40
3.6 V
25°C
3 V
14
34
VCOM = V+,
Turn-off time
tOFF
CL = 35 pF
ns
3 V to
RL = 50 Ω,
Full
35
3.6 V
25°C
3 V
3
11
35
Break-before-make
VNC = VNO = V+,
tBBM
CL = 35 pF
ns
3 V to
time
RL = 50 Ω,
Full
2
55
3.6 V
VGEN = 0,
Charge injection
QC
CL = 1 nF
25°C
3 V
109
pC
RGEN = 0,
NC, NO
CNC(OFF),
VNC or VNO = V+ or GND,
See Figure 19
25°C
3 V
51
pF
OFF capacitance
CNO(OFF)
Switch OFF,
NC, NO
CNC(ON),
VNC or VNO = V+ or GND,
See Figure 19
25°C
3 V
162
pF
ON capacitance
CNO(ON)
Switch OFF,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 19
25°C
3 V
162
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND
25°C
3 V
2.5
pF
capacitance
Bandwidth
BW
RL = 50 Ω,
Switch ON
25°C
3 V
35
MHz
RL = 50 Ω,
OFF isolation
OISO
Switch OFF
25°C
3 V
–71
dB
f = 100 kHz,
RL = 50 Ω,
Crosstalk
XTALK
Switch ON
25°C
3 V
–73
dB
f = 100 kHz,
Total harmonic
RL = 600 Ω,
THD
f = 20 Hz to 20 kHz
25°C
3 V
0.003
%
distortion
CL = 50 pF,
Supply
25°C
0.015
0.2
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
3.6 V
µA
current
Full
0.7
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TS3A44159


Similar Part No. - TS3A44159RSVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A44159RSVR TI-TS3A44159RSVR Datasheet
966Kb / 29P
[Old version datasheet]   0.45-W QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159RSVR TI-TS3A44159RSVR Datasheet
994Kb / 30P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159RSVR TI1-TS3A44159RSVR Datasheet
1Mb / 32P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159RSVRG4 TI-TS3A44159RSVRG4 Datasheet
994Kb / 30P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
More results

Similar Description - TS3A44159RSVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A44159 TI-TS3A44159_10 Datasheet
994Kb / 30P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI1-TS3A44159_14 Datasheet
1Mb / 32P
[Old version datasheet]   0.45-廓 QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159 Datasheet
966Kb / 29P
[Old version datasheet]   0.45-W QUAD SPDT ANALOG SWITCH QUAD-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER WITH TWO CONTROLS
TS3A44159 TI-TS3A44159_15 Datasheet
1Mb / 35P
[Old version datasheet]   TS3A44159 0.45-廓 Quad SPDT Analog Switch 4-Channel 2:1 Multiplexer ??Demultiplexer With Two Controls
TS3A44159-DIE TI-TS3A44159-DIE_15 Datasheet
66Kb / 6P
[Old version datasheet]   TS3A44159-DIE Quad SPDT Analog Switch Quad-Channel 2:1 Multiplexer/Demultiplexer With Two Controls
TS5A9411 TI-TS5A9411_09 Datasheet
613Kb / 22P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411_15 Datasheet
864Kb / 23P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI1-TS5A9411_14 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com