Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ77PL900DL Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ77PL900DL
Description  Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ77PL900DL Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ77PL900DL Datasheet HTML 4Page - Texas Instruments BQ77PL900DL Datasheet HTML 5Page - Texas Instruments BQ77PL900DL Datasheet HTML 6Page - Texas Instruments BQ77PL900DL Datasheet HTML 7Page - Texas Instruments BQ77PL900DL Datasheet HTML 8Page - Texas Instruments BQ77PL900DL Datasheet HTML 9Page - Texas Instruments BQ77PL900DL Datasheet HTML 10Page - Texas Instruments BQ77PL900DL Datasheet HTML 11Page - Texas Instruments BQ77PL900DL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
UVLO Mode
Shutdown Mode
Power Supply to PACK
Internal V
REG2 > 2.4 V
Internal V
REG2 < 2.3 V
Power Supply to PACK
DSG: OFF
Any State
NoPowerSupply
CHG: OFF
DSG: OFF
VREG1: OFF
VREG2: OFF
XRST:LOW
I C: Disabled
UVProtection:Disabled
OV Protection: Disabled
Current Protection: Disabled
Thermal Protection: Disabled
2
CHG: OFF
DSG: OFF
VREG1: OFF
VREG2: OFF
XRST:LOW
I C: Disabled
Current Protection: Disabled
VCELL: Disabled
Watchdog: Disabled
Thermal Protection: Disabled
2
FirmwareCommand
and NoSupplytoPACK
Firmware
Command
Firmware
Command
FirmwareCommand
NoSupplyPACK
Voltage Mode
CHG: OFF
DSG: OFF
VREG1: ON
VREG2: ON
XRST:HIGH
I C:Enabled
UVProtection:Enabled
OV Protection: Enabled
Current Protection: Disabled
Thermal Protection: Enabled
2
CHG: ON
DSG: OFF
VREG1: ON
VREG2: ON
XRST:HIGH
I C:Enabled
UVProtection:Disabled
OV Protection: Enabled
Current Protection:Enabled
Thermal Protection: Enabled
2
CHG: ON
DSG: ON
VREG1: ON
VREG2: ON
XRST:HIGH
I C:Enabled
UVProtection:Enabled
OV Protection: Enabled
Current Protection:Enabled
Thermal Protection: Enabled
2
CurrentProtection Mode
DischargeSide
CHG: OFF
DSG: OFF
VREG1: ON
VREG2: ON
XRST:HIGH
I C:Enabled
UVProtection:Enabled
OV Protection: Enabled
Current Protection:Enabled
Thermal Protection: Disabled
2
Overtemperature
Protection Mode
CHG: OFF
DSG: ON
VREG1: ON
VREG2: ON
XRST:HIGH
I C:Enabled
UVProtection:Enabled
OV Protection: Disabled
Current Protection:Enabled
Thermal Protection: Enabled
2
Overvoltage
Protection Mode
Undervoltage
Protection Mode
Normal Mode
V
>V
orV
foraperiodof
t
ort
SR
OC
SC
OC
SC
Firmware
Command
V
<V
cell
UV or
V
>V
cell
OV
or
AllCell Voltage> V
+
V
or (V
– V
>0.4Vand All
CellVoltage < V
),then
FirmwareCommand
UV
UV
pack
bat
UV
AllCell Voltage< V
,then
FirmwareCommand
OV
TurnOn T
and
V
<0.975V
out
IN
TurnOn T
and
V
> 1.075V,
thenFirmware
Command
out
IN
B0327-01
bq77PL900
SLUS844 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
Figure 4. Host-Control Mode
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): bq77PL900


Similar Part No. - BQ77PL900DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77PL900DL TI-BQ77PL900DL Datasheet
866Kb / 57P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End
bq77PL900DL TI-bq77PL900DL Datasheet
862Kb / 60P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lifthium-Polymer Battery Protector and Analog Front End
BQ77PL900DLG4 TI-BQ77PL900DLG4 Datasheet
862Kb / 60P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lifthium-Polymer Battery Protector and Analog Front End
BQ77PL900DLR TI-BQ77PL900DLR Datasheet
862Kb / 60P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lifthium-Polymer Battery Protector and Analog Front End
BQ77PL900DLRG4 TI-BQ77PL900DLRG4 Datasheet
862Kb / 60P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lifthium-Polymer Battery Protector and Analog Front End
More results

Similar Description - BQ77PL900DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77PL900 TI-BQ77PL900_1 Datasheet
866Kb / 57P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lithium-Polymer Battery Protector and Analog Front End
BQ77PL900 TI-BQ77PL900_2 Datasheet
862Kb / 60P
[Old version datasheet]   Five to Ten Series Cell Lithium-Ion or Lifthium-Polymer Battery Protector and Analog Front End
BQ76925 TI1-BQ76925 Datasheet
743Kb / 29P
[Old version datasheet]   Host Controlled Analog Front End for 3 to 6 Series Cell Lithium-Ion/ Polymer Battery
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Unisonic Technologies
UB2421 UTC-UB2421_15 Datasheet
232Kb / 11P
   ONE CELL LITHIUM-ION POLYMER BATTERY
logo
Texas Instruments
BQ29330 TI-BQ29330 Datasheet
1Mb / 26P
[Old version datasheet]   2-,3-,AND 4-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ77910ADBT TI1-BQ77910ADBT Datasheet
856Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77908A TI-BQ77908A Datasheet
943Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910A TI1-BQ77910A Datasheet
941Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com