Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7887 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7887
Description  12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7887 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7887 Datasheet HTML 7Page - Texas Instruments ADS7887 Datasheet HTML 8Page - Texas Instruments ADS7887 Datasheet HTML 9Page - Texas Instruments ADS7887 Datasheet HTML 10Page - Texas Instruments ADS7887 Datasheet HTML 11Page - Texas Instruments ADS7887 Datasheet HTML 12Page - Texas Instruments ADS7887 Datasheet HTML 13Page - Texas Instruments ADS7887 Datasheet HTML 14Page - Texas Instruments ADS7887 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
APPLICATION INFORMATION
50 W
50 W
20 pF
20 W
7 pF
VDD
IN
GND
Driving the VIN and VDD Pins
VDD
VIN
GND
CS
SDO
SCLK
10 nF
1 mF
VDD
VDD
VIN
GND
CS
SDO
SCLK
10nF
1 mF
GND
IN
OUT
3V/5V
1mF
5V/7V
REF5030/REF5050
ADS7883
www.ti.com ....................................................................................................................................................................................................... SLAS594 – JULY 2008
Figure 24. Typical Equivalent Sampling Circuit
The VIN input to the ADS7883 should be driven with a low impedance source. In most cases additional buffers
are not required. In cases where the source impedance exceeds 200
Ω, using a buffer would help achieve the
rated performance of the converter. The THS4031 is a good choice for the driver amplifier buffer.
The reference voltage for the ADS7883 A/D converter is derived from the supply voltage internally. The device
offers limited low-pass filtering functionality on-chip. The supply to these converters should be driven with a low
impedance source and should be decoupled to the ground. A 1-µF storage capacitor and a 10-nF decoupling
capacitor should be placed close to the device. Wide, low impedance traces should be used to connect the
capacitor to the pins of the device. The ADS7883 draws very little current from the supply lines. The supply line
can be driven by either:
• Directly from the system supply.
• A reference output from a low drift and low drop out reference voltage generator like the REF5030 or
REF5050. The ADS7883 can operate with a wide range of supply voltages. The actual choice of the
reference voltage generator depends upon the system. Figure 26 shows one possible application circuit.
• A low-pass filtered version of the system supply followed by a buffer like the zero-drift OPA735 can also be
used in cases where the system power supply is noisy. Care should be taken to ensure that the voltage at the
VDD input does not exceed 7 V (especially during power up) to avoid damage to the converter. This can be
done easily using single supply CMOS amplifiers like the OPA735. Figure 27 shows one possible application
circuit.
Figure 25. Supply/Reference Decoupling Capacitors
Figure 26. Using the REF5030/REF5050 Reference
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS7883


Similar Part No. - ADS7887

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887 TI1-ADS7887 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887MDBVT TI1-ADS7887MDBVT Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7887

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_15 Datasheet
1Mb / 36P
[Old version datasheet]   Serial Interface, Micropower, Miniature SAR Analog-to-Digital Converter
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com