Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2551DBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2551DBVR
Description  ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2551DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2551DBVR Datasheet HTML 2Page - Texas Instruments TPS2551DBVR Datasheet HTML 3Page - Texas Instruments TPS2551DBVR Datasheet HTML 4Page - Texas Instruments TPS2551DBVR Datasheet HTML 5Page - Texas Instruments TPS2551DBVR Datasheet HTML 6Page - Texas Instruments TPS2551DBVR Datasheet HTML 7Page - Texas Instruments TPS2551DBVR Datasheet HTML 8Page - Texas Instruments TPS2551DBVR Datasheet HTML 9Page - Texas Instruments TPS2551DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
PARAMETER MEASUREMENT INFORMATION
RL
CL
OUT
tr
tf
90%
90%
10%
10%
50%
50%
90%
10%
V
EN
V
OUT
VOLTAGEWAVEFORMS
TESTCIRCUIT
ton
toff
50%
50%
90%
10%
ton
toff
V
OUT
V
OUT
V
EN
t
IOS
I
OS
I
OUT
I
OUT
I
OS
I
OC
DECREASING
LOAD
RESISTANCE
V
OUT
DECREASING
LOAD
RESISTANCE
TPS2550
TPS2551
SLVS736A – FEBRUARY 2008 – REVISED JULY 2008 .................................................................................................................................................... www.ti.com
Figure 2. Test Circuit and Voltage Waveforms
Figure 3. Response Time to Short-Circuit Waveform
Figure 4. Output Voltage vs. Current-Limit Threshold
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2550 TPS2551


Similar Part No. - TPS2551DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2551DBVR TI-TPS2551DBVR Datasheet
1Mb / 28P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2551DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2550 TI-TPS2550 Datasheet
1Mb / 28P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com