Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2550DRVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2550DRVR
Description  ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2550DRVR Datasheet(HTML) 1 Page - Texas Instruments

  TPS2550DRVR Datasheet HTML 1Page - Texas Instruments TPS2550DRVR Datasheet HTML 2Page - Texas Instruments TPS2550DRVR Datasheet HTML 3Page - Texas Instruments TPS2550DRVR Datasheet HTML 4Page - Texas Instruments TPS2550DRVR Datasheet HTML 5Page - Texas Instruments TPS2550DRVR Datasheet HTML 6Page - Texas Instruments TPS2550DRVR Datasheet HTML 7Page - Texas Instruments TPS2550DRVR Datasheet HTML 8Page - Texas Instruments TPS2550DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
* USB Requirement that downstream-facing ports
are bypassed with at least 120 F per hub
m
IN
FAULT
EN
OUT
ILIM
GND
PowerPAD
USBData
USB
Port
120 F*
m
R
15k
ILIM
W
0.1 F
m
R
100k
FAULT
W
INPUT
5VUSB
ControlSignal
TPS2550/51
FAULT Signal
2
1
3
5
6
4
OUT
EN
GND
ILIM
FAULT
IN
TPS2550/TPS2551
DBVPACKAGE
(TOP VIEW)
TPS2550/TPS2551
DRVPACKAGE
(TOP VIEW)
2
1
3
5
6
4
OUT
EN
GND
ILIM
FAULT
IN
EN= ActiveLowfortheTPS2550
EN= ActiveHighfortheTPS2551
TPS2014600mA
TPS20151 A
TPS2041B500mA
TPS2051B500mA
TPS2045A
250mA
TPS2049100mA
TPS2055A
250mA
TPS20611 A
TPS20651 A
TPS20681.5 A
TPS20691.5 A
TPS2042B500mA
TPS2052B500mA
TPS2046B250mA
TPS2056250mA
TPS20621 A
TPS20661 A
TPS20601.5 A
TPS20641.5 A
TPS2080500mA
TPS2081500mA
TPS2082500mA
TPS2090250mA
TPS2091250mA
TPS2092250mA
TPS2043B500mA
TPS2053B500mA
TPS2047B250mA
TPS2057A
250mA
TPS20631 A
TPS20671 A
TPS2044B500mA
TPS2054B500mA
TPS2048A
250mA
TPS2058250mA
TPS2085500mA
TPS2086500mA
TPS2087500mA
TPS2095250mA
TPS2096250mA
TPS2097250mA
TPS201xA
0.2 A to2 A
TPS202x0.2 A to2 A
TPS203x0.2 A to2 A
GENERAL SWITCHCATALOG
33m ,Single
W
80m ,Single
W
80m ,Dual
W
80m ,Dual
W
80m , Triple
W
80m ,Quad
W
80m ,Quad
W
TPS2550
TPS2551
www.ti.com .................................................................................................................................................... SLVS736A – FEBRUARY 2008 – REVISED JULY 2008
ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
2
• Adjustable Current-Limit, 100 mA–1100 mA
• Fast Overcurrent Response - 2 µS Typical
The
TPS2550/51
power-distribution
switch
is
intended for applications where heavy capacitive
• 85-mΩ High-Side MOSFET (DBV Package)
loads and short-circuits are likely to be encountered,
• Reverse Input-Output Voltage Protection
incorporating a 100-m
Ω, N-channel MOSFET in a
• Operating Range: 2.5 V to 6.5 V
single package. The current-limit threshold is user
adjustable between 100 mA and 1.1 A via an external
• Deglitched Fault Report
resistor. The power-switch rise and fall times are
• 1-µA Maximum Standby Supply Current
controlled
to
minimize
current
surges
during
• Ambient Temperature Range: –40°C to 85°C
switching.
• Built-in Soft-Start
The device limits the output current to a desired level
• 15 kV ESD Protection (with external
by switching into a constant-current mode when the
capacitance)
output load exceeds the current-limit threshold or a
short is present. An internal reverse-voltage detection
• UL Listed – File No. E169910
comparator disables the power-switch in the event
• Current-limit Resistor Calculator – SLVC163
that the output voltage is driven higher than the input
to protect devices on the input side of the switch. The
FAULT
logic
output
asserts
low
during
both
overcurrent and reverse-voltage conditions.
• USB Ports/Hubs
• Cell phones
• Laptops
• Heavy Capacitive Loads
• Reverse-Voltage Protection
Figure 1. Typical Application as USB Power
Switch
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2550DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2550DRVR TI-TPS2550DRVR Datasheet
1Mb / 28P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2550DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2550 TI-TPS2550 Datasheet
1Mb / 28P
[Old version datasheet]   ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
logo
Texas Instruments
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
[Old version datasheet]   Precision Adjustable Current-Limited Power-Distribution Switches
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
[Old version datasheet]   Precision Adjustable Current-Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com