Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3808G30 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS3808G30
Description  Low Quiescent Current, Programmable-Delay Supervisory Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3808G30 Datasheet(HTML) 2 Page - Texas Instruments

  TPS3808G30 Datasheet HTML 1Page - Texas Instruments TPS3808G30 Datasheet HTML 2Page - Texas Instruments TPS3808G30 Datasheet HTML 3Page - Texas Instruments TPS3808G30 Datasheet HTML 4Page - Texas Instruments TPS3808G30 Datasheet HTML 5Page - Texas Instruments TPS3808G30 Datasheet HTML 6Page - Texas Instruments TPS3808G30 Datasheet HTML 7Page - Texas Instruments TPS3808G30 Datasheet HTML 8Page - Texas Instruments TPS3808G30 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
TPS3808
SBVS050I – MAY 2004 – REVISED AUGUST 2008........................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
NOMINAL SUPPLY VOLTAGE(2)
THRESHOLD VOLTAGE (VIT)
TPS3808G01
Adjustable
0.405V
TPS3808G09
0.9V
0.84V
TPS3808G12
1.2V
1.12V
TPS3808G125
1.25V
1.16V
TPS3808G15
1.5V
1.40V
TPS3808G18
1.8V
1.67V
TPS3808G25
2.5V
2.33V
TPS3808G30
3.0V
2.79V
TPS3808G33
3.3V
3.07V
TPS3808G50
5.0V
4.65V
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Custom threshold voltages from 0.82V to 3.3V, 4.4V to 5.0V are available through the use of factory EEPROM programming. Minimum
order quantities apply. Contact factory for details and availability.
Over operating junction temperature range, unless otherwise noted.
TPS3808
UNIT
Input voltage range, VDD
–0.3 to 7.0
V
CT voltage range, VCT
–0.3 to VDD + 0.3
V
Other voltage ranges: VRESET, VMR, VSENSE
–0.3 to 7
V
RESET pin current
5
mA
Operating junction temperature range, TJ
(2)
–40 to +150
°C
Storage temperature range, TSTG
–65 to +150
°C
ESD rating, HBM
2
kV
ESD rating, CDM
500
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under the Electrical Characteristics
is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2)
As a result of the low dissipated power in this device, it is assumed that TJ = TA.
2
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS3808


Similar Part No. - TPS3808G30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G30 TI-TPS3808G30 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G30 TI-TPS3808G30 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G30 TI-TPS3808G30 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G30 TI-TPS3808G30 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G30 TI-TPS3808G30 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results

Similar Description - TPS3808G30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com