Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

380LX153M035A022 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 380LX153M035A022
Description  85 ?C High-Capacitance Snap-In
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

380LX153M035A022 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 380LX153M035A022 Datasheet HTML 4Page - List of Unclassifed Manufacturers 380LX153M035A022 Datasheet HTML 5Page - List of Unclassifed Manufacturers 380LX153M035A022 Datasheet HTML 6Page - List of Unclassifed Manufacturers 380LX153M035A022 Datasheet HTML 7Page - List of Unclassifed Manufacturers 380LX153M035A022 Datasheet HTML 8Page - List of Unclassifed Manufacturers 380LX153M035A022 Datasheet HTML 9Page - List of Unclassifed Manufacturers 380LX153M035A022 Datasheet HTML 10Page - List of Unclassifed Manufacturers 380LX153M035A022 Datasheet HTML 11Page - List of Unclassifed Manufacturers 380LX153M035A022 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
Max. ESR
Ripple Amps
Nom.
Max. ESR
Ripple Amps
Nom.
Cap.
Catalog
Ω@ 25 °C
Max. @ 85 °C
D x L
Cap.
Catalog
Ω@ 25 °C
Max. @ 85 °C
D x L
(µF)
Part Number
120 Hz20 kHz
120 Hz20 kHz
(mm)
(µF)
Part Number
120 Hz20 kHz
120 Hz20 kHz
(mm)
160 Vdc (200 Vdc Surge)
180 Vdc (225 Vdc Surge)
330 380LX331M160H012
0.603
0.308
1.50
2.00
22 x 25
330 380LX331M180H012
0.603
0.308
1.80
2.50
22 x 25
390 380LX391M160H012
0.470
0.240
1.60
2.30
22 x 25
390 380LX391M180H022
0.510
0.260
1.20
1.60
22 x 30
390 380LX391M160H022
0.470
0.240
1.60
2.30
22 x 30
390 380LX391M180J012
0.510
0.260
1.20
1.60
25 x 25
390 380LX391M160J012
0.470
0.240
1.60
2.30
25 x 25
470 380LX471M180H032
0.423
0.216
2.10
2.90
22 x 35
390 380LX391M160K202
0.600
0.300
1.10
1.50
30 x 20
470 380LX471M180J012
0.423
0.216
2.10
2.90
25 x 25
470 380LX471M160H022
0.423
0.216
2.10
3.00
22 x 30
560 380LX561M180H032
0.355
0.181
2.30
3.20
22 x 35
470 380LX471M160J012
0.423
0.216
2.10
3.00
25 x 25
560 380LX561M180J022
0.355
0.181
2.30
3.20
25 x 30
560 380LX561M160H022
0.355
0.178
2.25
3.15
22 x 30
680 380LX681M180H042
0.293
0.149
2.50
3.50
22 x 40
560 380LX561M160J012
0.355
0.178
2.25
3.15
25 x 25
680 380LX681M180J032
0.293
0.149
2.50
3.50
25 x 35
560 380LX561M160A202
0.420
0.210
1.30
1.80
35 x 20
680 380LX681M180K022
0.293
0.149
2.50
3.50
30 x 30
680 380LX681M160H032
0.293
0.146
2.50
3.50
22 x 35
820 380LX821M180H452
0.243
0.124
2.80
3.90
22 x 45
680 380LX681M160J022
0.293
0.146
2.50
3.50
25 x 30
820 380LX821M180J042
0.243
0.124
2.80
3.90
25 x 40
680 380LX681M160K012
0.293
0.149
2.50
3.50
30 x 25
820 380LX821M180K022
0.243
0.124
2.80
3.90
30 x 30
820 380LX821M160H042
0.260
0.130
2.50
3.50
22 x 40
1000 380LX102M180J452
0.199
0.102
3.00
4.20
25 x 45
820 380LX821M160H452
0.260
0.130
2.80
3.90
22 x 45
1000 380LX102M180K032
0.199
0.102
3.00
4.20
30 x 35
820 380LX821M160J032
0.260
0.130
2.80
3.90
25 x 35
1200 380LX122M180J052
0.166
0.085
3.30
4.60
25 x 50
820 380LX821M160K012
0.260
0.130
2.75
3.85
30 x 25
1200 380LX122M180K042
0.166
0.085
3.30
4.60
30 x 40
1000 380LX102M160H452
0.220
0.110
3.00
4.20
22 x 45
1200 380LX122M180A032
0.166
0.085
3.30
4.60
35 x 35
1000 380LX102M160J042
0.220
0.110
3.00
4.20
25 x 40
1500 380LX152M180K452
0.133
0.068
3.80
5.40
30 x 45
1000 380LX102M160K022
0.220
0.110
3.00
4.20
30 x 30
1500 380LX152M180A042
0.133
0.068
3.80
5.40
35 x 40
1200 380LX122M160J052
0.210
0.115
3.25
4.55
25 x 50
1800 380LX182M180K052
0.111
0.057
4.30
6.00
30 x 50
1200 380LX102M160K032
0.210
0.115
3.25
4.55
30 x 35
1800 380LX182M180A042
0.111
0.057
4.30
6.00
35 x 40
1200 380LX122M160A022
0.210
0.115
3.25
4.55
35 x 30
2200 380LX222M180A052
0.090
0.046
4.90
6.90
35 x 50
1500 380LX152M160J052
0.170
0.090
3.70
5.20
25 x 50
2700 382L272M180N062
0.051
0.027
5.00
6.50
40 x 63
1500 380LX152M160K032
0.170
0.090
3.70
5.20
30 x 35
2700 380L272M180A072
0.054
0.027
4.80
6.20
35 x 70
1500 380LX152M160A022
0.166
0.091
3.73
5.22
35 x 30
3300 380L332M180A082
0.046
0.023
5.40
7.10
35 x 80
1800 380LX182M160K052
0.140
0.085
4.20
5.90
30 x 50
4700 382L472M180N082
0.036
0.020
6.60
8.50
40 x 80
1800 380LX182M160A032
0.140
0.085
4.20
5.90
35 x 35
200 Vdc (250 Vdc Surge)
2200 380LX222M160K052
0.105
0.053
4.78
6.69
30 x 50
150 380LX151M200H202
1.330
0.600
0.65
0.90
22 x 20
2200 380LX222M160A042
0.115
0.075
4.78
6.69
35 x 40
150 380LX151M200H012
1.220
0.550
0.70
1.00
22 x 25
2700 380LX272M160A052
0.090
0.060
5.50
7.60
35 x 50
220 380LX221M200H012
0.083
0.380
1.00
1.45
22 x 25
2700 382LX272M160N042
0.080
0.045
5.50
7.60
40 x 40
220 380LX221M200J202
0.905
0.410
0.90
1.20
25 x 20
3300 380LX332M160A062
0.065
0.040
6.30
8.80
35 x 63
270 380LX271M200H012
0.610
0.280
1.40
2.00
22 x 25
3300 380LX332M160N052
0.065
0.040
6.30
8.80
40 x 50
330 380LX331M200H012
0.550
0.250
1.60
2.20
22 x 25
3900 380LX392M160A082
0.055
0.030
7.30
10.20
35 x 80
330 380LX331M200K202
0.603
0.308
1.00
1.40
30 x 20
3900 380LX392M160N062
0.055
0.030
7.30
10.20
40 x 63
390 380LX391M200H022
0.470
0.210
1.70
2.40
22 x 30
4700 382L472M160N082
0.036
0.020
6.60
8.50
40 x 80
390 380LX391M200J012
0.470
0.210
1.70
2.40
25 x 25
5600 382LX562M160N082
0.040
0.020
8.30
11.70
40 x 80
470 380LX471M200H032
0.390
0.180
1.90
2.60
22 x 35
5600 382LX562M160B052V
0.040
0.020
8.25
9.50
50 x 50
470 380LX471M200J022
0.390
0.180
1.90
2.60
25 x 30
6800 380LX682M160A102
0.032
0.017
9.10
12.70
35 x 105
470 380LX471M200K012
0.423
0.216
1.90
2.60
30 x 25
8200 382LX822M160B062V
0.026
0.015
8.90
12.50
50 x 63
470 380LX471M200A202
0.460
0.210
1.30
1.80
35 x 20
10000 382LX103M160N102
0.022
0.012
9.90
13.80
40 x 105
560 380LX561M200H042
0.330
0.150
2.40
3.40
22 x 40
10000 382LX103M160B082V
0.022
0.012
9.80
13.70
50 x 80
560 380LX561M200J022
0.330
0.150
2.43
3.40
25 x 30
12000 382LX123M160B092V
0.018
0.010
12.90
18.10
50 x 92
560 380LX561M200K012
0.330
0.150
2.40
3.40
30 x 25
15000 382LX153M160B092V
0.014
0.008
14.10
19.70
50 x105
680 380LX681M200H452
0.270
0.120
2.70
3.80
22 x 45


Similar Part No. - 380LX153M035A022

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
380LX153M035A022 CDE-380LX153M035A022 Datasheet
464Kb / 12P
   High-Capacitance Snap-In
logo
List of Unclassifed Man...
380LX153M035A022 ETC2-380LX153M035A022 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Cornell Dubilier Electr...
380LX153M035A022 CDE-380LX153M035A022 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
380LX153M035A022 CDE-380LX153M035A022 Datasheet
575Kb / 12P
   2, 4 and 5 pin styles available
380LX153M035A022 CDE-380LX153M035A022 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 380LX153M035A022

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
380LX473M016K052 ETC2-380LX473M016K052 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
380L CDE-380L Datasheet
464Kb / 12P
   High-Capacitance Snap-In
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com