Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1282 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS1282
Description  High-Resolution Analog-to-Digital Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1282 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1282_08 Datasheet HTML 7Page - Texas Instruments ADS1282_08 Datasheet HTML 8Page - Texas Instruments ADS1282_08 Datasheet HTML 9Page - Texas Instruments ADS1282_08 Datasheet HTML 10Page - Texas Instruments ADS1282_08 Datasheet HTML 11Page - Texas Instruments ADS1282_08 Datasheet HTML 12Page - Texas Instruments ADS1282_08 Datasheet HTML 13Page - Texas Instruments ADS1282_08 Datasheet HTML 14Page - Texas Instruments ADS1282_08 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
-100 -80
Offset( V)
m
30
25
20
15
10
5
0
-60 -40
100
-20
0
20
25Units
PGA=8
PGA=1
80
60
40
-1.2
-1.1
GainError(%)
10
8
6
4
2
0
-1.0 -0.9
-0.3
-0.8 -0.7 -0.6
25Units
Low-PowerMode
High-ResolutionMode
-0.4
-0.5
GainDrift(ppm/ C)
°
90
80
70
60
50
40
30
20
10
0
PGA=1,2,4
PGA=8,64
25UnitsBasedon+20 CIntervals
OvertheRangeof 40 Cto+85 C
°
°
°
-
PGA=32
PGA=16
OffsetDrift( V/ C)
m °
90
80
70
60
50
40
30
20
10
0
PGA=8
PGA=1
25UnitsBasedon
+20 CIntervals
OvertheRangeof
40 Cto+85 C
°
°
°
-
GainError(%)
8
6
4
2
0
Worst-CaseGainMatchRelativePGA=1(25Units)
ADS1282
www.ti.com ................................................................................................................................................. SBAS418D – SEPTEMBER 2007 – REVISED JULY 2008
TYPICAL CHARACTERISTICS (continued)
At +25°C, AVDD = +2.5V, AVSS = –2.5V, fCLK = 4.096MHz, VREFP = +2.5V, VREFN = –2.5V, DVDD = +3.3V,
CAPN – CAPP = 10nF, PGA = 1, High-Resolution Mode, and fDATA = 1000SPS, unless otherwise noted.
OFFSET HISTOGRAM
GAIN ERROR HISTOGRAM
Figure 25.
Figure 26.
OFFSET DRIFT HISTOGRAM
GAIN DRIFT HISTOGRAM
Figure 27.
Figure 28.
GAIN MATCH HISTOGRAM
Figure 29.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS1282


Similar Part No. - ADS1282_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1282-HT TI1-ADS1282-HT_16 Datasheet
1Mb / 59P
[Old version datasheet]   High-Temperature High-Resolution Delta Sigma ADC
ADS1282-SP TI1-ADS1282-SP Datasheet
1Mb / 61P
[Old version datasheet]    Radiation Tolerant High-Resolution Delta Sigma ADC
ADS1282HIPW TI1-ADS1282HIPW Datasheet
1Mb / 61P
[Old version datasheet]    Radiation Tolerant High-Resolution Delta Sigma ADC
ADS1282HIPWR TI1-ADS1282HIPWR Datasheet
1Mb / 61P
[Old version datasheet]    Radiation Tolerant High-Resolution Delta Sigma ADC
More results

Similar Description - ADS1282_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC729 BURR-BROWN-DAC729 Datasheet
272Kb / 12P
   Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com