Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NXSX426CT Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NXSX426CT
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NXSX426CT Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NXSX426CT Datasheet HTML 1Page - NICHIA CORPORATION NXSX426CT Datasheet HTML 2Page - NICHIA CORPORATION NXSX426CT Datasheet HTML 3Page - NICHIA CORPORATION NXSX426CT Datasheet HTML 4Page - NICHIA CORPORATION NXSX426CT Datasheet HTML 5Page - NICHIA CORPORATION NXSX426CT Datasheet HTML 6Page - NICHIA CORPORATION NXSX426CT Datasheet HTML 7Page - NICHIA CORPORATION NXSX426CT Datasheet HTML 8Page - NICHIA CORPORATION NXSX426CT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
-4-
Nichia
STSE-CC5151A-1
<Cat.No.060915>
7.CAUTIONS
(1) Moisture Proof Package
· When moisture is absorbed into the SMT package it may vaporize and expand during soldering.
There is a possibility that this can cause exfoliation of the contacts and damage to the optical
characteristics of the LEDs.
For this reason, the moisture proof package is used to keep moisture
to a minimum in the package.
· The moisture proof package is made of an aluminum moisture proof bag.
A package of
a moisture absorbent material (silica gel) is inserted into the aluminum moisture proof bag.
The silica gel changes its color from blue to pink as it absorbs moisture.
(2) Storage
· Storage Conditions
Before opening the package :
The LEDs should be kept at 30°C or less and 90%RH or less. The LEDs should be used within a
year.
When storing the LEDs, moisture proof packaging with absorbent material (silica gel)
is recommended.
After opening the package :
The LEDs should be kept at 30°C or less and 70%RH or less.
The LEDs should be soldered
within 168 hours (7days) after opening the package.
If unused LEDs remain, they should be
stored in moisture proof packages, such as sealed containers with packages of moisture absorbent
material (silica gel).
It is also recommended to return the LEDs to the original moisture proof
bag and to reseal the moisture proof bag again.
· If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage
time, baking treatment should be performed using the following conditions.
Baking treatment : more than 24 hours at 65 ± 5°C
· Nichia LED electrodes are silver plated copper alloy.
The silver surface may be affected by
environments which contain corrosive substances. Please avoid conditions which may cause the LED
to corrode, tarnish or discolor. This corrosion or discoloration may cause difficulty during soldering
operations. It is recommended that the User use the LEDs as soon as possible.
· Please avoid rapid transitions in ambient temperature, especially in high humidity environments where
condensation can occur.
(3) Heat Generation
· Thermal design of the end product is of paramount importance.
Please consider the heat generation
of the LED when making the system design.
The coefficient of temperature increase per input
electric power is affected by the thermal resistance of the circuit board and density of LED placement
on the board, as well as other components. It is necessary to avoid intense heat generation and operate
within the maximum ratings given in this specification.
· The operating current should be decided after considering the ambient maximum temperature of LEDs.


Similar Part No. - NXSX426CT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NXSX426CT NICHIA-NXSX426CT Datasheet
499Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE GREEN LED
More results

Similar Description - NXSX426CT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSB100BT NICHIA-NSSB100BT Datasheet
369Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
logo
List of Unclassifed Man...
NSCB100AT ETC2-NSCB100AT Datasheet
485Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
logo
NICHIA CORPORATION
NSSB064T NICHIA-NSSB064T Datasheet
584Kb / 14P
   SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
NSSU100D NICHIA-NSSU100D Datasheet
665Kb / 14P
   SPECIFICATIONS FOR NICHIA CHIP TYPE UV LED
NSSW109T NICHIA-NSSW109T Datasheet
309Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NSCW100 NICHIA-NSCW100 Datasheet
367Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NSSG100BT NICHIA-NSSG100BT Datasheet
372Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE GREEN LED
logo
List of Unclassifed Man...
NSSW440TVR ETC2-NSSW440TVR Datasheet
348Kb / 11P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NFSW036BT ETC1-NFSW036BT Datasheet
709Kb / 14P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
logo
NICHIA CORPORATION
NSSG426CT NICHIA-NSSG426CT Datasheet
499Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE GREEN LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com