Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSSB064T Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NSSB064T
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSB064T Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NSSB064T Datasheet HTML 2Page - NICHIA CORPORATION NSSB064T Datasheet HTML 3Page - NICHIA CORPORATION NSSB064T Datasheet HTML 4Page - NICHIA CORPORATION NSSB064T Datasheet HTML 5Page - NICHIA CORPORATION NSSB064T Datasheet HTML 6Page - NICHIA CORPORATION NSSB064T Datasheet HTML 7Page - NICHIA CORPORATION NSSB064T Datasheet HTML 8Page - NICHIA CORPORATION NSSB064T Datasheet HTML 9Page - NICHIA CORPORATION NSSB064T Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
-5-
(3) Recommended circuit
· In designing a circuit, the current through each LED must not exceed the absolute maximum rating
specified for each LED. It is recommended to use Circuit B which regulates the current flowing
through each LED. In the meanwhile, when driving LEDs with a constant voltage in Circuit A, the
current through the LEDs may vary due to the variation in forward voltage (VF) of the LEDs. In the
worst case, some LED may be subjected to stresses in excess of the absolute maximum rating.
· This product should be operated in forward bias. A driving circuit must be designed so that the product
is not subjected to either forward or reverse voltage while it is off. In particular, if a reverse voltage is
continuously applied to the product, such operation can cause migration resulting in LED damage.
(4) Heat Generation
· Thermal design of the end product is of paramount importance.
Please consider the heat generation
of the LED when making the system design.
The coefficient of temperature increase per input
electric power is affected by the thermal resistance of the circuit board and density of LED placement
on the board, as well as other components. It is necessary to avoid intense heat generation and operate
within the maximum ratings given in this specification.
· The operating current should be decided after considering the ambient maximum temperature of LEDs.
(A)
(B)
Nichia STS-DA1-0226
<Cat.No.080519>


Similar Part No. - NSSB064T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSB064T NICHIA-NSSB064T_14 Datasheet
299Kb / 17P
   SPECIFICATIONS FOR BLUE LED
More results

Similar Description - NSSB064T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSB100BT NICHIA-NSSB100BT Datasheet
369Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
NSSB426CT NICHIA-NSSB426CT Datasheet
440Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
logo
List of Unclassifed Man...
NSCB100AT ETC2-NSCB100AT Datasheet
485Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
logo
NICHIA CORPORATION
NSSU100D NICHIA-NSSU100D Datasheet
665Kb / 14P
   SPECIFICATIONS FOR NICHIA CHIP TYPE UV LED
NSSW109T NICHIA-NSSW109T Datasheet
309Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NSCW100 NICHIA-NSCW100 Datasheet
367Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NSSG100BT NICHIA-NSSG100BT Datasheet
372Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE GREEN LED
logo
List of Unclassifed Man...
NSSW440TVR ETC2-NSSW440TVR Datasheet
348Kb / 11P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NFSW036BT ETC1-NFSW036BT Datasheet
709Kb / 14P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
logo
NICHIA CORPORATION
NSSG426CT NICHIA-NSSG426CT Datasheet
499Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE GREEN LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com