Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEXY2A183K Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # MEXY2A183K
Description  Type MEXY Class X2 and Y2/X2, Polyester Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MEXY2A183K Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  MEXY2A183K Datasheet HTML 1Page - Cornell Dubilier Electronics MEXY2A183K Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type MEXY Class X2 and Y2/X2, Polyester Film Capacitors
Ratings
RoHS Compliant
Cap.
(µF)
Catalog
Part Number
T
±.020 (0.5)
(inches)
(mm)
H
±0.020 (0.5)
(inches)
(mm)
L
± .020 (0.5)
(inches) (mm)
S
± .015 (0.4)
(inches)
(mm)
d
(inches) (mm)
275 Vac (IEC384 - 14) 250Vac (UL/CSA)
0.0010 MEXY2A102K 0.197
(5.0)
0.453
(11.5)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.0012 MEXY2A122K 0.197
(5.0)
0.453
(11.5)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.0015 MEXY2A152K 0.197
(5.0)
0.453
(11.5)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.0018 MEXY2A182K 0.197
(5.0)
0.453
(11.5)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.0022 MEXY2A222K 0.197
(5.0)
0.453
(11.5)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.0027 MEXY2A272K 0.197
(5.0)
0.453
(11.5)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.0033 MEXY2A332K 0.197
(5.0)
0.453
(11.5)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.0039 MEXY2A392K 0.197
(5.0)
0.453
(11.5)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.0047 MEXY2A472K 0.197
(5.0)
0.453
(11.5)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.0056 MEXY2A562K 0.197
(5.0)
0.453
(11.5)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.0068 MEXY2A682K 0.197
(5.0)
0.453
(11.5)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.0082 MEXY2A822K 0.197
(5.0)
0.453
(11.5)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.010
MEXY2A103K 0.197
(5.0)
0.453
(11.5)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.012
MEXY2A123K 0.197
(5.0)
0.453
(11.5)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.015
MEXY2A153K 0.197
(5.0)
0.453
(11.5)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.018
MEXY2A183K 0.197
(5.0)
0.453
(11.5)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.022
MEXY2A223K 0.197
(5.0)
0.453
(11.5)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.027
MEXY2A273K 0.197
(5.0)
0.453
(11.5)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.033
MEXY2A333K 0.236
(6.0)
0.512
(13.0)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.039
MEXY2A393K 0.236
(6.0)
0.512
(13.0)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.047
MEXY2A473K 0.236
(6.0)
0.512
(13.0)
0.591 (15.0) 0.492
(12.5)
0.024
(0.60)
0.056
MEXY2A563K 0.177
(4.5)
0.453
(11.5)
0.689 (17.5) 0.591
(15.0)
0.024
(0.60)
0.068
MEXY2A683K 0.177
(4.5)
0.453
(11.5)
0.689 (17.5) 0.591
(15.0)
0.024
(0.60)
0.082
MEXY2A823K 0.217
(5.5)
0.472
(12.0)
0.689 (17.5) 0.591
(15.0)
0.024
(0.60)
0.100
MEXY2A104K 0.217
(5.5)
0.472
(12.0)
0.689 (17.5) 0.591
(15.0)
0.024
(0.60)
0.120
MEXY2A124K 0.256
(6.5)
0.571
(14.5)
0.689 (17.5) 0.591
(15.0)
0.024
(0.60)
0.150
MEXY2A154K 0.256
(6.5)
0.571
(14.5)
0.689 (17.5) 0.591
(15.0)
0.024
(0.60)
0.180
MEXY2A184K 0.315
(8.0)
0.630
(16.0)
0.689 (17.5) 0.591
(15.0)
0.024
(0.60)
0.220
MEXY2A224K 0.315
(8.0)
0.630
(16.0)
0.689 (17.5) 0.591
(15.0)
0.024
(0.60)
0.270
MEXY2A274K 0.374
(9.5)
0.693
(17.5)
0.689 (17.5) 0.591
(15.0)
0.031
(0.80)
0.330
MEXY2A334K 0.374
(9.5)
0.693
(17.5)
0.689 (17.5) 0.591
(15.0)
0.031
(0.80)
0.390
MEXY2A394K 0.335
(8.5)
0.693
(17.5)
1.004 (25.5) 0.886
(22.5)
0.031
(0.80)
0.470
MEXY2A474K 0.335
(8.5)
0.693
(17.5)
1.004 (25.5) 0.886
(22.5)
0.031
(0.80)
0.560
MEXY2A564K 0.413
(10.5)
0.768
(19.5)
1.004 (25.5) 0.886
(22.5)
0.031
(0.80)
0.680
MEXY2A684K 0.413
(10.5)
0.768
(19.5)
1.004 (25.5) 0.886
(22.5)
0.031
(0.80)
0.820
MEXY2A824K 0.472
(12.0)
0.866
(22.0)
1.004 (25.5) 0.886
(22.5)
0.031
(0.80)
1.000
MEXY2A105K 0.472
(12.0)
0.866
(22.0)
1.004 (25.5) 0.886
(22.5)
0.031
(0.80)
1.200
MEXY2A125K 0.650
(16.5)
1.024
(26.0)
1.201 (30.5) 1.083
(27.5)
0.031
(0.80)
1.500
MEXY2A155K 0.650
(16.5)
1.024
(26.0)
1.201 (30.5) 1.083
(27.5)
0.031
(0.80)
1.800
MEXY2A185K 0.748
(19.0)
1.161
(29.5)
1.201 (30.5) 1.083
(27.5)
0.031
(0.80)
2.200
MEXY2A225K 0.748
(19.0)
1.161
(29.5)
1.201 (30.5) 1.083
(27.5)
0.031
(0.80)
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com


Similar Part No. - MEXY2A183K

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MEX MERITEK-MEX Datasheet
171Kb / 1P
   EMI Suppression Capacitor
logo
M-System Co.,Ltd.
MEX-B MSYSTEM-MEX-B Datasheet
111Kb / 3P
   Final Control Elements
MEX-B-B MSYSTEM-MEX-B-B Datasheet
111Kb / 3P
   Final Control Elements
MEX-B-B MSYSTEM-MEX-B-B Datasheet
111Kb / 3P
   Final Control Elements
MEX-B-B/Q MSYSTEM-MEX-B-B/Q Datasheet
111Kb / 3P
   Final Control Elements
More results

Similar Description - MEXY2A183K

ManufacturerPart #DatasheetDescription
logo
Surge Components
CMPP SURGE-CMPP Datasheet
952Kb / 1P
   Metallized Polypropylene Film Capacitors X2-Class
logo
Panasonic Semiconductor
ECQ-U2A222ML PANASONIC-ECQ-U2A222ML Datasheet
137Kb / 2P
   In accordance with UL/CSA and European safety regulation class X2 or class Y2/X2
logo
Vishay Siliconix
F1773X2 VISHAY-F1773X2 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
logo
IXYS Corporation
IXFN150N65X2 IXYS-IXFN150N65X2 Datasheet
132Kb / 5P
   X2-Class HiPerFETTM
IXFA22N65X2 IXYS-IXFA22N65X2 Datasheet
209Kb / 6P
   X2-Class HiPerFETTM
IXFA34N65X2 IXYS-IXFA34N65X2 Datasheet
210Kb / 6P
   X2-Class HiPerFETTM
IXFH46N65X2 IXYS-IXFH46N65X2 Datasheet
155Kb / 5P
   X2-Class HiPerFETTM
IXFT60N65X2HV IXYS-IXFT60N65X2HV Datasheet
197Kb / 6P
   X2-Class HiPerFETTM
IXFH80N65X2 IXYS-IXFH80N65X2 Datasheet
209Kb / 5P
   X2-Class HiPerFETTM
IXFN170N65X2 IXYS-IXFN170N65X2 Datasheet
131Kb / 5P
   X2-Class HiPerFETTM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com