Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

382LX124M025B082V Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 382LX124M025B082V
Description  85 ?C High-Capacitance Snap-In
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

382LX124M025B082V Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  382LX124M025B082V Datasheet HTML 1Page - List of Unclassifed Manufacturers 382LX124M025B082V Datasheet HTML 2Page - List of Unclassifed Manufacturers 382LX124M025B082V Datasheet HTML 3Page - List of Unclassifed Manufacturers 382LX124M025B082V Datasheet HTML 4Page - List of Unclassifed Manufacturers 382LX124M025B082V Datasheet HTML 5Page - List of Unclassifed Manufacturers 382LX124M025B082V Datasheet HTML 6Page - List of Unclassifed Manufacturers 382LX124M025B082V Datasheet HTML 7Page - List of Unclassifed Manufacturers 382LX124M025B082V Datasheet HTML 8Page - List of Unclassifed Manufacturers 382LX124M025B082V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
Ratings
Max. ESR
Ripple Amps
Nom.
Max. ESR
Ripple Amps
Nom.
Cap.
Catalog
Ω@ 25 °C
Max. @ 85 °C
D x L
Cap.
Catalog
Ω@ 25 °C
Max. @ 85 °C
D x L
(µF)
Part Number
120 Hz20 kHz
120 Hz 20 kHz
(mm)
(µF)
Part Number
120 Hz20 kHz 120 Hz 20 kHz
(mm)
16 Vdc (20 Vdc Surge)
16 Vdc (20 Vdc Surge)
4700 380LX472M016H202
0.160
0.135
1.60
1.80
22 x 20
47000 380LX473M016K052
0.020
0.017
7.50
8.60
30 x 50
4700 380LX472M016H012
0.160
0.135
1.77
2.00
22 x 25
47000 380LX473M016A042
0.022
0.020
7.50
8.60
35 x 40
6800 380LX682M016H012
0.110
0.092
2.60
3.00
22 x 25
56000 380LX563M016A452
0.020
0.018
8.70
10.00
35 x 45
6800 380LX682M016J202
0.110
0.092
1.80
2.10
25 x 20
56000 382LX563M016N042
0.022
0.021
9.00
10.40
40 x 40
8200 380LX822M016H012
0.090
0.078
3.10
3.60
22 x 25
68000 380LX683M016A052
0.018
0.017
9.00
10.40
35 x 50
10000 380LX103M016H022
0.075
0.062
3.80
4.30
22 x 30
82000 380LX823M016A062
0.016
0.015
10.00
11.50
35 x 63
10000 380LX103M016J012
0.075
0.062
3.80
4.30
25 x 25
82000 382LX823M016N052
0.016
0.015
10.30
11.80
40 x 50
10000 380LX103M016K202
0.084
0.070
2.40
2.80
30 x 20
100000 380LX104M016A082
0.015
0.014
11.00
12.70
35 x 80
12000 380LX123M016H022
0.062
0.052
4.50
5.20
22 x 30
100000 382LX104M016N062
0.018
0.017
11.40
13.00
40 x 63
12000 380LX123M016J012
0.062
0.052
4.50
5.20
25 x 25
120000 380LX124M016A102
0.014
0.013
12.81
14.73
35 x 105
15000 380LX153M016H032
0.054
0.045
5.30
6.00
22 x 35
120000 382LX124M016N082
0.017
0.016
12.40
14.30
40 x 80
15000 380LX153M016J022
0.054
0.045
5.30
6.00
25 x 30
120000 382LX124M016B052V
0.014
0.013
13.17
15.15
50 x 50
15000 380LX153M016A202
0.055
0.048
3.20
3.70
35 x 20
150000 382LX154M016B062V
0.012
0.011
14.40
16.56
50 x 63
18000 380LX183M016H042
0.045
0.040
5.60
6.40
22 x 40
180000 382LX184M016N102
0.013
0.012
14.85
17.08
40 x 105
18000 380LX183M016J022
0.045
0.040
5.60
6.40
25 x 30
180000 382LX184M016B082V
0.011
0.010
15.69
18.04
50 x 80
22000 380LX223M016H452
0.038
0.032
6.10
7.00
22 x 45
220000 382LX224M016B092V
0.010
0.009
16.73
19.24
50 x 92
22000 380LX223M016J032
0.038
0.032
6.10
7.00
25 x 35
270000 382LX274M016B102V
0.009
0.008
17.79
20.46
50 x 105
22000 380LX223M016K022
0.038
0.032
6.10
7.00
30 x 30
25 Vdc (32 Vdc Surge)
27000 380LX273M016J452
0.031
0.025
6.30
7.30
25 x 45
3300 380LX332M025H202
0.177
0.140
1.60
1.80
22 x 20
27000 380LX273M016K032
0.031
0.025
6.30
7.30
30 x 35
3300 380LX332M025H012
0.161
0.130
1.70
1.90
22 x 25
33000 380LX333M016J052
0.025
0.021
6.80
7.80
25 x 50
4700 380LX472M025H012
0.110
0.090
2.40
2.75
22 x 25
33000 380LX333M016K042
0.025
0.021
6.80
7.90
30 x 40
4700 380LX472M025J202
0.125
0.100
1.80
2.10
25 x 20
33000 380LX333M016A022
0.025
0.021
6.80
7.90
35 x 30
5600 380LX562M025H012
0.095
0.075
2.90
3.30
22 x 25
39000 380LX393M016K452
0.022
0.018
6.95
8.00
30 x 45
6800 380LX682M025H022
0.078
0.063
3.50
4.00
22 x 30
39000 380LX393M016A032
0.022
0.018
6.95
8.00
35 x 35
6800 380LX682M025J012
0.078
0.063
3.50
4.00
25 x 25


Similar Part No. - 382LX124M025B082V

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
382LX124M025B082V CDE-382LX124M025B082V Datasheet
464Kb / 12P
   High-Capacitance Snap-In
logo
List of Unclassifed Man...
382LX124M025B082V ETC2-382LX124M025B082V Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Cornell Dubilier Electr...
382LX124M025B082V CDE-382LX124M025B082V Datasheet
575Kb / 12P
   Latest available ratings, worldwide
382LX124M025B082V CDE-382LX124M025B082V Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 382LX124M025B082V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
380LX473M016K052 ETC2-380LX473M016K052 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
380L CDE-380L Datasheet
464Kb / 12P
   High-Capacitance Snap-In
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com