Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

330103U025JP2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 330103U025JP2
Description  -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

330103U025JP2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  330103U025JP2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 330103U025JP2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 330103U025JP2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 330103U025JP2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 330103U025JP2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Type 330 –55 °C to 105 °C Ultra-Long-Life, Switching Power Grade Radial
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864) 843-2277 • Fax: (864) 843-3800 • www.cde.com
Type 330 –55 °C to 105 °C Ultra-Long-Life, Switching Power Grade Radial
Outline Drawings
Case Dimensions
Part Numbering System
330R
Type
E
Epoxy
2
Insulation
JS
Case Code
6R3
Voltage
U
Tolerance
333
Capacitance
(blank) = no epoxy
E = Epoxy
endseal
0 = Bare Can
1 = Polyester
2 = PVC
8 = PVC w/ Standoffs
9 = Polyester w/ Stand-
offs
6R3 = 6.3 V
063 = 63 V
100 = 100 V
M = ±20%
T = –10% +50%
U = –10 +75%
100 = 10 µF
102 = 1000 µF
330 - 3 leads
330R - 3 leads
Low ESR
331 - 2 leads
331R - 2 leads, Low ESR
331A - Laydown 3 leads
See
Rating
Insulated
D ± 0.015 (0.4 mm)
L ± 0.062 (1.6 mm)
Epoxy
endseal
L Max
Bare Can
D ± 0.015 (0.4 mm)
L ± 0.030 (0.8 mm)
Lead Spacing
Lead
dia.
Diameter
AWG
Case
Code
Type 330
Type 331
S1
T
S2
D x L
D x L
0.020 (0.5 mm) 0.020 (0.5 mm)
Case Dimensions in Inches
GT
0.765 x 3.650
3.712
0.750 x 3.625
0.200
0.300
0.300
0.040
18
HP
0.890 x 2.650
2.712
0.875 x 2.625
0.300
0.400
0.300
0.040
18
HS
0.890 x 3.150
3.212
0.875 x 3.125
0.300
0.400
0.300
0.040
18
HT
0.890 x 3.650
3.712
0.875 x 3.625
0.300
0.400
0.300
0.040
18
JL
1.015 x 2.150
2.212
1.000 x 2.125
0.300
0.400
0.400
0.040
18
JP
1.015 x 2.650
2.712
1.000 x 2.625
0.300
0.400
0.400
0.040
18
JS
1.015 x 3.150
3.212
1.000 x 3.125
0.300
0.400
0.400
0.040
18
JT
1.015 x 3.650
3.712
1.000 x 3.625
0.300
0.400
0.400
0.040
18
Case Dimensions in Millimeters
GT
19.4 x 92.7
94.3
19.1 x 92.1
5.08
7.62
7.62
1.02
18
HP
22.6 x 67.3
68.9
22.2 x 66.7
7.62
10.16
7.62
1.02
18
HS
22.6 x 80.0
81.6
22.2 x 79.4
7.62
10.16
7.62
1.02
18
HT
22.6 X 92.7
94.3
22.2 X 92.1
7.62
10.16
7.62
1.02
18
JL
25.8 x 54.6
56.2
25.4 x 54.0
7.62
10.16
10.16
1.02
18
JP
25.8 x 67.3
68.9
25.4 x 66.7
7.62
10.16
10.16
1.02
18
JS
25.8 x 80.0
81.6
25.4 x 79.4
7.62
10.16
10.16
1.02
18
JT
25.8 x 92.7
94.3
25.4 x 92.1
7.62
10.16
10.16
1.02
18


Similar Part No. - 330103U025JP2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
330103U025JP2 CDE-330103U025JP2 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
330103U025JP2 CDE-330103U025JP2 Datasheet
470Kb / 6P
   High Ripple and Ultra-Long Life
More results

Similar Description - 330103U025JP2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
330 CDE-330_15 Datasheet
470Kb / 6P
   High Ripple and Ultra-Long Life
logo
List of Unclassifed Man...
325442U6R3GE1 ETC2-325442U6R3GE1 Datasheet
331Kb / 4P
   –55 ?C to 125 ?C Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
logo
Cornell Dubilier Electr...
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
logo
RUBYCON CORPORATION
35YXG1000MEFCG412.5X25 RUBYCON-35YXG1000MEFCG412.5X25 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
50YXG220M10X16 RUBYCON-50YXG220M10X16 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
25YXG100MEFC6.3X11 RUBYCON-25YXG100MEFC6.3X11 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com