Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NXPXXXXXX Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NXPXXXXXX
Description  SPECIFICATIONS FOR NICHIA WHITE LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NXPXXXXXX Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NXPXXXXXX Datasheet HTML 2Page - NICHIA CORPORATION NXPXXXXXX Datasheet HTML 3Page - NICHIA CORPORATION NXPXXXXXX Datasheet HTML 4Page - NICHIA CORPORATION NXPXXXXXX Datasheet HTML 5Page - NICHIA CORPORATION NXPXXXXXX Datasheet HTML 6Page - NICHIA CORPORATION NXPXXXXXX Datasheet HTML 7Page - NICHIA CORPORATION NXPXXXXXX Datasheet HTML 8Page - NICHIA CORPORATION NXPXXXXXX Datasheet HTML 9Page - NICHIA CORPORATION NXPXXXXXX Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
-5-
Nichia
STSE-CW7160A
<Cat.No.070713>
(4) Soldering Conditions
· Nichia LED leadframes are silver plated copper alloy.
This substance has a low
thermal coefficient (easily conducts heat).
Careful attention should be paid during soldering.
· Solder the LED no closer than 3mm from the base of the epoxy bulb.
Soldering beyond the base
of the tie bar is recommended.
· Recommended soldering conditions
Dip Soldering
Hand Soldering
Pre-Heat
Pre-Heat Time
Solder Bath
Temperature
Dipping Time
Dipping Position
120°C Max.
60 seconds Max.
260°C Max.
10 seconds Max.
No lower than 3 mm from the
base of the epoxy bulb.
Temperature
Soldering Time
Position
350°C Max.
3 seconds Max.
No closer than 3 mm from the
base of the epoxy bulb.
· Although the recommended soldering conditions are specified in the above table, dip or hand
soldering at the lowest possible temperature is desirable for the LEDs.
· A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature.
· Dip soldering should not be done more than one time.
· Hand soldering should not be done more than one time.
· Do not apply any stress to the lead particularly when heated.
· The LEDs must not be repositioned after soldering.
· After soldering the LEDs, the epoxy bulb should be protected from mechanical shock or vibration until
the LEDs return to room temperature.
· Direct soldering onto a PC board should be avoided.
Mechanical stress to the resin may be caused
from warping of the PC board or from the clinching and cutting of the leadframes.
When it is
absolutely necessary, the LEDs may be mounted in this fashion but the User will assume responsibility
for any problems.
Direct soldering should only be done after testing has confirmed that no damage,
such as wire bond failure or resin deterioration, will occur.
Nichia’s LEDs should not be soldered
directly to double sided PC boards because the heat will deteriorate the epoxy resin.
· When it is necessary to clamp the LEDs to prevent soldering failure, it is important to minimize
the mechanical stress on the LEDs.
· Cut the LED leadframes at room temperature.
Cutting the leadframes at high temperatures may
cause failure of the LEDs.
(5) Heat Generation
· Thermal design of the end product is of paramount importance.
Please consider the heat generation
of the LED when making the system design.
The coefficient of temperature increase per input
electric power is affected by the thermal resistance of the circuit board and density of LED
placement on the board, as well as other components.
It is necessary to avoid intense heat generation
and operate within the maximum ratings given in this specification.
· The operating current should be decided after considering the ambient maximum temperature of LEDs.
(6) Cleaning
· It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs.
When using
other solvents, it should be confirmed beforehand whether the solvents will dissolve the resin or not.
Freon solvents should not be used to clean the LEDs because of worldwide regulations.
· Do not clean the LEDs by the ultrasonic.
When it is absolutely necessary, the influence of ultrasonic
cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition.
Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur.


Similar Part No. - NXPXXXXXX

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NXPXXXXXX NICHIA-NXPXXXXXX Datasheet
384Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NXPXXXXXX NICHIA-NXPXXXXXX Datasheet
413Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NXPXXXXXX NICHIA-NXPXXXXXX Datasheet
255Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NXPXXXXXX NICHIA-NXPXXXXXX Datasheet
299Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NXPXXXXXX NICHIA-NXPXXXXXX Datasheet
196Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
More results

Similar Description - NXPXXXXXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPWF50BS ETC-NSPWF50BS Datasheet
371Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
NICHIA CORPORATION
NSPWR70CSS-K1 NICHIA-NSPWR70CSS-K1 Datasheet
587Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWF50DS NICHIA-NSPWF50DS Datasheet
196Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
List of Unclassifed Man...
NSPW510BS ETC-NSPW510BS Datasheet
434Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
NICHIA CORPORATION
NSPWF50BS NICHIA-NSPWF50BS Datasheet
255Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWF50CS NICHIA-NSPWF50CS Datasheet
299Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWR70BSS NICHIA-NSPWR70BSS Datasheet
400Kb / 13P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
List of Unclassifed Man...
NSPW315BS ETC-NSPW315BS Datasheet
383Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPW515B ETC1-NSPW515B Datasheet
373Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
NICHIA CORPORATION
NSPW545CS NICHIA-NSPW545CS Datasheet
384Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWR70ASS NICHIA-NSPWR70ASS Datasheet
430Kb / 13P
   SPECIFICATIONS FOR NICHIA WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com