Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTM2500 Datasheet(PDF) 1 Page - Humirel

Part # HTM2500
Description  RELATIVE HUMIDITY/ TEMPERATURE MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTM2500 Datasheet(HTML) 1 Page - Humirel

  HTM2500 Datasheet HTML 1Page - Humirel HTM2500 Datasheet HTML 2Page - Humirel HTM2500 Datasheet HTML 3Page - Humirel HTM2500 Datasheet HTML 4Page - Humirel HTM2500 Datasheet HTML 5Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTM2500
1
Based on the rugged HTS2010 humidity / temperature sensor , HTM2500 is a dedicated
humidity and temperature transducer designed for OEM applications where a reliable
and accurate measurement is needed. Direct interface with a micro-controller
is made possible with the module’s humidity linear voltage output.
MAIN FEATURES
q Small size
q Not affected by water immersion
q Full interchangeability
q High reliability and long term stability
q Typical 1 to 4 Volt DC output for 0 to 100% RH at 5 V DC supply
q Humidity calibrated within +/- 2% RH @ 55% RH
q Temperature measurement through NTC 10kohm +/- 3% direct output
q Ratiometric to voltage supply
q Suitable for 3 to 10 Volts supply voltage
HUMIDITY SENSOR SPECIFIC FEATURES
q Instantaneous de-saturation after long periods in saturation phase.
q Patented solid polymer structure.
q High resistance to chemicals.
q Fast response time.
MAXIMUM RATINGS
Peak conditions: less than 10% of the operational time.
CHARACTERISTICS
(Ta = 23°C, Vs = 5Vdc, R
L > 1M
otherwise stated)
Characteristics
Symbol
Min
Typ
Max
Unit
Humidity measuring range
RH
1
99
% RH
Relative Humidity accuracy (10 to 95% RH)
RH
+/-3
+/- 5
% RH
Voltage supply
Vs
4.75
5.00
5.25
V
Nominal output @ RH = 55%
Vout
2.42
2.48
2.54
V
Current consumption
Ic
0.4
0.8
mA
Temperature coefficient (10 to 50 °C )
Tcc
+ 0.1
% RH/°C
Averaged Sensitivity from 33% to 75% RH
mV/% RH
+25
mV/% RH
Sink current capability (RL 15 k )Is
300
A
Recovery time after 150 hours of condensation
t
10
s
Humidity Hysteresis
+/-1.5
% RH
Long term stability
0.5
%RH/yr
Response time (33 to 76% RH, static, @ 63%)
5s
Output impedance
Z
70
Ratings
Symbol
Value
Unit
Storage Temperature
Tstg
-40 to 85
°C
Supply Voltage (peak)
Vs
12
Vdc
Humidity Operating Range
RH
0 to 100
% RH
Temperature Operating Range Ta
-30 to 70
°C
OPERATING RANGE
0
10
20
30
40
50
60
70
80
90
100
-40
-20
0
20
40
60
80
AMBIENT TEMPERATURE IN
¡C
STEADY
STATE


Similar Part No. - HTM2500

ManufacturerPart #DatasheetDescription
logo
Humirel
HTM2500 HUMIREL-HTM2500 Datasheet
527Kb / 5P
   RELATIVE HUMIDITY/ TEMPERATURE MODULE
logo
TE Connectivity Ltd
HTM2500LF TEC-HTM2500LF Datasheet
291Kb / 9P
   Temperature and Relative Humidity Module
More results

Similar Description - HTM2500

ManufacturerPart #DatasheetDescription
logo
Humirel
HTM2500 HUMIREL-HTM2500 Datasheet
527Kb / 5P
   RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTG3500 HUMIREL-HTG3500 Datasheet
766Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
logo
TE Connectivity Ltd
HTM2500LF TEC-HTM2500LF Datasheet
291Kb / 9P
   Temperature and Relative Humidity Module
logo
Humirel
HTG3400 HUMIREL-HTG3400 Datasheet
772Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
HM1520LF HUMIREL-HM1520LF Datasheet
199Kb / 4P
   RELATIVE HUMIDITY MODULE
HM1500 HUMIREL-HM1500 Datasheet
109Kb / 4P
   RELATIVE HUMIDITY MODULE
HM1500LF HUMIREL-HM1500LF Datasheet
201Kb / 3P
   RELATIVE HUMIDITY MODULE
HM1520 HUMIREL-HM1520 Datasheet
80Kb / 4P
   RELATIVE HUMIDITY MODULE
HTM1735 HUMIREL-HTM1735 Datasheet
1Mb / 5P
   ANALOG VOLTAGE RELATIVE HUMIDITY AND TEMPERATURE MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com