Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD4235F1-B-12M Datasheet(PDF) 6 Page - STMicroelectronics

Part # PSD4235F1-B-12M
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235F1-B-12M Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PSD4235F1-B-12M Datasheet HTML 2Page - STMicroelectronics PSD4235F1-B-12M Datasheet HTML 3Page - STMicroelectronics PSD4235F1-B-12M Datasheet HTML 4Page - STMicroelectronics PSD4235F1-B-12M Datasheet HTML 5Page - STMicroelectronics PSD4235F1-B-12M Datasheet HTML 6Page - STMicroelectronics PSD4235F1-B-12M Datasheet HTML 7Page - STMicroelectronics PSD4235F1-B-12M Datasheet HTML 8Page - STMicroelectronics PSD4235F1-B-12M Datasheet HTML 9Page - STMicroelectronics PSD4235F1-B-12M Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
PSD4235G2
6/89
Figure 3. TQFP Connections
In-Application Programming (IAP)
Two independent Flash memory arrays are includ-
ed so that the MCU can execute code from one
while erasing and programming the other. Robust
product firmware updates in the filed are possible
over any communication channel (CAN, Ethernet,
UART, J1850, etc) using this unique architecture.
Designers are relieved of these problems:
Simultaneous read and write to Flash memo-
ry. How can the MCU program the same memory
from which it executing code? It cannot. The PSD
allows the MCU to operate the two Flash memory
blocks concurrently, reading code from one while
erasing and programming the other during IAP.
Complex memory mapping. How can I map
these two memories efficiently? A programmable
Decode PLD (DPLD) is embedded in the PSD.
The concurrent PSD memories can be mapped
anywhere in MCU address space, segment by
segment with extermely high address resolution.
As an option, the secondary Flash memory can be
swapped out of the system memory map when
IAP is complete. A built-in page register breaks the
MCU address limit.
Separate Program and Data space. How can I
write to Flash memory while it resides in Program
space
during
field
firmware
updates?
My
80C51XA will not allow it. The PSD provides
means to reclassify Flash memory as Data space
during IAP, then back to Program space when
complete.
60 CNTL1
59 CNTL0
58 PA7
57 PA6
56 PA5
55 PA4
54 PA3
53 PA2
52 PA1
51 PA0
50 GND
49 GND
48 PC7
47 PC6
46 PC5
45 PC4
44 PC3
43 PC2
42 PC1
41 PC0
PD2
PD3
AD0
AD1
AD2
AD3
AD4
GND
VCC
AD5
AD6
AD7
AD8
AD9
AD10
AD11
AD12
AD13
AD14
AD15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
AI04943


Similar Part No. - PSD4235F1-B-12M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4235F1-B-12M STMICROELECTRONICS-PSD4235F1-B-12M Datasheet
503Kb / 93P
   Flash In-System-Programmable Peripherals for 16-Bit MCUs
PSD4235F1-B-12MI STMICROELECTRONICS-PSD4235F1-B-12MI Datasheet
503Kb / 93P
   Flash In-System-Programmable Peripherals for 16-Bit MCUs
More results

Similar Description - PSD4235F1-B-12M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD4235G2V STMICROELECTRONICS-PSD4235G2V_09 Datasheet
917Kb / 124P
   Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD4135G2 STMICROELECTRONICS-PSD4135G2 Datasheet
503Kb / 93P
   Flash In-System-Programmable Peripherals for 16-Bit MCUs
PSD813F1V STMICROELECTRONICS-PSD813F1V Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com