Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYS1A33B-FREQ Datasheet(PDF) 1 Page - Crystek Corporation

Part # CYS1A33B-FREQ
Description  Quartz Crystal Low Profile HC49S Leaded Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CYS1A33B-FREQ Datasheet(HTML) 1 Page - Crystek Corporation

  CYS1A33B-FREQ Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-021005 Rev. C
Specifications subject to change without notice.
Low Profile HC49S Leaded Crystal
CYSxx Model
3.180MHz to 40MHz (fund)
27MHz to 86MHz (3rd O/T)
±50ppm (Standard p/n)
±10ppm to ±100ppm
±100ppm (Standard p/n)
±10ppm to ±100ppm
0°C to 70°C (Standard p/n)
-20°C to 70°C
-40°C to 85°C
-55°C to 120°C
7.0pF Max
100uW Typical
see table 1
**Custom Designs Available
Frequency Range:
Calibration Tolerance:
(Option)
Frequency Stability:
(Option)
Temperature Range:
(Option)
(Option)
Storage:
Shunt Capacitance:
Drive Level:
ESR:
See
Options
0.150
(3.81)
0.400
(10.16)
0.183
(4.65)
0.440
(11.18)
0.192 ±0.005
(4.88 ±0.13)
0.019
(0.48)
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
Freq. (MHz)
Max ESR
3.18 - 3.4
190
3.5 - 4.0
150
4.1 - 4.9
120
5.0 - 5.9
100
6.0 - 11.9
90
12.0 - 14.9
70
15.0 - 30.0
50
30.1 - 86.0
100
Resistance at series resonance
Table 1
CYS X X X X X - Freq
Example:
CYS4F51CS-20.000 = ±25ppm at 25°C, ±50ppm 0 to 70°C, 20pF Load Cap, Fundamental,
5.0mm with Spacer, 20.000MHz
Mode
Frequency Tolerance
at 25°C
1 ±10 ppm
2 ±15 ppm
3 ±20 ppm
4 ±25 ppm
5 ±30 ppm
6 ±50 ppm
7 ±100 ppm
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(-20 to 70°C)
(-20 to 70°C)
±10 ppm
±15 ppm
±20 ppm
±25 ppm
±30 ppm
±50 ppm
±100 ppm
±15 ppm
±20 ppm
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
Q
±30ppm
±50 ppm
±100 ppm
±20 ppm
±25 ppm
±30 ppm
±50 ppm
±100 ppm
(-20 to 70°C)
(-20 to 70°C)
(-20 to 70°C)
(-40 to 85°C)
(-40 to 85°C)
(-40 to 85°C)
(-40 to 85°C)
(-40 to 85°C)
Frequency Stability
over Temp Range
Load
Capacitance
1
2
3
4
5
6
7
8
Series
14 pF
16 pF
18 pF
20 pF
22 pF
25 pF
32 pF
1
3
Fundamental 3.18-40 MHz
3rd Overtone 27-86 MHz
Options
Can Height (Max)
2.5mm
2.5mm w/ spacer
4.0mm
4.0mm w/ spacer
5.0mm
5.0mm w/ spacer
A
AS
B
BS
C
CS
Part number
Freq. (MHz)
CL
Max ESR
CY3DMS
3.579545
18pF
150
CY3JS
3.686400
series
150
CY3JMS
3.686400
18pF
150
CY3JNS
3.686400
20pF
150
CY3AS
4.000
series
150
CY3APS
4.000
20pF
150
CY4ES
4.194304
12pF
120
CY4DS
4.915200
series
120
CY7AS
5.000
series
100
CY7APS
5.000
20pF
100
CY5BS
5.0688
series
100
CY6BS
6.000
series
90
CY6BPS
6.000
20pF
90
CY8GS
8.000
series
90
CY8GPS
8.000
20pF
90
CY9BS
9.830400
series
90
CY12AS
10.000
series
90
CY11BS
11.059200
series
90
CY11BPS
11.059200
20pF
90
CY12BS
12.000
series
70
CY12BPS
12.000
20pF
70
CY14AS
14.318180
series
70
CY14ACS
14.318180
18pF
70
CY14APS
14.318180
20pF
70
CY14BS
14.745600
series
70
CY14BPS
14.745600
20pF
70
CY15AS
15.000
series
50
CY16BS
16.000
series
50
CY16BPS
16.000
20pF
50
CY19AS
18.000
series
50
CY19BS
18.432
series
50
CY19BPS
18.432
20pF
50
CY20AS
19.660800
series
50
CY20APS
19.660800
20pF
50
CY22AS
20.000
series
50
CY22APS
20.000
20pF
50
CY24AS
24.000
series
50
CY24APS
24.000
20pF
50
CY25AS
25.000
series
50
Standard part numbers
Build Your Own P/N
Aging:
<3ppm 1st/yr Max
Quartz Crystal
39
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t


Similar Part No. - CYS1A33B-FREQ

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYS25G0101DX CYPRESS-CYS25G0101DX Datasheet
214Kb / 15P
   SONET OC-48 Transceiver
CYS25G0101DX CYPRESS-CYS25G0101DX Datasheet
279Kb / 17P
   SONET OC-48 Transceiver
CYS25G0101DX-ATC CYPRESS-CYS25G0101DX-ATC Datasheet
214Kb / 15P
   SONET OC-48 Transceiver
CYS25G0101DX-ATC CYPRESS-CYS25G0101DX-ATC Datasheet
279Kb / 17P
   SONET OC-48 Transceiver
CYS25G0101DX-ATI CYPRESS-CYS25G0101DX-ATI Datasheet
214Kb / 15P
   SONET OC-48 Transceiver
More results

Similar Description - CYS1A33B-FREQ

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CYSXX CRYSTEKCRYSTAL-CYSXX_15 Datasheet
53Kb / 1P
   Low Profile HC49S Leaded Crystal
logo
Kingtronics Internation...
QKT-HC49S KINGTRONICS-QKT-HC49S Datasheet
403Kb / 1P
   QKT HC49S QUARTZ CRYSTAL
logo
Crystek Corporation
CYSDXX CRYSTEKCRYSTAL-CYSDXX Datasheet
117Kb / 1P
   Quartz Crystal Surface Mount HC49S SMD Crystal
CYSDXX CRYSTEKCRYSTAL-CYSDXX_15 Datasheet
64Kb / 1P
   Low Profile HC49S SMD Crystal
CYXX CRYSTEKCRYSTAL-CYXX Datasheet
116Kb / 1P
   Quartz Crystal Leaded HC49 Crystal
logo
Golledge Electronics Lt...
HC49-3H GOLLEDGE-HC49-3H Datasheet
531Kb / 4P
   Low Profile Leaded Crystal
logo
Crystek Corporation
CSX2 CRYSTEKCRYSTAL-CSX2 Datasheet
120Kb / 1P
   Quartz Crystal 3.5X6 mm Low Profile SMD Crystal
CSX1 CRYSTEKCRYSTAL-CSX1 Datasheet
119Kb / 1P
   Quartz Crystal 5X7 mm Low Profile SMD Crystal
logo
Abracon Corporation
ABM11-140-26.000MHZ ABRACON-ABM11-140-26.000MHZ Datasheet
540Kb / 3P
   IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
06/21/2016
ABM11-142-27.120MHZ ABRACON-ABM11-142-27.120MHZ Datasheet
573Kb / 3P
   IoT OPTIMIZED LOW PROFILE QUARTZ CRYSTAL
06/21/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com