Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

380LX183M025K032 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 380LX183M025K032
Description  85 ?C High-Capacitance Snap-In
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

380LX183M025K032 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 380LX183M025K032 Datasheet HTML 3Page - List of Unclassifed Manufacturers 380LX183M025K032 Datasheet HTML 4Page - List of Unclassifed Manufacturers 380LX183M025K032 Datasheet HTML 5Page - List of Unclassifed Manufacturers 380LX183M025K032 Datasheet HTML 6Page - List of Unclassifed Manufacturers 380LX183M025K032 Datasheet HTML 7Page - List of Unclassifed Manufacturers 380LX183M025K032 Datasheet HTML 8Page - List of Unclassifed Manufacturers 380LX183M025K032 Datasheet HTML 9Page - List of Unclassifed Manufacturers 380LX183M025K032 Datasheet HTML 10Page - List of Unclassifed Manufacturers 380LX183M025K032 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
Types 380L, 382L, 380LX & 382LX, 85 ºC High-Capacitance Snap-In
Max. ESR
Ripple Amps
Nom.
Max. ESR
Ripple Amps
Nom.
Cap.
Catalog
Ω@ 25 °C
Max. @ 85 °C
D x L
Cap.
Catalog
Ω@ 25 °C
Max. @ 85 °C
D x L
(µF)
Part Number
120 Hz20 kHz
120 Hz 20 kHz
(mm)
(µF)
Part Number
120 Hz20 kHz
120 Hz20 kHz
(mm)
80 Vdc (100 Vdc Surge)
100 Vdc (125 Vdc Surge)
1500
380LX152M080J012
0.177
0.134
2.30
2.60
25 x 25
1200
380LX122M100H032
0.195
0.125
2.30
2.70
22 x 35
1500
380LX152M080K202
0.200
0.150
1.40
1.60
30 x 20
1200
380LX122M100J022
0.180
0.120
2.30
2.70
25 x 30
1800
380LX182M080H032
0.147
0.109
2.50
2.90
22 x 35
1500
380LX152M100H042
0.155
0.100
2.60
3.00
22 x 40
1800
380LX182M080J022
0.147
0.109
2.50
2.90
25 x 30
1500
380LX152M100J022
0.155
0.100
2.60
3.00
25 x 30
2200
380LX222M080H042
0.121
0.092
2.70
3.10
22 x 40
1500
380LX152M100K012
0.155
0.100
2.60
3.00
30 x 25
2200
380LX222M080J022
0.121
0.092
2.70
3.10
25 x 30
1500
380LX152M100A202
0.177
0.120
1.50
1.70
35 x 20
2200
380LX222M080K012
0.121
0.092
2.70
3.10
30 x 25
1800
380LX182M100H452
0.130
0.085
2.80
3.30
22 x 45
2200
380LX222M080A202
0.135
0.100
1.70
2.00
35 x 20
1800
380LX182M100J032
0.140
0.090
2.80
3.30
25 x 35
2700
380LX272M080H452
0.098
0.075
2.80
3.20
22 x 45
1800
380LX182M100K022
0.140
0.090
2.80
3.30
30 x 30
2700
380LX272M080J032
0.098
0.075
2.80
3.20
25 x 35
2200
380LX222M100H052
0.121
0.080
3.10
3.60
22 x 50
2700
380LX272M080K022
0.098
0.075
2.80
3.20
30 x 30
2200
380LX222M100J042
0.121
0.080
3.10
3.60
25 x 40
3300
380LX332M080H052
0.085
0.065
3.20
3.70
22 x 50
2200
380LX222M100K022
0.121
0.080
3.10
3.60
30 x 30
3300
380LX332M080J042
0.085
0.065
3.20
3.70
25 x 40
2200
380LX222M100A012
0.121
0.078
3.14
3.61
35 x 25
3300
380LX332M080K022
0.085
0.065
3.20
3.70
30 x 30
2700
380LX272M100J452
0.104
0.068
3.70
4.30
25 x 45
3900
380LX392M080J452
0.080
0.060
3.60
4.10
25 x 45
2700
380LX272M100K032
0.104
0.068
3.70
4.30
30 x 35
3900
380LX392M080K032
0.080
0.060
3.60
4.10
30 x 35
2700
380LX272M100A022
0.104
0.068
3.70
4.30
35 x 30
4700
380LX472M080J052
0.065
0.050
4.10
4.70
25 x 50
3300
380LX332M100J052
0.090
0.060
4.10
4.70
25 x 50
4700
380LX472M080K042
0.065
0.050
4.10
4.70
30 x 40
3300
380LX332M100K042
0.090
0.060
4.10
4.70
30 x 40
5600
380LX562M080K452
0.055
0.040
4.60
5.20
30 x 45
3900
380LX392M100K452
0.080
0.050
4.50
5.20
30 x 45
5600
380LX562M080A032
0.055
0.040
4.60
5.20
35 x 35
3900
380LX392M100A032
0.080
0.050
4.50
5.20
35 x 35
6800
380LX682M080K052
0.045
0.035
5.20
5.90
30 x 50
4700
380LX472M100K052
0.070
0.050
5.10
5.90
30 x 50
6800
380LX682M080A042
0.045
0.035
5.20
5.90
35 x 40
4700
380LX472M100A042
0.070
0.050
5.10
5.90
35 x 40
8200
380LX822M080A052
0.040
0.030
5.80
6.70
35 x 50
5600
382LX562M100N042
0.060
0.045
5.80
6.60
40 x 40
8200
382LX822M080N042
0.040
0.030
5.83
6.70
40 x 40
5600
380LX562M100A452
0.060
0.040
5.80
6.60
35 x 45
10000 380LX103M080A062
0.033
0.025
6.40
7.34
35 x 63
6800
380LX682M100A052
0.050
0.040
6.60
7.60
35 x 50
12000 380L123M080A072
0.020
0.012
8.10
9.00
35 x 70
6800
380L682M100A062
0.024
0.014
7.20
8.10
35 x 63
12000 382L123M080N052
0.025
0.016
7.50
8.00
40 x 50
6800
382L682M100N052
0.026
0.017
7.40
7.90
40 x 50
15000 380L153M080A082
0.017
0.010
8.80
9.60
35 x 80
8200
380LX822M100A062
0.040
0.030
7.00
8.10
35 x 63
15000 382L153M080N062
0.020
0.013
8.50
9.20
40 x 63
8200
380L822M100A072
0.021
0.012
8.00
8.90
35 x 70
18000 382L183M080N082
0.014
0.009
10.30
10.80
40 x 80
8200
382LX822M100N052
0.040
0.030
7.30
8.40
40 x 50
18000 382LX183M080B052V 0.023
0.017
10.00
11.50
50 x 50
8200
382L822M100N062
0.021
0.013
8.40
9.10
40 x 63
22000 380LX223M080A102
0.015
0.011
9.86
11.34
35 x 105
10000 380LX103M100A082
0.033
0.025
8.70
9.60
35 x 80
22000 382LX223M080B062V 0.019
0.014
11.08
12.74
50 x 63
10000 382LX103M100N062
0.033
0.025
8.00
9.20
40 x 63
27000 382LX273M080N102
0.015
0.012
11.35
13.05
40 x 105
10000 382LX103M100B052V 0.033
0.025
8.82
10.14
50 x 50
27000 382LX273M080B082V 0.015
0.012
12.33
14.18
50 x 80
12000 382LX123M100N082
0.028
0.021
8.65
10.00
40 x 80
33000 382LX333M080B092V 0.014
0.010
13.37
15.38
50 x 92
12000 380LX123M100A102
0.028
0.021
8.57
9.86
35 x 105
39000 382LX393M080B102V 0.013
0.010
14.34
16.49
50 x 105
15000 382LX153M100N102
0.022
0.017
10.12
11.64
40 x 105
100 Vdc (125 Vdc Surge)
15000 382LX153M100B062V 0.022
0.017
10.07
11.58
50 x 63
470
380LX471M100H202
0.450
0.300
1.00
1.20
22 x 20
18000 382LX183M100B082V 0.018
0.014
11.00
12.65
50 x 80
470
380LX471M100H012
0.450
0.300
1.10
1.30
22 x 25
22000 382LX223M100B092V 0.015
0.011
11.76
13.52
50 x 92
560
380LX561M100H012
0.400
0.250
1.30
1.50
22 x 25
27000 382LX273M100B102V 0.014
0.010
12.53
14.41
50 x 105
680
380LX681M100H012
0.320
0.210
1.60
1.85
22 x 25
160 Vdc (200 Vdc Surge)
680
380LX681M100J202
0.390
0.295
1.10
1.30
25 x 20
220
380LX221M160H202
1.000
0.500
0.80
1.10
22 x 20
1000
380LX102M100H022
0.220
0.150
2.00
2.30
22 x 30
220
380LX221M160H012
0.850
0.420
0.90
1.25
22 x 25
1000
380LX102M100J012
0.220
0.150
2.00
2.30
25 x 25
270
380LX271M160H012
0.700
0.340
1.20
1.65
22 x 25
1000
380LX102M100K202
0.250
0.165
1.20
1.40
30 x 20
270
380LX271M160J202
0.800
0.400
0.90
1.20
25 x 20


Similar Part No. - 380LX183M025K032

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
380LX183M025K032 CDE-380LX183M025K032 Datasheet
464Kb / 12P
   High-Capacitance Snap-In
logo
List of Unclassifed Man...
380LX183M025K032 ETC2-380LX183M025K032 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Cornell Dubilier Electr...
380LX183M025K032 CDE-380LX183M025K032 Datasheet
575Kb / 12P
   Latest available ratings, worldwide
380LX183M025K032 CDE-380LX183M025K032 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 380LX183M025K032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LQ ETC2-380LQ Datasheet
411Kb / 6P
   85 ?C Compact, High-Capacitance Snap-in
380LX473M016K052 ETC2-380LX473M016K052 Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Vishay Siliconix
80D VISHAY-80D_12 Datasheet
92Kb / 4P
   Aluminum Capacitors 85 °C, Snap-In
Revision: 29-Aug-11
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
82DA VISHAY-82DA Datasheet
189Kb / 3P
   Aluminum Capacitors 85 C, Snap-in, General Purpose
Revision: 23-May-05
82D VISHAY-82D Datasheet
362Kb / 6P
   Aluminum Capacitors 85 °C, Snap-In, General Purpose
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
380L CDE-380L Datasheet
464Kb / 12P
   High-Capacitance Snap-In
DCMC283U6R3AK2B CDE-DCMC283U6R3AK2B Datasheet
628Kb / 14P
   85 ?C High Capacitance, Screw Terminal, Aluminum
LPX391M160A1P3 CDE-LPX391M160A1P3 Datasheet
158Kb / 3P
   85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com