Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

325982U025JP1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 325982U025JP1
Description  –55 ?C to 125 ?C Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

325982U025JP1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  325982U025JP1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 325982U025JP1 Datasheet HTML 2Page - List of Unclassifed Manufacturers 325982U025JP1 Datasheet HTML 3Page - List of Unclassifed Manufacturers 325982U025JP1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 325/326, –55 ºC to 125 ºC Long-Life, Switching Power Grade Radial
High Temperature and Ultra-Low ESR
The Types 325 and 326 are the ultra-wide-temperature, low-ESR
capacitors for switching power-supply outputs and automotive applications.
The 125 °C capability and exceptionally low ESRs enable high ripple-
current capability. With series inductance of 12 to 16 nH and ripple currents
to 27 amps one of these capacitors can save by replacing eight to ten of the
12.5 mm diameter capacitors routinely at the output of switching power
supplies. Type 325 has three leads for rugged, reverse-proof mounting, and
Type 326 has two leads
.
Highlights
2000 hour life test at 125 °C
Ripple Current to 27 amps
ESRs to 5 m
> 90% capacitance at –40 °C
Replaces multiple capacitors
Specifications
Type 325
Type 326
Operating Temperature:
–55 °C to 125 °C
Rated Voltage:
6.3 to 63 Vdc –
Capacitance:
880 µF to 46,000 µF
Capacitance Tolerance:
–10 +75%
Leakage Current:
≤0.5 √CV µA, 4 mA max, 5 minutes
Cold Impedance:
–55 °C multiple of 25 °C Z ≤2.5 @ 120 Hz
≤20 from 20–100 kHz
Ambient Temperature
Ripple Current Multipliers:
Life Test:
2000 h with rated voltage at 125 °C
∆ capacitance ± 10%
ESR 125 % of limit
DCL 100 % of limit
Load Life:
4000 h at full load at 85 °C
∆ capacitance ± 10%
ESR 200 % of limit
DCL 100 % of limit
Shelf Life
:
500 h at 105 °C,
∆ capacitance ± 10%,
ESR 110% of limit,
DCL 200% of limit
Vibration:
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
Outline Drawings
45ºC
55ºC 65ºC
75ºC
85ºC
95ºC
105ºC 115ºC 125ºC
1.39
1.3
1.21
1.11
1.00
0.88
0.73
0.55
0.26
120 Hz
360 Hz
400 Hz
1 kHz
20-100 kHz
see ratings
0.76
0.77
0.85
1.00
Frequency
Complies with the EU Directive
2002/95/EC requirement
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls
(PBB) and PolyBrominated
Diphenyl Ethers (PBDE).


Similar Part No. - 325982U025JP1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
325982U025JP1 CDE-325982U025JP1 Datasheet
331Kb / 4P
   Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR
325982U025JP1 CDE-325982U025JP1 Datasheet
1Mb / 5P
   High Temperature and Ultra-Low ESR
More results

Similar Description - 325982U025JP1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
325 CDE-325 Datasheet
331Kb / 4P
   Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR
logo
List of Unclassifed Man...
330153U6R3GT2 ETC2-330153U6R3GT2 Datasheet
365Kb / 5P
   -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
logo
Cornell Dubilier Electr...
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
300 CDE-300 Datasheet
487Kb / 11P
   Long-Life, Switching Power Grade Radial
MLS193M5R0EK0C CDE-MLS193M5R0EK0C Datasheet
467Kb / 4P
   125 ?C Stainless Flatpack,Ultra-Long Life, Aluminum
logo
RFE international
RUK RFE-RUK Datasheet
989Kb / 5P
   Aluminum Electrolytic Capacitors RUK Series: Radial, Long Life, 125°C
07-OCT-2023
logo
List of Unclassifed Man...
400C262M100AK8 ETC2-400C262M100AK8 Datasheet
343Kb / 6P
   95 ?C, Long-Life, C Radial Leaded, Aluminum Electrolytic
logo
Cornell Dubilier Electr...
400C CDE-400C Datasheet
343Kb / 6P
   Long-Life, C Radial Leaded, Aluminum Electrolytic
MLP193M7R5EK0A CDE-MLP193M7R5EK0A Datasheet
454Kb / 5P
   85 ?C Flatpack, Ultra-Long Life, Aluminum
ATB CDE-ATB Datasheet
341Kb / 2P
   105°C Long Life, Low Impedance
Sep-21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com