Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

330R223U016JT2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 330R223U016JT2
Description  -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

330R223U016JT2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  330R223U016JT2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 330R223U016JT2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 330R223U016JT2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 330R223U016JT2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 330R223U016JT2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Type 330 –55 °C to 105 °C Ultra-Long-Life, Switching Power Grade Radial
Type 330 –55 °C to 105 °C Ultra-Long-Life, Switching Power Grade Radial
Type 330 –55 °C to 105 °C Ultra-Long-Life, Switching Power Grade Radial
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864) 843-2277 • Fax: (864) 843-3800 • www.cde.com
ESR Max.
25 ºC
120 Hz
20 kHz
Ripple Amps,
Max. 85 ºC
120 Hz
20 kHz
Nominal
Size
D X L
(in)
Cap.
(µF)
Catalog
Part Number
(mΩ)
(mΩ)
(A)
(A)
75 Vdc (100 Vdc Surge) (cont'd.)
1800 330R182U075GT2
54.3
23.4
4.96
7.13
0.77 X 3.65
2200 330222U075HP2
60.6
27.9
4.39
6.11
0.895 X 2.65
2200 330R222U075HP2
48.5
20.9
4.91
7.06
0.895 X 2.65
2200 330222U075JL2
60.8
30.4
4.24
5.65
1.02 X 2.15
2200 330R222U075JL2
46.2
20.3
4.86
6.91
1.02 X 2.15
2700 330272U075HS2
49.2
22.6
5.32
7.39
0.895 X 3.15
2700 330R272U075HS2
39.1
16.8
5.96
8.57
0.895 X 3.15
2700 330272U075HT2
41.8
19.2
6.17
8.58
0.895 X 3.65
2700 330R272U075HT2
32.9
14.2
6.95
9.99
0.895 X 3.65
2700 330272U075JP2
46.4
23.2
5.39
7.18
1.02 X 2.65
2700 330R272U075JP2
35.0
15.4
6.21
8.82
1.02 X 2.65
3300 330332U075JS2
37.9
19.0
6.47
8.63
1.02 X 3.15
3300 330R332U075JS2
28.3
12.5
7.49
10.60
1.02 X 3.15
3900 330392U075JT2
32.4
16.2
7.53
10.00
1.02 X 3.65
3900 330R392U075JT2
23.9
10.5
8.76
12.40
1.02 X 3.65
100 Vdc (140 Vdc Surge)
820 330821U100GT2
99.5
37.8
3.67
5.61
0.77 X 3.65
820 330R821U100GT2
86.2
32.8
3.94
6.02
0.77 X 3.65
1000 330102U100HP2
94.7
36.0
3.51
5.38
0.895 X 2.65
1000 330R102U100HP2
78.1
29.7
3.87
5.92
0.895 X 2.65
1000 330102U100JL2
92.7
37.1
3.43
5.12
1.02 X 2.15
1000 330R102U100JL2
73.8
28.8
3.85
5.81
1.02 X 2.15
1200 330122U100HS2
76.5
29.1
4.26
6.52
0.895 X 3.15
1200 330R122U100HS2
62.8
23.9
4.71
7.20
0.895 X 3.15
1200 330122U100HT2
64.5
24.5
4.96
7.59
0.895 X 3.65
1200 330R122U100HT2
52.6
20.0
5.50
8.41
0.895 X 3.65
1200 330122U100JP2
70.3
28.1
4.38
6.53
1.02 X 2.65
1200 330R122U100JP2
55.7
21.7
4.92
7.43
1.02 X 2.65
1500 330152U100JS2
57.0
22.8
5.28
7.87
1.02 X 3.15
1500 330R152U100JS2
44.9
17.5
5.95
8.99
1.02 X 3.15
ESR Max.
25 ºC
120 Hz
20 kHz
Ripple Amps,
Max. 85 ºC
120 Hz
20 kHz
Nominal
Size
D X L
(in)
Cap.
(µF)
Catalog
Part Number
(mΩ)
(mΩ)
(A)
(A)
100 Vdc (140 Vdc Surge) (cont'd.)
2200 330222U100JT2
48.3
19.3
6.17
9.19
1.02 X 3.65
2200 330R222U100JT2
37.7
14.7
6.97
10.50
1.02 X 3.65
160 Vdc (200 Vdc Surge)
330 330331T160GT2
306
116
2.09
3.20
0.77 X 3.65
390 330391T160HP2
268
102
2.09
3.19
0.895 X 2.65
390 330391T160JL2
278
111
1.98
2.95
1.02 X 2.15
470 330471T160HS2
226
85.7
2.48
3.80
0.895 X 3.15
470 330471T160JP2
228
91.4
2.43
3.62
1.02 X 2.65
560 330561T160HT2
189
71.8
2.90
4.44
0.895 X 3.65
560 330561T160JS2
184
73.5
2.94
4.39
1.02 X 3.15
680 330681T160JT2
154
61.6
3.45
5.15
1.02 X 3.65
200 Vdc (250 Vdc Surge)
330 330331T200GT2
384
177
1.87
2.59
0.77 X 3.65
330 330331T200HP2
358
165
1.81
2.51
0.895 X 2.65
390 330391T200HS2
288
132
2.20
3.06
0.895 X 3.15
390 330391T200JL2
339
156
1.79
2.49
1.02 X 2.15
470 330471T200HT2
240
111
2.57
3.57
0.895 X 3.65
470 330471T200JP2
255
117
2.30
3.19
1.02 X 2.65
560 330561T200JS2
205
94.4
2.78
3.87
1.02 X 3.15
680 330681T200JT2
172
79.1
3.27
4.54
1.02 X 3.65
250 Vdc (300 Vdc Surge)
270 330271T250GT2
455
191
1.72
2.50
0.77 X 3.65
270 330271T250HP2
423
178
1.66
2.42
0.895 X 2.65
270 330271T250JL2
400
168
1.65
2.40
1.02 X 2.15
330 330331T250HS2
340
143
2.02
2.94
0.895 X 3.15
390 330391T250HT2
284
119
2.37
3.44
0.895 X 3.65
390 330391T250JP2
301
126
2.12
3.08
1.02 X 2.65
470 330471T250JS2
242
102
2.56
3.73
1.02 X 3.15
560 330561T250JT2
202
85.0
3.01
4.38
1.02 X 3.65


Similar Part No. - 330R223U016JT2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
330R223U016JT2 CDE-330R223U016JT2 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
330R223U016JT2 CDE-330R223U016JT2 Datasheet
470Kb / 6P
   High Ripple and Ultra-Long Life
More results

Similar Description - 330R223U016JT2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
330 CDE-330 Datasheet
365Kb / 5P
   Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
330 CDE-330_15 Datasheet
470Kb / 6P
   High Ripple and Ultra-Long Life
logo
List of Unclassifed Man...
325442U6R3GE1 ETC2-325442U6R3GE1 Datasheet
331Kb / 4P
   –55 ?C to 125 ?C Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
logo
Cornell Dubilier Electr...
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
   SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
logo
RUBYCON CORPORATION
35YXG1000MEFCG412.5X25 RUBYCON-35YXG1000MEFCG412.5X25 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
50YXG220M10X16 RUBYCON-50YXG220M10X16 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
25YXG100MEFC6.3X11 RUBYCON-25YXG100MEFC6.3X11 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com