Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9198A-15PBG Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9198A-15PBG
Description  300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9198A-15PBG Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9198A-15PBG Datasheet HTML 2Page - Richtek Technology Corporation RT9198A-15PBG Datasheet HTML 3Page - Richtek Technology Corporation RT9198A-15PBG Datasheet HTML 4Page - Richtek Technology Corporation RT9198A-15PBG Datasheet HTML 5Page - Richtek Technology Corporation RT9198A-15PBG Datasheet HTML 6Page - Richtek Technology Corporation RT9198A-15PBG Datasheet HTML 7Page - Richtek Technology Corporation RT9198A-15PBG Datasheet HTML 8Page - Richtek Technology Corporation RT9198A-15PBG Datasheet HTML 9Page - Richtek Technology Corporation RT9198A-15PBG Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
RT9198/A
6
DS9198/A-12 May 2008
www.richtek.com
Typical Operating Characteristics
PSRR
-80
-60
-40
-20
0
20
0.01
0.1
1
10
100
1000
Frequency (kHz)
VOUT = 2.5V
ILOAD = 10mA
ILOAD = 100mA
CIN = COUT = 1uF, X7R
10
100
1K
10K
100K
1M
(Hz)
Current Limit vs. Input Voltage
300
350
400
450
500
550
600
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
Input Voltage (V)
RT9198/A-15
CIN = COUT = 1uF
Quiesent Current vs. Temperature
60
65
70
75
80
85
90
95
100
-50
-25
0
25
50
75
100
125
Temperature (
°C)
RT9198/A-15
VIN = 3.3V
CIN = COUT = 1uF
Output Voltage vs. Temperature
1.6
1.7
1.8
1.9
2
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VIN = 5V
CIN = COUT = 1uF
No Load
Dropout Voltage vs. Load Current
0
50
100
150
200
250
300
0
0.05
0.1
0.15
0.2
0.25
0.3
Load Current (A)
RT9198/A-33
CIN = COUT = 1uF
TJ = 125°C
TJ = 25°C
TJ = -40°C
EN Pin Shutdown Threshold vs. Temperature
0.25
0.5
0.75
1
1.25
1.5
-50
-25
0
25
50
75
100
125
Temperature (
°C)
RT9198/A-15
VIN = 3.3V
CIN = COUT = 1uF


Similar Part No. - RT9198A-15PBG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9198A-15PB RICHTEK-RT9198A-15PB Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
RT9198A-15PBR RICHTEK-RT9198A-15PBR Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
More results

Similar Description - RT9198A-15PBG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198 Datasheet
251Kb / 15P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
   300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
   300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com