Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

350HL382U016C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 350HL382U016C
Description  105 ?C, Low Inductance, Radial, Aluminum Electrolytic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

350HL382U016C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  350HL382U016C Datasheet HTML 1Page - List of Unclassifed Manufacturers 350HL382U016C Datasheet HTML 2Page - List of Unclassifed Manufacturers 350HL382U016C Datasheet HTML 3Page - List of Unclassifed Manufacturers 350HL382U016C Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CDM Cornell Dubilier
140 Technology Place Liberty, SC 29657 Phone: (864)843-2277 Fax: (864)843-3800 www.cde.com
Type 350 105 ºC, Low Inductance, Radial, Aluminum Electrolytic
ESR Max Ω
Imped.
Ripple
Nom
Cap
Catalog
+25 ºC
Ω +25 ºC A +85 ºC
Size (in)
(µF)
Part Number
120 Hz
20 kHz
100 kHz
20 kHz
DxL
20 Vdc (25 Vdc Surge)
2100
350GL212U020C
0.050
0.020
0.020
6.2
3/4 x 2 1/8
2200
350HJ222U020C
0.051
0.022
0.022
5.3
7/8 x 1 5/8
2800
350GP282U020C
0.040
0.017
0.017
7.5
3/4 x 2 5/8
3000
350JJ302U020C
0.043
0.020
0.020
5.8
1 x 1 5/8
3200
350HL322U020C
0.036
0.016
0.018
7.0
7/8 x 2 1/8
4200
350HP422U020C
0.029
0.014
0.016
8.3
7/8 x 2 5/8
4500
350JL452U020C
0.031
0.014
0.016
7.6
1 x 2 1/8
5900
350JP592U020C
0.025
0.012
0.015
9.1
1 x 2 5/8
25 Vdc (30 Vdc Surge)
600
350GE601U025C
0.140
0.050
0.042
2.9
3/4 x 1 1/8
900
350HE901U025C
0.100
0.039
0.035
3.4
7/8 x 1 1/8
1100
350GJ112U025C
0.079
0.029
0.026
4.1
3/4 x 1 5/8
1300
350JE132U025C
0.082
0.034
0.031
3.6
1 x 1 1/8
1500
350GL152U025C
0.056
0.021
0.020
6.0
3/4 x 2 1/8
1600
350HJ162U025C
0.057
0.023
0.022
5.1
7/8 x 1 5/8
2000
350GP202U025C
0.044
0.017
0.017
7.3
3/4 x 2 5/8
2300
350HL232U025C
0.040
0.017
0.018
6.8
7/8 x 2 1/8
2300
350JJ232U025C
0.047
0.020
0.021
5.6
1 x 1 5/8
3100
350HP312U025C
0.032
0.014
0.016
8.2
7/8 x 2 5/8
3300
350JL332U025C
0.034
0.015
0.017
74.0
1 x 2 1/8
4300
350JP432U025C
0.027
0.013
0.016
8.9
1 x 2 5/8
30 Vdc (40 Vdc Surge)
450
350GE451U030C
0.155
0.052
0.043
2.8
3/4 x 1 1/8
700
350HE701U030C
0.110
0.041
0.035
3.3
7/8 x 1 1/8
800
350GJ801U030C
0.088
0.030
0.026
4.0
3/4 x 1 5/8
950
350JE951U030C
0.089
0.036
0.032
3.4
1 x 1 1/8
1100
350GL112U030C
0.062
0.022
0.02
5.8
3/4 x 2 1/8
1200
350HJ122U030C
0.062
0.024
0.023
5.0
7/8 x 1 5/8
1500
350GP152U030C
0.048
0.018
0.017
7.1
3/4 x 2 5/8
1700
350JJ172U030C
0.050
0.021
0.021
5.5
1 x 1 5/8
1800
350HL182U030C
0.044
0.017
0.018
6.6
7/8 x 2 1/8
2300
350HP232U030C
0.035
0.015
0.016
8.0
7/8 x 2 5/8
2500
350JL252U030C
0.036
0.016
0.017
7.2
1 x 2 1/8
3200
350JP322U030C
0.029
0.013
0.016
8.6
1 x 2 5/8
40 Vdc (50 Vdc Surge)
320
350GE321U040C
0.176
0.054
0.043
2.7
3/4 x 1 1/8
500
350HE501U040C
0.123
0.042
0.035
3.2
7/8 x 1 1/8
600
350GJ601U040C
0.100
0.031
0.026
3.9
3/4 x 1 5/8
700
350JE701U040C
0.099
0.037
0.032
3.4
1 x 1 1/8
850
350GL851U040C
0.070
0.023
0.02
5.7
3/4 x 2 1/8
900
350HJ901U040C
0.070
0.025
0.023
4.9
7/8 x 1 5/8
1100
350GP112U040C
0.055
0.018
0.017
6.9
3/4 x 2 5/8
1200
350JJ122U040C
0.056
0.022
0.021
5.4
1 x 1 5/8
1300
350HL132U040C
0.049
0.018
0.018
6.5
7/8 x 2 1/8
1700
350HP172U040C
0.039
0.015
0.016
7.9
7/8 x 2 5/8
1800
350JL182U040C
0.040
0.016
0.017
7.1
1 x 2 1/8
2300
350JP232U040C
0.032
0.013
0.016
8.5
1 x 2 5/8
ESR Max Ω
Imped.
Ripple
Nom
Cap
Catalog
+25 ºC
Ω +25 ºC A +85 ºC
Size (in)
(µF)
Part Number
120 Hz
20 kHz
100 kHz
20 kHz
DxL
50 Vdc (75 Vdc Surge)
250
350GE251U050C
0.195
0.057
0.043
2.6
3/4 x 1 1/8
370
350HE371U050C
0.135
0.044
0.036
3.1
7/8 x 1 1/8
450
350GJ451U050C
0.110
0.033
0.026
3.8
3/4 x 1 5/8
500
350JE501U050C
0.105
0.038
0.033
3.3
1 x 1 1/8
650
350GL651U050C
0.077
0.024
0.020
5.5
3/4 x 2 1/8
680
350HJ681UO5OC
0.076
0.026
0.023
4.7
7/8 x 1 5/8
800
350GP801U050C
0.060
0.019
0.018
6.7
3/4 x 2 5/8
900
350JJ901U050C
0.060
0.022
0.022
5.2
1 x 1 5/8
1000
350HL102U050C
0.054
0.019
0.019
6.3
7/8 x 2 1/8
1300
350HP132U050C
0.043
0.016
0.017
7.7
7/8 x 2 5/8
1300
350JL132U050C
0.043
0.017
0.018
7.0
1 x 2 1/8
1800
350JP182U050C
0.034
0.014
0.016
8.4
1 x 2 5/8
60 Vdc (85 Vdc Surge)
220
350GE221U060C
0.210
0.060
0.044
2.5
3/4 x 1 1/8
330
350HE331U060C
0.145
0.045
0.036
3.0
7/8 x 1 1/8
350
350GJ351U060C
0.120
0.034
0.027
3.7
3/4 x 1 5/8
460
350JE461U060C
0.114
0.039
0.034
3.2
1 x 1 1/8
500
350GL501U060C
0.082
0.024
0.020
5.4
3/4 x 2 1/8
560
350HJ561U060C
0.082
0.027
0.023
4.6
7/8 x 1 5/8
75 Vdc (95 Vdc Surge)
150
350GE151U075C
0.640
0.240
0.240
1.7
3/4 x 1 1/8
230
350HE231U075C
0.400
0.145
0.145
2.2
7/8 x 1 1/8
250
350GJ251U075C
0.320
0.135
0.135
2.6
3/4 x 1 5/8
320
350JE321U075C
0.280
0.110
0.110
2.5
1 x 1 1/8
340
350GL341U075C
0.215
0.100
0.100
3.9
3/4 x 2 1/8
390
350HJ391U075C
0.210
0.090
0.090
3.5
7/8 x 1 5/8
460
350GP461U075C
0.160
0.074
0.074
5.0
3/4 x 2 5/8
530
350HL531U075C
0.140
0.067
0.067
5.0
7/8 x 2 1/8
540
350JJ541U075C
0.155
0.068
0.068
4.0
1 x 1 5/8
710
350HP711U075C
0.106
0.050
0.050
6.4
7/8 x 2 5/8
740
350JL741U075C
0.105
0.051
0.051
5.6
1 x 2 1/8
1000
350JP101U075C
0.078
0.038
0.038
7.0
1 x 2 5/8
100 Vdc (125 Vdc Surge)
90
350GE090U100C
0.800
0.240
0.240
1.7
3/4 x 1 1/8
140
350HE141U100C
0.500
0.160
0.160
2.2
7/8 x 1 1/8
160
350GJ161U100C
0.440
0.142
0.142
2.3
3/4 x 1 5/8
200
350JE201U100C
0.400
0.130
0.130
2.4
1 x 1 1/8
210
350GL211U100C
0.295
0.105
0.105
3.5
3/4 x 2 1/8
240
350HJ241U100C
0.290
0.095
0.095
3.2
7/8 x 1 5/8
290
350GP291U100C
0.220
0.078
0.078
4.6
3/4 x 2 5/8
330
350HL331U100C
0.195
0.071
0.071
4.5
7/8 x 2 1/8
340
350JJ341U100C
0.210
0.071
0.071
3.7
1 x 1 5/8
450
350HP451U100C
0.145
0.053
0.053
5.8
7/8 x 2 5/8
460
350JL461U100C
0.140
0.053
0.040
6.7
1 x 2 1/8
620
350JP621U100C
0.105
0.040
0.040
6.7
1 x 2 5/8
Ratings


Similar Part No. - 350HL382U016C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
350HL382U016C CDE-350HL382U016C Datasheet
182Kb / 4P
   Low Inductance, Radial, Aluminum Electrolytic High Frequency, Solid Aluminum Top
350HL382U016C CDE-350HL382U016C Datasheet
207Kb / 5P
   High Frequency, Solid Aluminum Top
More results

Similar Description - 350HL382U016C

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
logo
RFE international
RA220M1CBK050110 RFE-RA220M1CBK050110_V01 Datasheet
987Kb / 4P
   Aluminum Electrolytic Capacitors RA Series: Radial, Very Low Leakage, 105°C
31-AUG-2023
RGA RFE-RGA Datasheet
1Mb / 6P
   Aluminum Electrolytic Capacitors RGA Series: Radial High Temperature, 105°C
06-OCT-2023
RNG RFE-RNG Datasheet
814Kb / 1P
   Aluminum Electrolytic Capactiors RNG Series: Radial Bi-Polar, 105°C
01.06.2022
RGL RFE-RGL Datasheet
991Kb / 5P
   Aluminum Electrolytic Capacitors RGL Series: Radial, Slim Type, 105°C
06-OCT-2023
logo
Cornell Dubilier Electr...
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
   SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
350 CDE-350 Datasheet
182Kb / 4P
   Low Inductance, Radial, Aluminum Electrolytic High Frequency, Solid Aluminum Top
logo
Vishay Siliconix
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com