Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS4W107T Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NS4W107T
Description  TYPE WHITE LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NS4W107T Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NS4W107T Datasheet HTML 6Page - NICHIA CORPORATION NS4W107T Datasheet HTML 7Page - NICHIA CORPORATION NS4W107T Datasheet HTML 8Page - NICHIA CORPORATION NS4W107T Datasheet HTML 9Page - NICHIA CORPORATION NS4W107T Datasheet HTML 10Page - NICHIA CORPORATION NS4W107T Datasheet HTML 11Page - NICHIA CORPORATION NS4W107T Datasheet HTML 12Page - NICHIA CORPORATION NS4W107T Datasheet HTML 13Page - NICHIA CORPORATION NS4W107T Datasheet HTML 14Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
-9-
(6) Soldering Conditions
· The LEDs can be soldered in place using the reflow soldering method.
Nichia cannot make a
guarantee on the LEDs after they have been assembled using the dip or hand soldering method.
· Recommended soldering conditions
Reflow Soldering
Lead Solder
Lead-free Solder
Pre-heat
Pre-heat time
Peak
temperature
Soldering time
Condition
120
~ 150°C
120 sec. Max.
240°C Max.
10 sec. Max.
refer to
Temperature - profile
1.
180
~ 200°C
120 sec. Max.
260°C Max.
10 sec. Max.
refer to
Temperature - profile
2.
(N2 reflow is recommended.)
Although the recommended soldering conditions are specified in the above table, reflow
soldering at the lowest possible temperature is desirable for the LEDs.
A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature.
[Temperature-profile (Surface of circuit board)]
Use the conditions shown to the under figure.
[Recommended soldering pad design]
Use the following conditions shown in the figure.
· Occasionally there is a brightness decrease caused by the influence of heat or ambient atmosphere
during air reflow.
It is recommended that the User use the nitrogen reflow method.
· Repairing should not be done after the LEDs have been soldered.
When repairing is unavoidable,
a hot plate should be used.
It should be confirmed beforehand whether the characteristics of the LEDs
will or will not be damaged by repairing.
· Reflow soldering should not be done more than two times.
· Die Heat sink is to be soldered.
· When soldering, do not put stress on the LEDs during heating.
· After soldering, do not warp the circuit board.
(Unit : mm)
4.0
2.8
1.8
4-R0.3
120sec.Max.
Pre-heating
260°C Max.
10sec. Max.
60sec.Max.
Above 220°C
1 ~ 5°C / sec.
1 ~ 5°C / sec.
180 ~ 200°C
Pre-heating
240°C Max.
10sec. Max.
60sec.Max.
Above 200
°C
2.5 ~ 5°C / sec.
2.5 ~ 5°C / sec.
120 ~ 150°C
120sec.Max.
Nichia STS-DA1-0202
<Cat.No.080513>


Similar Part No. - NS4W107T

ManufacturerPart #DatasheetDescription
logo
Shenzhen Naxinwei Techn...
NS4110 NSIWAY-NS4110 Datasheet
611Kb / 14P
   Class AB/D dual-mode, 10W mono audio amplifier
V1.0
logo
Shenzhenshi YONGFUKANG ...
NS4110B YONGFUKANG-NS4110B Datasheet
1Mb / 9P
   NS4110B Ultra Low EMI, Differential Input, 20W Mono AB/D Class Audio Power Amplifier
logo
List of Unclassifed Man...
NS4110B ETC-NS4110B Datasheet
1Mb / 11P
   18W Mono Class AB/D Dual Mode Audio Power Amplifier
2017 V1.0
NS4148 ETC1-NS4148 Datasheet
1Mb / 16P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Shenzhenshi YONGFUKANG ...
NS4149 YONGFUKANG-NS4149 Datasheet
754Kb / 14P
   Ultra low EMI, no filter, 3W mono digital audio amplifier
More results

Similar Description - NS4W107T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSCW455AT NICHIA-NSCW455AT Datasheet
284Kb / 13P
   TYPE WHITE LED
NSCW505CT NICHIA-NSCW505CT Datasheet
276Kb / 13P
   TYPE WHITE LED
NESW005T NICHIA-NESW005T Datasheet
269Kb / 13P
   TYPE WHITE LED
NSSW008CT-P1 NICHIA-NSSW008CT-P1 Datasheet
284Kb / 13P
   TYPE WHITE LED
NESW021T NICHIA-NESW021T Datasheet
371Kb / 13P
   TYPE WHITE LED
NSSW045T NICHIA-NSSW045T Datasheet
328Kb / 13P
   TYPE WHITE LED
NESW064AT NICHIA-NESW064AT Datasheet
309Kb / 13P
   TYPE WHITE LED
NSSW061AT NICHIA-NSSW061AT Datasheet
433Kb / 14P
   TYPE WHITE LED
NSSW064T NICHIA-NSSW064T Datasheet
305Kb / 13P
   TYPE WHITE LED
NSSW105T NICHIA-NSSW105T Datasheet
310Kb / 13P
   TYPE WHITE LED
NNSW108T NICHIA-NNSW108T Datasheet
315Kb / 14P
   TYPE WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com