Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTG3413CFB Datasheet(PDF) 1 Page - Humirel

Part # HTG3413CFB
Description  RELATIVE HUMIDITY AND TEMPERATURE MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTG3413CFB Datasheet(HTML) 1 Page - Humirel

  HTG3413CFB Datasheet HTML 1Page - Humirel HTG3413CFB Datasheet HTML 2Page - Humirel HTG3413CFB Datasheet HTML 3Page - Humirel HTG3413CFB Datasheet HTML 4Page - Humirel HTG3413CFB Datasheet HTML 5Page - Humirel HTG3413CFB Datasheet HTML 6Page - Humirel HTG3413CFB Datasheet HTML 7Page - Humirel HTG3413CFB Datasheet HTML 8Page - Humirel HTG3413CFB Datasheet HTML 9Page - Humirel Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
________________________________________________________________________________________
Humirel HTG3400 Series Datasheet / HPC124 Rev A November 2007
1
HTG3400 Series
Compliant with RoHS regulations
RELATIVE HUMIDITY AND TEMPERATURE MODULE
Based on the rugged HUMIREL humidity sensor, the HTG3400 series are dedicated humidity and temperature plug and
play transducers designed for OEM applications where reliable and accurate measurements are needed. Direct interface
with a micro-controller is made possible with the modules humidity linear frequency and direct NTC outputs. The
HTG3400 series are designed for high volume and demanding applications, where power consumption is critical.
HTG SERIES GENERAL CHARACTERISTICS
Main Features
Suitable for small bulk assembly
Product free from Lead, Cr (6+), Cd and Hg. Compliant with RoHS
Reliability not affected by repeated condensation
Full interchangeability. Better than +/-3%RH and +/-0.25°C
Demonstrated reliability and long term stability
Humidity calibrated within +/- 3% RH @ 55% RH
Temperature measurement through NTC direct output
Ratiometric to voltage supply within the specified range
HTG3400 Series are also available with a Humidity Linear Voltage Output : HTG3500 Series (HPC123_0)
Maximum Ratings
Storage Temperature
Tstg
- 40 to +125
°C
Supply Voltage (Peak)
Vcc
20
Vdc
Humidity Operating Range
RH
0 to 100
%RH
Temperature Operating Range
Ta
-40 to +110
°C
Maximum Output Current (Peak)
I peak
3
mA
Maximum Power
Pd
10
mW
Electrical Characteristics
(@T=23°C, RL>1MΩ unless otherwise noted)
Humidity Measuring Range
RH
0
100
%RH
Relative Humidity Accuracy (10% to 95%RH)
±3
±5
%RH
Temperature coefficient (10°C to 50°C)
Tcc
-0.05
-0.1
%RH/°C
Recovery time after 150 hours of condensation
t
10
s
Humidity hysteresis
+/-1
%RH
Output impedance
Z
50
Sink current capability (RL_Min = 8 kOhms) (1)
I
1
mA
Warm up time
tw
150
ms
Constant Time (at 63% of signal) 33%RH to 75%RH (2)
τ
5
10
s
(1) Conditions of sink current: Vout + 0.054V (3%RH) at Vout = 0.600 V (Vout min)
(2) At 1m/s air flow
*
Nominal resistance @ 25°C
R
9.9
10
10.1
k
Beta value : B25/50
B
3346
3380
3414
K
Temperature measuring range
Ta
-40
85
°C
Nominal Resistance Tolerance at 25°C
Rn
1
%
B value tolerance
B
1
%
Constant Time
10
s
* Except for low temperatures
OPERATING RANGE
0
25
50
75
100
-40
-20
0
20
40
60
80
100
TEMPERATURE IN °C
Maximum Humidity
of 250g/kg
Peak Condition
at 450g/kg


Similar Part No. - HTG3413CFB

ManufacturerPart #DatasheetDescription
logo
Humirel
HTG3413CFB HUMIREL-HTG3413CFB Datasheet
766Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
More results

Similar Description - HTG3413CFB

ManufacturerPart #DatasheetDescription
logo
Humirel
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTG3500 HUMIREL-HTG3500 Datasheet
766Kb / 10P
   RELATIVE HUMIDITY AND TEMPERATURE MODULE
logo
TE Connectivity Ltd
HTM2500LF TEC-HTM2500LF Datasheet
291Kb / 9P
   Temperature and Relative Humidity Module
logo
Humirel
HTM2500 HUMIREL-HTM2500_02 Datasheet
534Kb / 5P
   RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTM2500 HUMIREL-HTM2500 Datasheet
527Kb / 5P
   RELATIVE HUMIDITY/ TEMPERATURE MODULE
HTM1735 HUMIREL-HTM1735 Datasheet
1Mb / 5P
   ANALOG VOLTAGE RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
Vaisala
HMP7 VAISALA-HMP7 Datasheet
313Kb / 3P
   Relative Humidity and Temperature Probe
logo
Humirel
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
   TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
Vaisala
HMP8 VAISALA-HMP8 Datasheet
570Kb / 3P
   Relative Humidity and Temperature Probe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com